Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90867E Datasheet(PDF) 50 Page - Fujitsu Component Limited.

Part # MB90867E
Description  16-bit Proprietary Microcontroller CMOS
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90867E Datasheet(HTML) 50 Page - Fujitsu Component Limited.

Back Button MB90867E Datasheet HTML 46Page - Fujitsu Component Limited. MB90867E Datasheet HTML 47Page - Fujitsu Component Limited. MB90867E Datasheet HTML 48Page - Fujitsu Component Limited. MB90867E Datasheet HTML 49Page - Fujitsu Component Limited. MB90867E Datasheet HTML 50Page - Fujitsu Component Limited. MB90867E Datasheet HTML 51Page - Fujitsu Component Limited. MB90867E Datasheet HTML 52Page - Fujitsu Component Limited. MB90867E Datasheet HTML 53Page - Fujitsu Component Limited. MB90867E Datasheet HTML 54Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 67 page
background image
MB90860E Series
50
(6) Bus Timing (Write)
(TA
= −40 °C to +105 °C, VCC = 5.0 V ± 10%, VSS = 0.0 V, fCP ≤ 24 MHz)
Parameter
Symbol
Pin
Condition
Value
Unit
Min
Max
Valid address
→ WR ↓ time
tAVWL
A23 to A16,
AD15 to AD00,
WR
tCP
−15
ns
WR pulse width
tWLWH
WR
3 tCP/2
− 20
ns
Valid data output
→ WR ↑ time
tDVWH
AD15 to AD00,
WR
3 tCP/2
− 20
ns
WR
↑ → Data hold time
tWHDX
AD15 to AD00,
WR
15
ns
WR
↑ → Address valid time
tWHAX
A23 to A16, WR
tCP/2
− 10
ns
WR
↑ → ALE ↑ time
tWHLH
WR, ALE
tCP/2
− 15
ns
WR
↓ → CLK ↑ time
tWLCH
WR, CLK
tCP/2
− 15
ns
CLK
tWLCH
2.4 V
ALE
tWHLH
2.4 V
WR (WRL, WRH)
tWLWH
0.8 V
2.4 V
tAVWL
A23 to A16
0.8 V
2.4 V
2.4 V
0.8 V
tWHAX
AD15 to AD00
2.4 V
0.8 V
Address
0.8 V
2.4 V
Write data
tDVWH
0.8 V
2.4 V
tWHDX


Similar Part No. - MB90867E

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90867E FUJITSU-MB90867E Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller
MB90867EPF FUJITSU-MB90867EPF Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller
MB90867EPFV FUJITSU-MB90867EPFV Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller
MB90867ES FUJITSU-MB90867ES Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller
MB90867ESPF FUJITSU-MB90867ESPF Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90867E

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F867A FUJITSU-MB90F867A Datasheet
813Kb / 62P
   16-bit Proprietary Microcontroller CMOS
MB90800 FUJITSU-MB90800 Datasheet
810Kb / 88P
   16-bit Proprietary Microcontroller CMOS
MB90F394H FUJITSU-MB90F394H Datasheet
764Kb / 61P
   16-bit Proprietary Microcontroller CMOS
MB90F342E FUJITSU-MB90F342E Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
MB90340 FUJITSU-MB90340 Datasheet
1Mb / 84P
   16-bit Proprietary Microcontroller CMOS
MB90385 FUJITSU-MB90385 Datasheet
690Kb / 82P
   16-bit Proprietary Microcontroller CMOS
MB90495 FUJITSU-MB90495 Datasheet
484Kb / 40P
   16-bit Proprietary Microcontroller CMOS
MB90660A FUJITSU-MB90660A Datasheet
820Kb / 83P
   16-bit Proprietary Microcontroller CMOS
MB90F481 FUJITSU-MB90F481 Datasheet
1Mb / 113P
   16-bit Proprietary Microcontroller CMOS
MB90495G FUJITSU-MB90495G Datasheet
803Kb / 92P
   16-bit Proprietary Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com