Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90867E Datasheet(PDF) 48 Page - Fujitsu Component Limited.

Part # MB90867E
Description  16-bit Proprietary Microcontroller CMOS
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90867E Datasheet(HTML) 48 Page - Fujitsu Component Limited.

Back Button MB90867E Datasheet HTML 44Page - Fujitsu Component Limited. MB90867E Datasheet HTML 45Page - Fujitsu Component Limited. MB90867E Datasheet HTML 46Page - Fujitsu Component Limited. MB90867E Datasheet HTML 47Page - Fujitsu Component Limited. MB90867E Datasheet HTML 48Page - Fujitsu Component Limited. MB90867E Datasheet HTML 49Page - Fujitsu Component Limited. MB90867E Datasheet HTML 50Page - Fujitsu Component Limited. MB90867E Datasheet HTML 51Page - Fujitsu Component Limited. MB90867E Datasheet HTML 52Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 67 page
background image
MB90860E Series
48
(3) Power On Reset
(TA
= −40 °C to +105 °C, VCC = 5.0 V ± 10%, fCP ≤ 24 MHz, VSS = AVSS = 0.0 V)
(4) Clock Output Timing
(TA
= −40 °C to +105 °C, VCC = 5.0 V ± 10%, VSS = 0.0 V, fCP ≤ 24 MHz)
Parameter
Symbol
Pin
Condition
Value
Unit
Remarks
Min
Max
Power on rise time
tR
VCC
0.05
30
ms
Power off time
tOFF
VCC
1
ms
Due to repetitive operation
Parameter
Symbol
Pin
Condition
Value
Unit
Remarks
Min
Max
Cycle time
tCYC
CLK
62.5
ns
fCP
= 16 MHz
41.76
ns
fCP
= 24 MHz
CLK
↑ → CLK ↓
tCHCL
CLK
20
ns
fCP
= 16 MHz
13
ns
fCP
= 24 MHz
VCC
VCC
VSS
3 V
tR
tOFF
2.7 V
0.2 V
0.2 V
0.2 V
Holds RAM data
If you change the power supply voltage too rapidly, a power on reset may occur. We
recommend that you startup smoothly by restraining voltages when changing the
power supply voltage during operation, as shown in the figure below. Perform while
not using the PLL clock. However, if voltage drops are within 1 V/s, you can operate
We recommend a rise of
50 mV/ms maximum.
CLK
2.4 V
tCYC
2.4 V
0.8 V
tCHCL


Similar Part No. - MB90867E

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90867E FUJITSU-MB90867E Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
MB90867EPF FUJITSU-MB90867EPF Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
MB90867EPFV FUJITSU-MB90867EPFV Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
MB90867ES FUJITSU-MB90867ES Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
MB90867ESPF FUJITSU-MB90867ESPF Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
More results

Similar Description - MB90867E

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90495 FUJITSU-MB90495 Datasheet
484Kb / 40P
16-bit Proprietary Microcontroller CMOS
MB90660A FUJITSU-MB90660A Datasheet
820Kb / 83P
16-bit Proprietary Microcontroller CMOS
MB90F394H FUJITSU-MB90F394H Datasheet
764Kb / 61P
16-bit Proprietary Microcontroller CMOS
MB90F481 FUJITSU-MB90F481 Datasheet
1Mb / 113P
16-bit Proprietary Microcontroller CMOS
MB90F867A FUJITSU-MB90F867A Datasheet
813Kb / 62P
16-bit Proprietary Microcontroller CMOS
MB90340 FUJITSU-MB90340 Datasheet
1Mb / 84P
16-bit Proprietary Microcontroller CMOS
MB90385 FUJITSU-MB90385 Datasheet
690Kb / 82P
16-bit Proprietary Microcontroller CMOS
MB90800 FUJITSU-MB90800 Datasheet
810Kb / 88P
16-bit Proprietary Microcontroller CMOS
MB90495G FUJITSU-MB90495G Datasheet
803Kb / 92P
16-bit Proprietary Microcontroller CMOS
MB90F342E FUJITSU-MB90F342E Datasheet
1Mb / 85P
16-bit Proprietary Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com