Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90867E Datasheet(PDF) 47 Page - fujitsu semiconductor

Part # MB90867E
Description  16-bit Proprietary Microcontroller CMOS
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90867E Datasheet(HTML) 47 Page - fujitsu semiconductor

Back Button MB90867E Datasheet HTML 43Page - fujitsu semiconductor MB90867E Datasheet HTML 44Page - fujitsu semiconductor MB90867E Datasheet HTML 45Page - fujitsu semiconductor MB90867E Datasheet HTML 46Page - fujitsu semiconductor MB90867E Datasheet HTML 47Page - fujitsu semiconductor MB90867E Datasheet HTML 48Page - fujitsu semiconductor MB90867E Datasheet HTML 49Page - fujitsu semiconductor MB90867E Datasheet HTML 50Page - fujitsu semiconductor MB90867E Datasheet HTML 51Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 67 page
background image
MB90860E Series
47
(2) Reset Standby Input
(TA
= −40 °C to +105 °C, VCC = 5.0 V ± 10%, fCP ≤ 24 MHz, VSS = AVSS = 0.0 V)
* : Oscillation time of oscillator is the time that the amplitude reaches 90
%.
In the crystal oscillator, the oscillation time is between several ms and to tens of ms. In ceramic oscillators,
the oscillation time is between hundreds of
µs to several ms. With an external clock, the oscillation time is 0 ms.
Parameter
Symbol
Pin
Value
Unit
Remarks
Min
Max
Reset input
time
tRSTL
RST
500
ns
Under normal operation
Oscillation time of oscillator*
+ 100 µs
ns
In Stop mode, Sub Clock
mode, Sub Sleep mode
and Watch mode
100
⎯µs
In Time Timer mode
tRSTL
0.2 VCC
0.2 VCC
100
µs
RST
X0
90% of
amplitude
Instruction execution
Oscillation stabilization
waiting time
Oscillation time
of oscillator
Internal operation
clock
Internal reset
0.2 VCC
RST
tRSTL
0.2 VCC
Under normal operation:
In Stop mode, Sub Clock mode, Sub Sleep mode, Watch mode, Power-on:


Similar Part No. - MB90867E

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB90867E FUJITSU-MB90867E Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
MB90867EPF FUJITSU-MB90867EPF Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
MB90867EPFV FUJITSU-MB90867EPFV Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
MB90867ES FUJITSU-MB90867ES Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
MB90867ESPF FUJITSU-MB90867ESPF Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
More results

Similar Description - MB90867E

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB90495 FUJITSU-MB90495 Datasheet
484Kb / 40P
16-bit Proprietary Microcontroller CMOS
MB90660A FUJITSU-MB90660A Datasheet
820Kb / 83P
16-bit Proprietary Microcontroller CMOS
MB90F394H FUJITSU-MB90F394H Datasheet
764Kb / 61P
16-bit Proprietary Microcontroller CMOS
MB90F481 FUJITSU-MB90F481 Datasheet
1Mb / 113P
16-bit Proprietary Microcontroller CMOS
MB90F867A FUJITSU-MB90F867A Datasheet
813Kb / 62P
16-bit Proprietary Microcontroller CMOS
MB90340 FUJITSU-MB90340 Datasheet
1Mb / 84P
16-bit Proprietary Microcontroller CMOS
MB90385 FUJITSU-MB90385 Datasheet
690Kb / 82P
16-bit Proprietary Microcontroller CMOS
MB90800 FUJITSU-MB90800 Datasheet
810Kb / 88P
16-bit Proprietary Microcontroller CMOS
MB90495G FUJITSU-MB90495G Datasheet
803Kb / 92P
16-bit Proprietary Microcontroller CMOS
MB90F342E FUJITSU-MB90F342E Datasheet
1Mb / 85P
16-bit Proprietary Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com