Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90867E Datasheet(PDF) 45 Page - Fujitsu Component Limited.

Part # MB90867E
Description  16-bit Proprietary Microcontroller CMOS
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90867E Datasheet(HTML) 45 Page - Fujitsu Component Limited.

Back Button MB90867E Datasheet HTML 41Page - Fujitsu Component Limited. MB90867E Datasheet HTML 42Page - Fujitsu Component Limited. MB90867E Datasheet HTML 43Page - Fujitsu Component Limited. MB90867E Datasheet HTML 44Page - Fujitsu Component Limited. MB90867E Datasheet HTML 45Page - Fujitsu Component Limited. MB90867E Datasheet HTML 46Page - Fujitsu Component Limited. MB90867E Datasheet HTML 47Page - Fujitsu Component Limited. MB90867E Datasheet HTML 48Page - Fujitsu Component Limited. MB90867E Datasheet HTML 49Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 67 page
background image
MB90860E Series
45
4.
AC Characteristics
(1) Clock Timing
(TA
= −40 °C to +105 °C, VCC = 5.0 V ± 10%, fCP ≤ 24 MHz, VSS = AVSS = 0 V)
* : When selecting the PLL clock, the range of clock frequency is limited. Use this product within range as
mentioned in “Relation among external clock frequency and machine clock frequency”.
Parameter
Symbol
Pin
Value
Unit
Remarks
Min
Typ
Max
Clock frequency
fC
X0, X1
3
16
MHz
When using an oscillation
circuit
X0, X1
3
24
MHz
When using an external
clock*
fCL
X0A, X1A
32.768
100
kHz
Clock cycle time
tCYL
X0, X1
62.5
333
ns
When using an oscillation
circuit
X0, X1
41.67
333
ns
When using an external
clock
tCYLL
X0A, X1A
10
30.5
µs
Input clock pulse width
PWH, PWL
X0
10
⎯⎯
ns
Duty ratio is about 30
% to
70
%.
PWHL, PWLL
X0A
5
15.2
⎯µs
Input clock rise and fall time
tCR, tCF
X0
⎯⎯
5
ns
When using external clock
Internal operating clock
frequency (machine clock)
fCP
1.5
24
MHz
When using main clock
fCPL
⎯⎯
8.192
50
kHz
When using sub clock
Internal operating clock
cycle time (machine clock)
tCP
41.67
666
ns
When using main clock
tCPL
20
122.1
⎯µs
When using sub clock
X0
tCYL
tCF
tCR
0.8 VCC
0.2 VCC
PWH
PWL
X0A
tCYLL
tCF
tCR
0.8 VCC
0.2 VCC
PWHL
PWLL
Clock Timing


Similar Part No. - MB90867E

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90867E FUJITSU-MB90867E Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller
MB90867EPF FUJITSU-MB90867EPF Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller
MB90867EPFV FUJITSU-MB90867EPFV Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller
MB90867ES FUJITSU-MB90867ES Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller
MB90867ESPF FUJITSU-MB90867ESPF Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90867E

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F867A FUJITSU-MB90F867A Datasheet
813Kb / 62P
   16-bit Proprietary Microcontroller CMOS
MB90800 FUJITSU-MB90800 Datasheet
810Kb / 88P
   16-bit Proprietary Microcontroller CMOS
MB90F394H FUJITSU-MB90F394H Datasheet
764Kb / 61P
   16-bit Proprietary Microcontroller CMOS
MB90F342E FUJITSU-MB90F342E Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
MB90340 FUJITSU-MB90340 Datasheet
1Mb / 84P
   16-bit Proprietary Microcontroller CMOS
MB90385 FUJITSU-MB90385 Datasheet
690Kb / 82P
   16-bit Proprietary Microcontroller CMOS
MB90495 FUJITSU-MB90495 Datasheet
484Kb / 40P
   16-bit Proprietary Microcontroller CMOS
MB90660A FUJITSU-MB90660A Datasheet
820Kb / 83P
   16-bit Proprietary Microcontroller CMOS
MB90F481 FUJITSU-MB90F481 Datasheet
1Mb / 113P
   16-bit Proprietary Microcontroller CMOS
MB90495G FUJITSU-MB90495G Datasheet
803Kb / 92P
   16-bit Proprietary Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com