Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90867E Datasheet(PDF) 44 Page - Fujitsu Component Limited.

Part # MB90867E
Description  16-bit Proprietary Microcontroller CMOS
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90867E Datasheet(HTML) 44 Page - Fujitsu Component Limited.

Back Button MB90867E Datasheet HTML 40Page - Fujitsu Component Limited. MB90867E Datasheet HTML 41Page - Fujitsu Component Limited. MB90867E Datasheet HTML 42Page - Fujitsu Component Limited. MB90867E Datasheet HTML 43Page - Fujitsu Component Limited. MB90867E Datasheet HTML 44Page - Fujitsu Component Limited. MB90867E Datasheet HTML 45Page - Fujitsu Component Limited. MB90867E Datasheet HTML 46Page - Fujitsu Component Limited. MB90867E Datasheet HTML 47Page - Fujitsu Component Limited. MB90867E Datasheet HTML 48Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 67 page
background image
MB90860E Series
44
(Continued)
(TA
= −40 °C to +105 °C, VCC = 5.0 V ± 10%, fCP ≤ 24 MHz, VSS = AVSS = 0 V)
* : The power supply current is measured with an external clock.
Parameter
Sym-
bol
Pin
Condition
Value
Unit
Remarks
Min
Typ
Max
Input leak current
IIL
VCC
= 5.5 V, VSS < VI < VCC
−1
+ 1
µA
Pull-up
resistance
RUP
P00 to P07,
P10 to P17,
P20 to P27,
P30 to P37,
RST
25
50
100
k
Pull-down
resistance
RDOWN
MD2
25
50
100
k
Except
Flash
devices
Power supply
current*
ICC
VCC
VCC
= 5.0 V,
Internal frequency : 24 MHz,
At normal operation.
55
70
mA
VCC
= 5.0 V,
Internal frequency : 24 MHz,
At writing FLASH memory.
70
85
mA
Flash
devices
VCC
= 5.0 V,
Internal frequency : 24 MHz,
At erasing FLASH memory.
75
90
mA
Flash
devices
ICCS
VCC
= 5.0 V,
Internal frequency : 24 MHz,
At Sleep mode.
25
35
mA
ICTS
VCC
= 5.0 V,
Internal frequency : 2 MHz,
At Main Timer mode
0.3
0.8
mA
ICTSPLL6
VCC
= 5.0 V,
Internal frequency : 24 MHz,
At PLL Timer mode,
external frequency
= 4 MHz
47
mA
ICCL
VCC = 5.0 V
Internal frequency : 8 kHz,
At sub operation
TA =
+25°C
70
140
µA
ICCLS
VCC = 5.0 V
Internal frequency : 8 kHz,
At sub sleep
TA =
+25°C
20
50
µA
ICCT
VCC = 5.0 V
Internal frequency : 8 kHz,
At watch mode
TA =
+25°C
10
35
µA
ICCH
VCC
= 5.0 V,
At Stop mode,
TA
= +25°C
725
µA
Input capacity
CIN
Other than C,
AVCC, AVSS,
AVRH, AVRL,
VCC, VSS,
⎯⎯
515
pF


Similar Part No. - MB90867E

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90867E FUJITSU-MB90867E Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
MB90867EPF FUJITSU-MB90867EPF Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
MB90867EPFV FUJITSU-MB90867EPFV Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
MB90867ES FUJITSU-MB90867ES Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
MB90867ESPF FUJITSU-MB90867ESPF Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
More results

Similar Description - MB90867E

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90495 FUJITSU-MB90495 Datasheet
484Kb / 40P
16-bit Proprietary Microcontroller CMOS
MB90660A FUJITSU-MB90660A Datasheet
820Kb / 83P
16-bit Proprietary Microcontroller CMOS
MB90F394H FUJITSU-MB90F394H Datasheet
764Kb / 61P
16-bit Proprietary Microcontroller CMOS
MB90F481 FUJITSU-MB90F481 Datasheet
1Mb / 113P
16-bit Proprietary Microcontroller CMOS
MB90F867A FUJITSU-MB90F867A Datasheet
813Kb / 62P
16-bit Proprietary Microcontroller CMOS
MB90340 FUJITSU-MB90340 Datasheet
1Mb / 84P
16-bit Proprietary Microcontroller CMOS
MB90385 FUJITSU-MB90385 Datasheet
690Kb / 82P
16-bit Proprietary Microcontroller CMOS
MB90800 FUJITSU-MB90800 Datasheet
810Kb / 88P
16-bit Proprietary Microcontroller CMOS
MB90495G FUJITSU-MB90495G Datasheet
803Kb / 92P
16-bit Proprietary Microcontroller CMOS
MB90F342E FUJITSU-MB90F342E Datasheet
1Mb / 85P
16-bit Proprietary Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com