Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90867E Datasheet(PDF) 40 Page - Fujitsu Component Limited.

Part # MB90867E
Description  16-bit Proprietary Microcontroller CMOS
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90867E Datasheet(HTML) 40 Page - Fujitsu Component Limited.

Back Button MB90867E Datasheet HTML 36Page - Fujitsu Component Limited. MB90867E Datasheet HTML 37Page - Fujitsu Component Limited. MB90867E Datasheet HTML 38Page - Fujitsu Component Limited. MB90867E Datasheet HTML 39Page - Fujitsu Component Limited. MB90867E Datasheet HTML 40Page - Fujitsu Component Limited. MB90867E Datasheet HTML 41Page - Fujitsu Component Limited. MB90867E Datasheet HTML 42Page - Fujitsu Component Limited. MB90867E Datasheet HTML 43Page - Fujitsu Component Limited. MB90867E Datasheet HTML 44Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 67 page
background image
MB90860E Series
40
■ ELECTRICAL CHARACTERISTICS
1.
Absolute Maximum Ratings
*1 : This parameter is based on VSS
= AVSS = 0 V.
*2 : Set AVCC and VCC to the same voltage. Make sure that AVCC does not exceed VCC and that the voltage at the
analog inputs does not exceed AVCC when the power is switched on.
*3 : VI and VO should not exceed VCC
+ 0.3 V. VI should not exceed the specified ratings. However if the maximum
current to/from an input is limited by some means with external components, the ICLAMP rating supersedes the
VI rating.
*4 : Applicable to pins : P00 to P07, P10 to P17, P20 to P27, P30 to P37, P40 to P47, P50 to P57, P60 to P67,
P70 to P77, P80 to P87, P90 to P97, PA0 to PA1
(Continued)
Parameter
Symbol
Rating
Unit
Remarks
Min
Max
Power supply voltage*1
VCC
VSS
− 0.3 VSS + 6.0
V
AVCC
VSS
− 0.3 VSS + 6.0
V
VCC
= AVCC*2
AVRH,
AVRL
VSS
− 0.3 VSS + 6.0
V
AVCC
≥ AVRH, AVCC ≥ AVRL,
AVRH
≥ AVRL
Input voltage*1
VI
VSS
− 0.3 VSS + 6.0
V
*3
Output voltage*1
VO
VSS
− 0.3 VSS + 6.0
V
*3
Maximum Clamp Current
ICLAMP
−4.0
+4.0
mA
*5
Total Maximum Clamp Current
Σ|ICLAMP|
40
mA
*5
“L” level maximum output current
IOL
15
mA
*4
“L” level average output current
IOLAV
4mA
*4
“L” level maximum overall output current
ΣIOL
100
mA
*4
“L” level average overall output current
ΣIOLAV
50
mA
*4
“H” level maximum output current
IOH
⎯−15
mA
*4
“H” level average output current
IOHAV
⎯−4mA *4
“H” level maximum overall output current
ΣIOH
⎯−100
mA
*4
“H” level average overall output current
ΣIOHAV
⎯−50
mA
*4
Power consumption
PD
340
mW
Operating temperature
TA
−40
+105
°C
Storage temperature
TSTG
−55
+150
°C


Similar Part No. - MB90867E

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90867E FUJITSU-MB90867E Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller
MB90867EPF FUJITSU-MB90867EPF Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller
MB90867EPFV FUJITSU-MB90867EPFV Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller
MB90867ES FUJITSU-MB90867ES Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller
MB90867ESPF FUJITSU-MB90867ESPF Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90867E

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F867A FUJITSU-MB90F867A Datasheet
813Kb / 62P
   16-bit Proprietary Microcontroller CMOS
MB90800 FUJITSU-MB90800 Datasheet
810Kb / 88P
   16-bit Proprietary Microcontroller CMOS
MB90F394H FUJITSU-MB90F394H Datasheet
764Kb / 61P
   16-bit Proprietary Microcontroller CMOS
MB90F342E FUJITSU-MB90F342E Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
MB90340 FUJITSU-MB90340 Datasheet
1Mb / 84P
   16-bit Proprietary Microcontroller CMOS
MB90385 FUJITSU-MB90385 Datasheet
690Kb / 82P
   16-bit Proprietary Microcontroller CMOS
MB90495 FUJITSU-MB90495 Datasheet
484Kb / 40P
   16-bit Proprietary Microcontroller CMOS
MB90660A FUJITSU-MB90660A Datasheet
820Kb / 83P
   16-bit Proprietary Microcontroller CMOS
MB90F481 FUJITSU-MB90F481 Datasheet
1Mb / 113P
   16-bit Proprietary Microcontroller CMOS
MB90495G FUJITSU-MB90495G Datasheet
803Kb / 92P
   16-bit Proprietary Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com