Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90867E Datasheet(PDF) 4 Page - fujitsu semiconductor

Part # MB90867E
Description  16-bit Proprietary Microcontroller CMOS
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90867E Datasheet(HTML) 4 Page - fujitsu semiconductor

  MB90867E Datasheet HTML 1Page - fujitsu semiconductor MB90867E Datasheet HTML 2Page - fujitsu semiconductor MB90867E Datasheet HTML 3Page - fujitsu semiconductor MB90867E Datasheet HTML 4Page - fujitsu semiconductor MB90867E Datasheet HTML 5Page - fujitsu semiconductor MB90867E Datasheet HTML 6Page - fujitsu semiconductor MB90867E Datasheet HTML 7Page - fujitsu semiconductor MB90867E Datasheet HTML 8Page - fujitsu semiconductor MB90867E Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 67 page
background image
MB90860E Series
4
■ PRODUCT LINEUP
(Continued)
MB90867E(S)
MB90F867E(S)
MB90V340E-101/102
CPU
F2MC-16LX CPU
Type
MASK ROM product
Flash memory product
Evaluation product
System clock
On-chip PLL clock multiplier (
×1, ×2, ×3, ×4, ×6, 1/2 when PLL stops)
Minimum instruction execution time : 42 ns (4 MHz osc. PLL
× 6)
ROM
MASK ROM
128 Kbytes
Flash memory
128 Kbytes
External
RAM
6 Kbytes
6 Kbytes
30 Kbytes
Emulator-specific
power supply*1
Yes
Technology
0.35
µm CMOS with on-chip
voltage regulator for internal
power supply
0.35
µm CMOS with on-chip
voltage regulator for internal
power supply + Flash memory
with on-chip charge pump for
programming voltage
0.35
µm CMOS with on-chip
voltage regulator for internal
power supply
Operating
voltage range
3.5 V to 5.5 V : at normal operating (not using A/D converter)
4.0 V to 5.5 V : at using A/D converter/Flash programming
4.5 V to 5.5 V : at using external bus
5 V
± 10%
Temperature range
−40 °C to +105 °C
Package
QFP-100, LQFP-100
PGA-299
UART
4 channels
5 channels
Wide range of baud rate settings using a dedicated reload timer
Special synchronous options for adapting to different synchronous serial protocols
LIN functionality working either as master or slave LIN device
I2C (400 kbps)
2 channels
8/10-bit
A/D converter
24 channels
10-bit or 8-bit resolution
Conversion time : Min 3
µs include sample time (per one channel)
16-bit reload timer
(4 channels)
Operation clock frequency : fsys/21, fsys/23, fsys/25 (fsys
= Machine clock frequency)
Supports External Event Count function
16-bit
I/O timer
(2 channels)
Signals an interrupt when overflowing
Supports Timer Clear when a match with Output Compare (ch.0, ch.4)
Operation clock freq. : fsys, fsys/21, fsys/22, fsys/23, fsys/24, fsys/25, fsys/26, fsys/27
(fsys
= Machine clock freq.)
I/O Timer 0 (clock input FRCK0) corresponds to ICU 0/1/2/3, OCU 0/1/2/3
I/O Timer 1 (clock input FRCK1) corresponds to ICU 4/5/6/7, OCU 4/5/6/7
16-bit output
compare
(8 channels)
Signals an interrupt when 16-bit I/O Timer match output compare registers.
A pair of compare registers can be used to generate an output signal.
16-bit input capture
(8 channels)
Rising edge, falling edge or rising & falling edge sensitive
Signals an interrupt upon external event
Part Number
Parameter


Similar Part No. - MB90867E

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB90867E FUJITSU-MB90867E Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
MB90867EPF FUJITSU-MB90867EPF Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
MB90867EPFV FUJITSU-MB90867EPFV Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
MB90867ES FUJITSU-MB90867ES Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
MB90867ESPF FUJITSU-MB90867ESPF Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
More results

Similar Description - MB90867E

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB90495 FUJITSU-MB90495 Datasheet
484Kb / 40P
16-bit Proprietary Microcontroller CMOS
MB90660A FUJITSU-MB90660A Datasheet
820Kb / 83P
16-bit Proprietary Microcontroller CMOS
MB90F394H FUJITSU-MB90F394H Datasheet
764Kb / 61P
16-bit Proprietary Microcontroller CMOS
MB90F481 FUJITSU-MB90F481 Datasheet
1Mb / 113P
16-bit Proprietary Microcontroller CMOS
MB90F867A FUJITSU-MB90F867A Datasheet
813Kb / 62P
16-bit Proprietary Microcontroller CMOS
MB90340 FUJITSU-MB90340 Datasheet
1Mb / 84P
16-bit Proprietary Microcontroller CMOS
MB90385 FUJITSU-MB90385 Datasheet
690Kb / 82P
16-bit Proprietary Microcontroller CMOS
MB90800 FUJITSU-MB90800 Datasheet
810Kb / 88P
16-bit Proprietary Microcontroller CMOS
MB90495G FUJITSU-MB90495G Datasheet
803Kb / 92P
16-bit Proprietary Microcontroller CMOS
MB90F342E FUJITSU-MB90F342E Datasheet
1Mb / 85P
16-bit Proprietary Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com