Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90867E Datasheet(PDF) 36 Page - Fujitsu Component Limited.

Part # MB90867E
Description  16-bit Proprietary Microcontroller CMOS
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90867E Datasheet(HTML) 36 Page - Fujitsu Component Limited.

Back Button MB90867E Datasheet HTML 32Page - Fujitsu Component Limited. MB90867E Datasheet HTML 33Page - Fujitsu Component Limited. MB90867E Datasheet HTML 34Page - Fujitsu Component Limited. MB90867E Datasheet HTML 35Page - Fujitsu Component Limited. MB90867E Datasheet HTML 36Page - Fujitsu Component Limited. MB90867E Datasheet HTML 37Page - Fujitsu Component Limited. MB90867E Datasheet HTML 38Page - Fujitsu Component Limited. MB90867E Datasheet HTML 39Page - Fujitsu Component Limited. MB90867E Datasheet HTML 40Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 67 page
background image
MB90860E Series
36
(Continued)
Address
Register
Abbrevia-
tion
Access
Resource name
Initial value
00797BH I2C Clock Control Register 0
ICCR0
R/W
I2C Interface 0
00011111B
00797CH
to
00797FH
Reserved
007980H I2C Bus Status Register 1
IBSR1
R
I2C Interface 1
00000000B
007981H I2C Bus Control Register 1
IBCR1
W,R/W
00000000B
007982H
I2C 10-bit Slave Address Register 1
ITBAL1
R/W
00000000B
007983H
ITBAH1
R/W
00000000B
007984H I2C 10-bit Slave Address Mask
Register 1
ITMKL1
R/W
11111111B
007985H
ITMKH1
R/W
00111111B
007986H I2C 7-bit Slave Address Register 1
ISBA1
R/W
00000000B
007987H I2C 7-bit Slave Address Mask Register 1
ISMK1
R/W
01111111B
007988H I2C Data Register 1
IDAR1
R/W
00000000B
007989H,
00798AH
Reserved
00798BH I2C Clock Control Register 1
ICCR1
R/W
I2C Interface 1
00011111B
00798CH
to
0079C1H
Reserved
0079C2H
Clock modulator control register
(setting prohibited)
CMCR
R, R/W
Clock modulator
(using prohibited)
0001X000B
0079C3H
to
0079DFH
Reserved
0079E0H Detect Address Setting 0
PADR0
R/W
Address Match
Detection 0
XXXXXXXXB
0079E1H Detect Address Setting 0
PADR0
R/W
XXXXXXXXB
0079E2H Detect Address Setting 0
PADR0
R/W
XXXXXXXXB
0079E3H Detect Address Setting 1
PADR1
R/W
XXXXXXXXB
0079E4H Detect Address Setting 1
PADR1
R/W
XXXXXXXXB
0079E5H Detect Address Setting 1
PADR1
R/W
XXXXXXXXB
0079E6H Detect Address Setting 2
PADR2
R/W
XXXXXXXXB
0079E7H Detect Address Setting 2
PADR2
R/W
XXXXXXXXB
0079E8H Detect Address Setting 2
PADR2
R/W
XXXXXXXXB
0079E9H
to
0079EFH
Reserved


Similar Part No. - MB90867E

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90867E FUJITSU-MB90867E Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller
MB90867EPF FUJITSU-MB90867EPF Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller
MB90867EPFV FUJITSU-MB90867EPFV Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller
MB90867ES FUJITSU-MB90867ES Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller
MB90867ESPF FUJITSU-MB90867ESPF Datasheet
972Kb / 67P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90867E

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F867A FUJITSU-MB90F867A Datasheet
813Kb / 62P
   16-bit Proprietary Microcontroller CMOS
MB90800 FUJITSU-MB90800 Datasheet
810Kb / 88P
   16-bit Proprietary Microcontroller CMOS
MB90F394H FUJITSU-MB90F394H Datasheet
764Kb / 61P
   16-bit Proprietary Microcontroller CMOS
MB90F342E FUJITSU-MB90F342E Datasheet
1Mb / 85P
   16-bit Proprietary Microcontroller CMOS
MB90340 FUJITSU-MB90340 Datasheet
1Mb / 84P
   16-bit Proprietary Microcontroller CMOS
MB90385 FUJITSU-MB90385 Datasheet
690Kb / 82P
   16-bit Proprietary Microcontroller CMOS
MB90495 FUJITSU-MB90495 Datasheet
484Kb / 40P
   16-bit Proprietary Microcontroller CMOS
MB90660A FUJITSU-MB90660A Datasheet
820Kb / 83P
   16-bit Proprietary Microcontroller CMOS
MB90F481 FUJITSU-MB90F481 Datasheet
1Mb / 113P
   16-bit Proprietary Microcontroller CMOS
MB90495G FUJITSU-MB90495G Datasheet
803Kb / 92P
   16-bit Proprietary Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com