Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90867E Datasheet(PDF) 35 Page - Fujitsu Component Limited.

Part # MB90867E
Description  16-bit Proprietary Microcontroller CMOS
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90867E Datasheet(HTML) 35 Page - Fujitsu Component Limited.

Back Button MB90867E Datasheet HTML 31Page - Fujitsu Component Limited. MB90867E Datasheet HTML 32Page - Fujitsu Component Limited. MB90867E Datasheet HTML 33Page - Fujitsu Component Limited. MB90867E Datasheet HTML 34Page - Fujitsu Component Limited. MB90867E Datasheet HTML 35Page - Fujitsu Component Limited. MB90867E Datasheet HTML 36Page - Fujitsu Component Limited. MB90867E Datasheet HTML 37Page - Fujitsu Component Limited. MB90867E Datasheet HTML 38Page - Fujitsu Component Limited. MB90867E Datasheet HTML 39Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 67 page
background image
MB90860E Series
35
(Continued)
Address
Register
Abbrevia-
tion
Access
Resource name
Initial value
007950H Serial Mode Register 3
SMR3
W,R/W
UART3
00000000B
007951H Serial Control Register 3
SCR3
W,R/W
00000000B
007952H
Reception/Transmission Data
Register 3
RDR3/
TDR3
R/W
00000000B
007953H Serial Status Register 3
SSR3
R,R/W
00001000B
007954H
Extended Communication Control
Register 3
ECCR3
R,W,
R/W
000000XXB
007955H Extended Status Control Register
ESCR3
R/W
00000100B
007956H Baud Rate Generator Register 30
BGR30
R/W
00000000B
007957H Baud Rate Generator Register 31
BGR31
R/W
00000000B
007958H Serial Mode Register 4
SMR4
W,R/W
UART4
00000000B
007959H Serial Control Register 4
SCR4
W,R/W
00000000B
00795AH
Reception/Transmission Data
Register 4
RDR4/
TDR4
R/W
00000000B
00795BH Serial Status Register 4
SSR4
R,R/W
00001000B
00795CH
Extended Communication Control
Register 4
ECCR4
R,W,
R/W
000000XXB
00795DH Extended Status Control Register
ESCR4
R/W
00000100B
00795EH Baud Rate Generator Register 40
BGR40
R/W
00000000B
00795FH Baud Rate generator Register 41
BGR41
R/W
00000000B
007960H
to
00796BH
Reserved
00796CH Clock Output Enable Register
CLKR
R/W
Clock Monitor
XXXX0000B
00796DH
to
00796FH
Reserved
007970H I2C Bus Status Register 0
IBSR0
R
I2C Interface 0
00000000B
007971H I2C bus Control Register 0
IBCR0
W,R/W
00000000B
007972H
I2C 10-bit Slave Address Register 0
ITBAL0
R/W
00000000B
007973H
ITBAH0
R/W
00000000B
007974H I2C 10-bit Slave Address Mask
Register 0
ITMKL0
R/W
11111111B
007975H
ITMKH0
R/W
00111111B
007976H I2C 7-bit Slave Address Register 0
ISBA0
R/W
00000000B
007977H I2C 7-bit Slave Address Mask Register 0
ISMK0
R/W
01111111B
007978H I2C Data Register 0
IDAR0
R/W
00000000B
007979H,
00797AH
Reserved


Similar Part No. - MB90867E

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90867E FUJITSU-MB90867E Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
MB90867EPF FUJITSU-MB90867EPF Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
MB90867EPFV FUJITSU-MB90867EPFV Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
MB90867ES FUJITSU-MB90867ES Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
MB90867ESPF FUJITSU-MB90867ESPF Datasheet
972Kb / 67P
16-bit Proprietary Microcontroller
More results

Similar Description - MB90867E

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90495 FUJITSU-MB90495 Datasheet
484Kb / 40P
16-bit Proprietary Microcontroller CMOS
MB90660A FUJITSU-MB90660A Datasheet
820Kb / 83P
16-bit Proprietary Microcontroller CMOS
MB90F394H FUJITSU-MB90F394H Datasheet
764Kb / 61P
16-bit Proprietary Microcontroller CMOS
MB90F481 FUJITSU-MB90F481 Datasheet
1Mb / 113P
16-bit Proprietary Microcontroller CMOS
MB90F867A FUJITSU-MB90F867A Datasheet
813Kb / 62P
16-bit Proprietary Microcontroller CMOS
MB90340 FUJITSU-MB90340 Datasheet
1Mb / 84P
16-bit Proprietary Microcontroller CMOS
MB90385 FUJITSU-MB90385 Datasheet
690Kb / 82P
16-bit Proprietary Microcontroller CMOS
MB90800 FUJITSU-MB90800 Datasheet
810Kb / 88P
16-bit Proprietary Microcontroller CMOS
MB90495G FUJITSU-MB90495G Datasheet
803Kb / 92P
16-bit Proprietary Microcontroller CMOS
MB90F342E FUJITSU-MB90F342E Datasheet
1Mb / 85P
16-bit Proprietary Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com