Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145010 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MC145010
Description  Photoelectric Smoke Detector IC with I/O
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC145010 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MC145010 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC145010 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC145010 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC145010 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC145010 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC145010 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC145010 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC145010 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC145010 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MC145010
Rev 7.0, 05/2006
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2006. All rights reserved.
Photoelectric Smoke
Detector IC with I/O
The CMOS MC145010 is an advanced smoke detector component containing
sophisticated very-low-power analog and digital circuitry. The IC is used with an
infrared photoelectric chamber. Detection is accomplished by sensing scattered
light from minute smoke particles or other aerosols. When detection occurs, a
pulsating alarm is sounded via on-chip push-pull drivers and an external
piezoelectric transducer.
The variable-gain photo amplifier allows direct interface to IR detectors
(photodiodes). Two external capacitors, C1 and C2, C1 being the larger, determine
the gain settings. Low gain is selected by the IC during most of the standby state.
Medium gain is selected during a local-smoke condition. High gain is used during
push button test. During standby, the special monitor circuit which periodically
checks for degraded chamber sensitivity uses high gain, also.
The I/O pin, in combination with VSS, can be used to interconnect up to 40 units
for common signaling. An on-chip current sink provides noise immunity when the I/
O is an input. A local-smoke condition activates the short-circuit-protected I/O
driver, thereby signaling remote smoke to the interconnected units. Additionally, the
I/O pin can be used to activate escape lights, enable auxiliary or remote alarms,
and/or initiate auto-dialers.
While in standby, the low-supply detection circuitry conducts periodic checks
using a pulsed load current from the LED pin. The trip point is set using two external
resistors. The supply for the MC145010 can be a 9 V battery.
A visible LED flash accompanying a pulsating audible alarm indicates a local-
smoke condition. A pulsating audible alarm with no LED flash indicates a remote-
smoke condition. A beep or chirp occurring virtually simultaneously with an LED
flash indicates a low-supply condition. A beep occurring half-way between LED
flashes indicates degraded chamber sensitivity. A low-supply condition does not
affect the smoke detection capability if VDD ≥ 6 V. Therefore, the low-supply
condition and degraded chamber sensitivity can be further distinguished by
performing a push button (chamber) test.
Features
Circuit is designed to operate in smoke detector systems that comply with
UL217 and UL268 Specifications
Operating Voltage Range: 6 to 12 V
Operating Temperature Range: - 10 to 60
°C
Average Supply Current: 12
µA
Power-On Reset Places IC in Standby Mode (Non-Alarm State)
Electrostatic Discharge (ESD) and Latch Up Protection Circuitry on All Pins
Chip Complexity: 2000 FETs, 12 NPNs, 16 Resistors, and 10 Capacitors
Ideal for battery powered applications.
ORDERING INFORMATION
Device
Temp. Range
Case No.
Package
MC145010P
-55 to +125°C
648-08
16 Lead Plastic Dip
MC145010ED
MC145010DW
751G-04
16 Lead SOICW
MCZ145010EG/EGR2
MC145010
PHOTOELECTRIC SMOKE
DETECTOR IC WITH I/O
P SUFFIX
ED SUFFIX (PB-FREE)
PLASTIC DIP
CASE 648-08
DW SUFFIX
EG SUFFIX (PB-FREE)
SOICW
CASE 751G-04
Figure 1. Pin Connections
C1
C2
Detect
Strobe
VDD
IRED
I/O
Brass
Test
Low-Supply
Trip
VSS
R1
OSC
LED
Feedback
Silver
1
2
3
4
5
7
6
89
10
11
12
13
14
15
16


Similar Part No. - MC145010

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC145011 FREESCALE-MC145011 Datasheet
266Kb / 12P
   Photoelectric Smoke Detector IC with I/O For Line-Powered Applications
MC145011ED FREESCALE-MC145011ED Datasheet
266Kb / 12P
   Photoelectric Smoke Detector IC with I/O For Line-Powered Applications
MC145011P FREESCALE-MC145011P Datasheet
266Kb / 12P
   Photoelectric Smoke Detector IC with I/O For Line-Powered Applications
MC145012 FREESCALE-MC145012 Datasheet
383Kb / 14P
   Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
MC145012 FREESCALE-MC145012 Datasheet
384Kb / 14P
   Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
More results

Similar Description - MC145010

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC145011 FREESCALE-MC145011 Datasheet
266Kb / 12P
   Photoelectric Smoke Detector IC with I/O For Line-Powered Applications
MC145012 FREESCALE-MC145012 Datasheet
383Kb / 14P
   Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
logo
SHANGHAI BELLING CO., L...
BL59A12 BELLING-BL59A12 Datasheet
271Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR IC
logo
Freescale Semiconductor...
MC145012EG FREESCALE-MC145012EG Datasheet
384Kb / 14P
   Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
logo
SHANGHAI BELLING CO., L...
BL59A10 BELLING-BL59A10 Datasheet
244Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR IC
logo
Renesas Technology Corp
RAA239101 RENESAS-RAA239101 Datasheet
258Kb / 4P
   Photoelectric Smoke Detector AFE IC
Jun 27, 2022
logo
MOSDESIGN SEMICONDUCTOR...
M75110 MOSDESIGN-M75110 Datasheet
166Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
2010-07-14
logo
Gamewell-FCI by Honeywe...
PSD-7155 GAMEWELL-FCI-PSD-7155 Datasheet
66Kb / 2P
   Photoelectric smoke detector
logo
List of Unclassifed Man...
M75010 ETC1-M75010 Datasheet
168Kb / 10P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
logo
MOSDESIGN SEMICONDUCTOR...
M75310 MOSDESIGN-M75310 Datasheet
124Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
2012-03-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com