Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145010 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MC145010
Description  Photoelectric Smoke Detector IC with I/O
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC145010 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC145010 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC145010 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC145010 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC145010 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC145010 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC145010 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC145010 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC145010 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC145010 Datasheet HTML 12Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Sensors
Freescale Semiconductor
9
MC145010
Figure 8. Typical Battery-Powered Application
CALIBRATION
To facilitate checking the sensitivity and calibrating smoke
detectors, the MC145010 can be placed in a calibration
mode. In this mode, certain device pins are controlled/
reconfigured as shown in Table 5. To place the part in the
calibration mode, pin 16 (Test) must be pulled below the VSS
pin with 100
µA continuously drawn out of the pin for at least
one cycle on the OSC pin. To exit this mode, the Test pin is
floated for at least one OSC cycle.
In the calibration mode, the IRED pulse happens at every
clock cycle and strobe is always on (active low). Also, Low
Battery and supervisory tests are disabled in this mode.
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
Test
Low-supply
Trip
VSS
R1
OSC
LED
Feedback
Silver
VDD
IRED
I/O
Brass
Strobe
Detect
C1
C2
Horn
X1
To Other
MC145010(s),
Escape Light(S),
Auxiliary Alarm(S),
Remote Alarm(S),
And/or Auto-dialer
IR
CURRENT
R13*
4.7 TO 22
Q1
2.2 M
R5!
D4
Visible
LED
R7
47 k
R6
100 k
SW1
+
+
MC145010
Reverse Polarity
Protection
Circuit
Pushbutton
Test
R2
10 M
0.01
µF
C6!
C3
1500 pF
R1
100 k
R3
470
R4!
100 k
9.0 V
B1
D1
1 TO 22
µF
C4**
C1
0.047 µF
C2*
4700 pF
R14
560
R11 250 k
D2
IR Detector
R8
8.2 k
R9
5.0 k
R10
4.7 k
D3
IR EMITTER
R12
1.0 k
C5
100
µF
!Values for R4, R5, and C6 may differ depending on type of piezoelectric horn used.
* C2 and R13 are used for coarse sensitivity adjustment. Typical values are shown.
† R9 is for fine sensitivity adjustment (optional). If fixed resistors are used, R8 = 12 k, R10 is 5.6 k to 10 k, and R9 is eliminated.
When R9 is used, noise pickup is increased due to antenna effects. Shielding may be required.
**C4 should be 22
µF if B1 is a carbon battery. C4 could be reduced to 1 µF when an alkaline battery is used.


Similar Part No. - MC145010

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC145011 FREESCALE-MC145011 Datasheet
266Kb / 12P
Photoelectric Smoke Detector IC with I/O For Line-Powered Applications
MC145011ED FREESCALE-MC145011ED Datasheet
266Kb / 12P
Photoelectric Smoke Detector IC with I/O For Line-Powered Applications
MC145011P FREESCALE-MC145011P Datasheet
266Kb / 12P
Photoelectric Smoke Detector IC with I/O For Line-Powered Applications
MC145012 FREESCALE-MC145012 Datasheet
383Kb / 14P
Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
MC145012 FREESCALE-MC145012 Datasheet
384Kb / 14P
Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
More results

Similar Description - MC145010

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC145011 FREESCALE-MC145011 Datasheet
266Kb / 12P
Photoelectric Smoke Detector IC with I/O For Line-Powered Applications
MC145012 FREESCALE-MC145012 Datasheet
383Kb / 14P
Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
logo
SHANGHAI BELLING CO., L...
BL59A12 BELLING-BL59A12 Datasheet
271Kb / 8P
PHOTOELECTRIC SMOKE DETECTOR IC
logo
Freescale Semiconductor...
MC145012EG FREESCALE-MC145012EG Datasheet
384Kb / 14P
Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
logo
SHANGHAI BELLING CO., L...
BL59A10 BELLING-BL59A10 Datasheet
244Kb / 8P
PHOTOELECTRIC SMOKE DETECTOR IC
logo
Renesas Technology Corp
RAA239101 RENESAS-RAA239101 Datasheet
258Kb / 4P
Photoelectric Smoke Detector AFE IC
Jun 27, 2022
logo
MOSDESIGN SEMICONDUCTOR...
M75110 MOSDESIGN-M75110 Datasheet
166Kb / 8P
PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
2010-07-14
logo
Gamewell-FCI by Honeywe...
PSD-7155 GAMEWELL-FCI-PSD-7155 Datasheet
66Kb / 2P
Photoelectric smoke detector
logo
List of Unclassifed Man...
M75010 ETC1-M75010 Datasheet
168Kb / 10P
PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
logo
MOSDESIGN SEMICONDUCTOR...
M75310 MOSDESIGN-M75310 Datasheet
124Kb / 8P
PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
2012-03-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com