Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145010 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MC145010
Description  Photoelectric Smoke Detector IC with I/O
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC145010 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MC145010 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC145010 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC145010 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC145010 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC145010 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC145010 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC145010 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC145010 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC145010 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Sensors
Freescale Semiconductor
5
MC145010
Table 4. Pin Description
Pin
Symbol
Description
1
C1
A capacitor connected to this pin, shown in Figure 8, determines the gain of the on-chip photo amplifier during push button
test and chamber sensitivity test (high gain). The capacitor value is chosen such that the alarm is tripped from background
reflections in the chamber during push button test.
Av ª 1 + (C1/10) where C1 is in pF. CAUTION: The value of the closed-loop gain should not exceed 10,000.
2
C2
A capacitor connected to this pin as shown in Figure 8 determines the gain of the on-chip photo amplifier except during
push button or chamber sensitivity tests. Av ≈ 1 + (C2/10) where C2 is in pF. This gain increases about 10% during the
IRED pulse, after two consecutive local smoke detections.
Resistor R14 must be installed in series with C2. R14
≈ [1/(12√C2)] - 680 where R14 is in ohms and C2 is in farads.
3
DETECT This input to the high-gain pulse amplifier is tied to the cathode of an external photodiodes. The photodiodes should have
low capacitance and low dark leakage current. The diode must be shunted by a load resistor and is operated at zero bias.
The Detect input must be ac/dc decoupled from all other signals, VDD, and VSS. Lead length and/or foil traces to this pin
must be minimized, also. See Figure 9.
4
STROBE This output provides a strobed, regulated voltage referenced to VDD. The temperature coefficient of this voltage is ± 0.2%/
°C maximum from - 10° to 60°C. The supply-voltage coefficient (line regulation) is ± 0.2%/V maximum from 6 to 12 V.
Strobe is tied to external resistor string R8, R9, and R10.
5
VDD
This pin is connected to the positive supply potential and may range from +6 to +12 V with respect to VSS. CAUTION: In
battery-powered applications, reverse-polarity protection must be provided externally.
6
IRED
This output provides pulsed base current for external NPN transistor Q1 used as the infrared emitter driver. Q1 must have
β ≥ 100. At 10 mA, the temperature coefficient of the output voltage is typically + 0.5%/°C from - 10° to 60°C. The supply-
voltage coefficient (line regulation) is
± 0.2%/V maximum from 6 to 12 V. The IRED pulse width (active-high) is determined
by external components R1 and C3. With a 100 k
Ω/1500 pF combination, the nominal width is 105 µs. To minimize noise
impact, IRED is not active when the visible LED and horn outputs are active. IRED is active near the end of Strobe pulses
for Smoke Tests, Chamber Sensitivity Test, and Push button Test.
7
I/O
This pin can be used to connect up to 40 units together in a wired-OR configuration for common signaling. VSS is used as
the return. An on-chip current sink minimizes noise pick up during non-smoke conditions and eliminates the need for an
external pull-down resistor to complete the wired-OR. Remote units at lower supply voltages do not draw excessive current
from a sending unit at a higher supply voltage.
I/O can also be used to activate escape lights, auxiliary alarms, remote alarms, and/or auto-dialers.
As an input, this pin feeds a positive-edge-triggered flip-flop whose output is sampled nominally every 625 ms during
standby (using the recommended component values). A local-smoke condition or the push button-test mode forces this
current-limited output to source current. All input signals are ignored when I/O is sourcing current. I/O is disabled by the
on-chip power-on reset to eliminate nuisance signaling during battery changes or system power-up. If unused, I/O must
be left unconnected.
8
BRASS
This half of the push-pull driver output is connected to the metal support electrode of a piezoelectric audio transducer and
to the horn-starting resistor. A continuous modulated tone from the transducer is a smoke alarm indicating either local or
remote smoke. A short beep or chirp is a trouble alarm indicating a low supply or degraded chamber sensitivity.
9
SILVER
This half of the push-pull driver output is connected to the ceramic electrode of a piezoelectric transducer and to the horn-
starting capacitor.
10
FEEDBA
CK
This input is connected to both the feedback electrode of a self-resonating piezoelectric transducer and the horn-starting
resistor and capacitor through current-limiting resistor R4. If unused, this pin must be tied to VSS or VDD.
11
LED
This active-low open-drain output directly drives an external visible LED at the pulse rates indicated below. The pulse width
is equal to the OSC period.
The load for the low-supply test is applied by this output. This low-supply test is non-coincident with the smoke tests,
chamber sensitivity test, push button test, or any alarm signals.
The LED also provides a visual indication of the detector status as follows, assuming the component values shown in
Figure 8: Standby (includes low-supply and chamber sensitivity tests) - Pulses every 43 seconds (nominal) Local Smoke
- Pulses every 0.67 seconds (nominal) Remote Smoke - No pulses
Push button Test - Pulses every 0.67 seconds (nominal)
12
OSC
This pin is used in conjunction with external resistor R2 (10 M
Ω) to VDD and external capacitor C3 (1500 pF) to VDD to
form an oscillator with a nominal period of 10.5 ms.
13
R1
This pin is used in conjunction with resistor R1 (100 k
Ω) to pin 12 and C3 (1500 pF, see pin 12 description) to determine
the IRED pulse width. With this RC combination, the nominal pulse width is 105
µs.
14
VSS
This pin is the negative supply potential and the return for the I/O pin. Pin 14 is usually tied to ground.
15
LOW-
SUPPLY
TRIP
This pin is connected to an external voltage which determines the low-supply alarm threshold. The trip voltage is obtained
through a resistor divider connected between the VDD and LED pins. The low-supply alarm threshold voltage (in volts) ≈
(5R7/R6) + 5 where R6 and R7 are in the same units.


Similar Part No. - MC145010

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC145011 FREESCALE-MC145011 Datasheet
266Kb / 12P
Photoelectric Smoke Detector IC with I/O For Line-Powered Applications
MC145011ED FREESCALE-MC145011ED Datasheet
266Kb / 12P
Photoelectric Smoke Detector IC with I/O For Line-Powered Applications
MC145011P FREESCALE-MC145011P Datasheet
266Kb / 12P
Photoelectric Smoke Detector IC with I/O For Line-Powered Applications
MC145012 FREESCALE-MC145012 Datasheet
383Kb / 14P
Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
MC145012 FREESCALE-MC145012 Datasheet
384Kb / 14P
Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
More results

Similar Description - MC145010

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC145011 FREESCALE-MC145011 Datasheet
266Kb / 12P
Photoelectric Smoke Detector IC with I/O For Line-Powered Applications
MC145012 FREESCALE-MC145012 Datasheet
383Kb / 14P
Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
logo
SHANGHAI BELLING CO., L...
BL59A12 BELLING-BL59A12 Datasheet
271Kb / 8P
PHOTOELECTRIC SMOKE DETECTOR IC
logo
Freescale Semiconductor...
MC145012EG FREESCALE-MC145012EG Datasheet
384Kb / 14P
Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
logo
SHANGHAI BELLING CO., L...
BL59A10 BELLING-BL59A10 Datasheet
244Kb / 8P
PHOTOELECTRIC SMOKE DETECTOR IC
logo
Renesas Technology Corp
RAA239101 RENESAS-RAA239101 Datasheet
258Kb / 4P
Photoelectric Smoke Detector AFE IC
Jun 27, 2022
logo
MOSDESIGN SEMICONDUCTOR...
M75110 MOSDESIGN-M75110 Datasheet
166Kb / 8P
PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
2010-07-14
logo
Gamewell-FCI by Honeywe...
PSD-7155 GAMEWELL-FCI-PSD-7155 Datasheet
66Kb / 2P
Photoelectric smoke detector
logo
List of Unclassifed Man...
M75010 ETC1-M75010 Datasheet
168Kb / 10P
PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
logo
MOSDESIGN SEMICONDUCTOR...
M75310 MOSDESIGN-M75310 Datasheet
124Kb / 8P
PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
2012-03-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com