Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8420 Datasheet(PDF) 1 Page - Filtran LTD

Part # 8420
Description  CHOKE Current Compensated Chokes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

8420 Datasheet(HTML) 1 Page - Filtran LTD

  8420 Datasheet HTML 1Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SUGGESTED PCB PINOUT
SCHEMATIC
CHOKE
Current Compensated Chokes
8420-8424
ELECTRICAL SPECIFICATION @ 25˚C
An ISO 9001 Registered Company
229 Colonnade Road, Ottawa, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
• Windings are current compensated to provide a high inductance to
common mode signals simultaneously handling peak currents
without saturation.
• 100kHz – 3MHz common mode resonance frequencies
• Extended temperature range -40°C to 125°C
• UL94VO
MECHANICAL AND SCHEMATIC (All dimensions in inches)
PART
NUMBER
CURRENT RATING
Nominal @ 40˚C
R
Megohhms / path
INDUCTANCE
mH / path
8420
0.3
1275
12.0
8421
0.6
385
4.4
8422
1.0
205
3.0
8423
1.5
100
1.6
8424
2.0
70
1.1


Similar Part No. - 8420

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
8420 PHOENIX-8420 Datasheet
336Kb / 28P
   AXL E EIP DI8 DO8 M12 6M
logo
KISTLER INSTRUMENT CORP...
8420 KISTLER-8420 Datasheet
3Mb / 4P
   Miniature IEPE Triaxial Accelerometer, with TEDS Option
2014
logo
3M Electronics
8420-21A1-RK-TP 3M-8420-21A1-RK-TP Datasheet
812Kb / 3P
   3M??Chip Carrier Sockets
8420-21A1-RK-TR 3M-8420-21A1-RK-TR Datasheet
812Kb / 3P
   3M??Chip Carrier Sockets
8420-21B1-RK-TP 3M-8420-21B1-RK-TP Datasheet
812Kb / 3P
   3M??Chip Carrier Sockets
More results

Similar Description - 8420

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RN102-2-02 ETC2-RN102-2-02 Datasheet
691Kb / 5P
   Current-compensated Chokes
RN212-2-02 ETC2-RN212-2-02 Datasheet
235Kb / 6P
   Current-compensated Chokes
RN112-0.6-02 ETC2-RN112-0.6-02 Datasheet
691Kb / 5P
   Current-compensated Chokes
RN242-6-02 ETC2-RN242-6-02 Datasheet
700Kb / 6P
   Current-compensated Chokes
May 2011
RN202-2-02 ETC2-RN202-2-02 Datasheet
235Kb / 6P
   Current-compensated Chokes
logo
Schaffner International...
RN102-0.3-02-22M SCHAFFNER-RN102-0.3-02-22M Datasheet
1Mb / 9P
   Current-compensated Chokes
logo
List of Unclassifed Man...
RD7137-6-12M0 ETC2-RD7137-6-12M0 Datasheet
334Kb / 5P
   Current-compensated Chokes
logo
Schaffner International...
RT8122-6-10M0 SCHAFFNER-RT8122-6-10M0 Datasheet
2Mb / 6P
   Current-compensated Chokes
RD5122-6-9M6 SCHAFFNER-RD5122-6-9M6 Datasheet
473Kb / 5P
   Current-compensated Chokes
logo
Pulse A Technitrol Comp...
FE2X03-8-3NL PULSE-FE2X03-8-3NL Datasheet
470Kb / 2P
   Current Compensated Noise Suppression Chokes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com