Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1431306 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1431306
Description  SAC-4P-M12MS/10,0-960/M12FS VA - Bus system cable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1431306 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1431306 Datasheet HTML 1Page - PHOENIX CONTACT 1431306 Datasheet HTML 2Page - PHOENIX CONTACT 1431306 Datasheet HTML 3Page - PHOENIX CONTACT 1431306 Datasheet HTML 4Page - PHOENIX CONTACT 1431306 Datasheet HTML 5Page - PHOENIX CONTACT 1431306 Datasheet HTML 6Page - PHOENIX CONTACT 1431306 Datasheet HTML 7Page - PHOENIX CONTACT 1431306 Datasheet HTML 8Page - PHOENIX CONTACT 1431306 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
Bus system cable, FOUNDATION Fieldbus (31.25 kbps), 3-position, shielded, Plug straight M12,
coding: A, on Socket straight M12, coding: A, cable length: 10 m
Commercial Data
Item number
1431306
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to Order (non-returnable)
Sales Key
BF04
Product Key
BF1CCG
Catalog Page
Page 435 (C-2-2019)
GTIN
4046356431781
Weight per Piece (including packing)
654.9 g
Weight per Piece (excluding packing)
222.22 g
Customs tariff number
85444290
Country of origin
PL
SAC-4P-M12MS/10,0-960/M12FS VA - Bus system
cable
1431306
https://www.phoenixcontact.com/us/products/1431306
Aug 22, 2023, 1:50 AM
Page 1 (16)


Similar Part No. - 1431306

ManufacturerPart #DatasheetDescription
logo
Heyco.
14313 HEYCO-14313 Datasheet
77Kb / 1P
   Push Latches
logo
PHOENIX CONTACT
1431319 PHOENIX-1431319 Datasheet
589Kb / 15P
   SAC-4P-M12MS/15,0-960/M12FS VA - Bus system cable
logo
Festo Corporation.
1431381 FESTO-1431381 Datasheet
65Kb / 1P
   Parallel kit
1/1/23
More results

Similar Description - 1431306

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1431238 PHOENIX-1431238 Datasheet
501Kb / 14P
   SAC-4P-10,0-960/M12FS VA - Bus system cable
1431199 PHOENIX-1431199 Datasheet
535Kb / 14P
   SAC-4P-M12MS/10,0-960 VA - Bus system cable
1431267 PHOENIX-1431267 Datasheet
614Kb / 15P
   SAC-4P-M12MS/ 0,5-960/M12FS VA - Bus system cable
1431283 PHOENIX-1431283 Datasheet
616Kb / 16P
   SAC-4P-M12MS/ 2,0-960/M12FS VA - Bus system cable
1431296 PHOENIX-1431296 Datasheet
173Kb / 12P
   Bus system cable - SAC-4P-M12MS/ 5,0-960/M12FS VA
09/11/2020
1431270 PHOENIX-1431270 Datasheet
614Kb / 15P
   SAC-4P-M12MS/ 1,0-960/M12FS VA - Bus system cable
1431212 PHOENIX-1431212 Datasheet
530Kb / 14P
   SAC-4P- 2,0-960/M12FS VA - Bus system cable
1431241 PHOENIX-1431241 Datasheet
530Kb / 14P
   SAC-4P-15,0-960/M12FS VA - Bus system cable
1431225 PHOENIX-1431225 Datasheet
530Kb / 14P
   SAC-4P- 5,0-960/M12FS VA - Bus system cable
1431186 PHOENIX-1431186 Datasheet
535Kb / 14P
   SAC-4P-M12MS/ 5,0-960 VA - Bus system cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com