Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1431306 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1431306
Description  SAC-4P-M12MS/10,0-960/M12FS VA - Bus system cable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1431306 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1431306 Datasheet HTML 1Page - PHOENIX CONTACT 1431306 Datasheet HTML 2Page - PHOENIX CONTACT 1431306 Datasheet HTML 3Page - PHOENIX CONTACT 1431306 Datasheet HTML 4Page - PHOENIX CONTACT 1431306 Datasheet HTML 5Page - PHOENIX CONTACT 1431306 Datasheet HTML 6Page - PHOENIX CONTACT 1431306 Datasheet HTML 7Page - PHOENIX CONTACT 1431306 Datasheet HTML 8Page - PHOENIX CONTACT 1431306 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Cable weight
56.552 kg/km
Number of positions
2
Shielded
yes
Cable type
FOUNDATION Fieldbus orange [960]
Conductor structure
2xAWG18/7 + 1xAWG20/7
Signal speed
0.66 c
Conductor structure signal line
7x 0.40 mm
AWG signal line
18
2x 0.75 mm² (Signal line)
Conductor cross section
1x 0.5 mm² (Drain wire)
Wire diameter incl. insulation
2.24 mm ±0.05 mm
External cable diameter
7.5 mm ±0.25 mm
Outer sheath, material
PVC
External sheath, color
orange RAL 2003
Conductor material
Tin-plated Cu litz wires
Material wire insulation
PO (Signal line)
Single wire, color
blue, orange
Thickness, insulation
0.5 mm
Thickness, outer sheath
1 mm
Twisted pairs
2 cores to the pair
Overall twist
One pair with one drain wire and fillers for core
Optical shield covering
100 %
≤ 19.35 Ω/km (Signal line)
Max. conductor resistance
26 Ω/km (shield)
147 pF/m (at 1 kHz, core/shield)
Cable capacity
≤ 3.94 pF/m (capacitance unbalance)
Working capacitance
78 nF (at 1 kHz)
Cable impedance
100 Ω ±20 % (At 31.25 kHz)
Nominal voltage, cable
300 V
Smallest bending radius, fixed installation
75 mm
Tensile strength
260 N
Shield attenuation
3 dB/km (at 39 kHz)
UL 1685 (CSA FT 4)
UL 1685 (vertical tray)
Flame resistance
UL 1666 (riser)
Special properties
UL standards PLTC-ER and ITC
Ambient temperature (operation)
-40 °C ... 105 °C (cable, fixed installation)
Environmental and real-life conditions
Ambient conditions
IP65
IP67
IP68
Degree of protection
SAC-4P-M12MS/10,0-960/M12FS VA - Bus system
cable
1431306
https://www.phoenixcontact.com/us/products/1431306
Aug 22, 2023, 1:50 AM
Page 4 (16)


Similar Part No. - 1431306

ManufacturerPart #DatasheetDescription
logo
Heyco.
14313 HEYCO-14313 Datasheet
77Kb / 1P
   Push Latches
logo
PHOENIX CONTACT
1431319 PHOENIX-1431319 Datasheet
589Kb / 15P
   SAC-4P-M12MS/15,0-960/M12FS VA - Bus system cable
logo
Festo Corporation.
1431381 FESTO-1431381 Datasheet
65Kb / 1P
   Parallel kit
1/1/23
More results

Similar Description - 1431306

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1431238 PHOENIX-1431238 Datasheet
501Kb / 14P
   SAC-4P-10,0-960/M12FS VA - Bus system cable
1431199 PHOENIX-1431199 Datasheet
535Kb / 14P
   SAC-4P-M12MS/10,0-960 VA - Bus system cable
1431267 PHOENIX-1431267 Datasheet
614Kb / 15P
   SAC-4P-M12MS/ 0,5-960/M12FS VA - Bus system cable
1431283 PHOENIX-1431283 Datasheet
616Kb / 16P
   SAC-4P-M12MS/ 2,0-960/M12FS VA - Bus system cable
1431296 PHOENIX-1431296 Datasheet
173Kb / 12P
   Bus system cable - SAC-4P-M12MS/ 5,0-960/M12FS VA
09/11/2020
1431270 PHOENIX-1431270 Datasheet
614Kb / 15P
   SAC-4P-M12MS/ 1,0-960/M12FS VA - Bus system cable
1431212 PHOENIX-1431212 Datasheet
530Kb / 14P
   SAC-4P- 2,0-960/M12FS VA - Bus system cable
1431241 PHOENIX-1431241 Datasheet
530Kb / 14P
   SAC-4P-15,0-960/M12FS VA - Bus system cable
1431225 PHOENIX-1431225 Datasheet
530Kb / 14P
   SAC-4P- 5,0-960/M12FS VA - Bus system cable
1431186 PHOENIX-1431186 Datasheet
535Kb / 14P
   SAC-4P-M12MS/ 5,0-960 VA - Bus system cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com