Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1431306 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1431306
Description  SAC-4P-M12MS/10,0-960/M12FS VA - Bus system cable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1431306 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1431306 Datasheet HTML 1Page - PHOENIX CONTACT 1431306 Datasheet HTML 2Page - PHOENIX CONTACT 1431306 Datasheet HTML 3Page - PHOENIX CONTACT 1431306 Datasheet HTML 4Page - PHOENIX CONTACT 1431306 Datasheet HTML 5Page - PHOENIX CONTACT 1431306 Datasheet HTML 6Page - PHOENIX CONTACT 1431306 Datasheet HTML 7Page - PHOENIX CONTACT 1431306 Datasheet HTML 8Page - PHOENIX CONTACT 1431306 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Connection data
Pin assignment
1 (Plug) | BU (DATA-) | 1 (Socket)
2 (Plug) | OG (DATA+) | 2 (Socket)
Contact | Color (signal designation) | Contact (optional)
3 (Plug) | SR (shield) | 3 (Socket)
Connector
Connection 1
Type
Plug straight M12
Number of positions
3
Coding type
A (Standard)
CuSn (Contact)
Ni/Au (Contact surface)
TPU GF (Contact carriers)
TPU, hardly inflammable, self-extinguishing (Grip)
Material
Stainless steel (Screw connection)
Ambient temperature (operation)
-25 °C ... 90 °C
Number of positions
3
Connection 2
Type
Socket straight M12
Number of positions
3
Coding type
A (Standard)
CuSn (Contact)
Ni/Au (Contact surface)
TPU GF (Contact carriers)
TPU, hardly inflammable, self-extinguishing (Grip)
Material
Stainless steel (Screw connection)
Ambient temperature (operation)
-25 °C ... 90 °C
Number of positions
3
Cable/line
Cable length
10 m
FOUNDATION Fieldbus orange [960]
Dimensional drawing
SAC-4P-M12MS/10,0-960/M12FS VA - Bus system
cable
1431306
https://www.phoenixcontact.com/us/products/1431306
Aug 22, 2023, 1:50 AM
Page 3 (16)


Similar Part No. - 1431306

ManufacturerPart #DatasheetDescription
logo
Heyco.
14313 HEYCO-14313 Datasheet
77Kb / 1P
   Push Latches
logo
PHOENIX CONTACT
1431319 PHOENIX-1431319 Datasheet
589Kb / 15P
   SAC-4P-M12MS/15,0-960/M12FS VA - Bus system cable
logo
Festo Corporation.
1431381 FESTO-1431381 Datasheet
65Kb / 1P
   Parallel kit
1/1/23
More results

Similar Description - 1431306

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1431238 PHOENIX-1431238 Datasheet
501Kb / 14P
   SAC-4P-10,0-960/M12FS VA - Bus system cable
1431199 PHOENIX-1431199 Datasheet
535Kb / 14P
   SAC-4P-M12MS/10,0-960 VA - Bus system cable
1431267 PHOENIX-1431267 Datasheet
614Kb / 15P
   SAC-4P-M12MS/ 0,5-960/M12FS VA - Bus system cable
1431283 PHOENIX-1431283 Datasheet
616Kb / 16P
   SAC-4P-M12MS/ 2,0-960/M12FS VA - Bus system cable
1431296 PHOENIX-1431296 Datasheet
173Kb / 12P
   Bus system cable - SAC-4P-M12MS/ 5,0-960/M12FS VA
09/11/2020
1431270 PHOENIX-1431270 Datasheet
614Kb / 15P
   SAC-4P-M12MS/ 1,0-960/M12FS VA - Bus system cable
1431212 PHOENIX-1431212 Datasheet
530Kb / 14P
   SAC-4P- 2,0-960/M12FS VA - Bus system cable
1431241 PHOENIX-1431241 Datasheet
530Kb / 14P
   SAC-4P-15,0-960/M12FS VA - Bus system cable
1431225 PHOENIX-1431225 Datasheet
530Kb / 14P
   SAC-4P- 5,0-960/M12FS VA - Bus system cable
1431186 PHOENIX-1431186 Datasheet
535Kb / 14P
   SAC-4P-M12MS/ 5,0-960 VA - Bus system cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com