Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICP0349P Datasheet(PDF) 14 Page - Microchip Technology

Part # ICP0349P
Description  2.7-3.5GHz 70W GaN PA MMIC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ICP0349P Datasheet(HTML) 14 Page - Microchip Technology

Back Button ICP0349P Datasheet HTML 8Page - Microchip Technology ICP0349P Datasheet HTML 9Page - Microchip Technology ICP0349P Datasheet HTML 10Page - Microchip Technology ICP0349P Datasheet HTML 11Page - Microchip Technology ICP0349P Datasheet HTML 12Page - Microchip Technology ICP0349P Datasheet HTML 13Page - Microchip Technology ICP0349P Datasheet HTML 14Page - Microchip Technology ICP0349P Datasheet HTML 15Page - Microchip Technology ICP0349P Datasheet HTML 16Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
2.7-3.5GHz 70W GaN PA MMIC
ICP0349P
Datasheet Rev B
© 2023 Microchip Technology Inc.
and its subsidiaries
Page 14
The Microchip Website
Microchip provides online support via our website at www.microchip.com/. This website is used to make files and infor-
mation easily available to customers. Some of the content available includes:
Product Support – Data sheets and errata, application notes and sample programs, design resources, user’s
guides and hardware support documents, latest software releases and archived software
General Technical Support – Frequently Asked Questions (FAQs), technical support requests, online
discussion groups, Microchip design partner program member listing
Business of Microchip – Product selector and ordering guides, latest Microchip press releases, listing of
seminars and events, listings of Microchip sales offices, distributors and factory representatives
Product Change Notification Service
Microchip’s product change notification service helps keep customers current on Microchip products. Subscribers will re-
ceive email notification whenever there are changes, updates, revisions or errata related to a specified product family or
development tool of interest.
To register, go to www.microchip.com/pcn and follow the registration instructions.
Customer Support
Users of Microchip products can receive assistance through several channels:
Distributor or Representative
Local Sales Office
Embedded Solutions Engineer (ESE)
Technical Support
Customers should contact their distributor, representative or ESE for support. Local sales offices are also available to help
customers. A listing of sales offices and locations is included in this document.
Technical support is available through the website at: www.microchip.com/support
Microchip Devices Code Protection Feature
Note the following details of the code protection feature on Microchip products:
Microchip products meet the specifications contained in their particular Microchip Data Sheet.
Microchip believes that its family of products is secure when used in the intended manner, within operating specifica-
tions, and under normal conditions.
Microchip values and aggressively protects its intellectual property rights. Attempts to breach the code
protection features of Microchip product is strictly prohibited and may violate the Digital Millennium Copyright Act.
Neither Microchip nor any other semiconductor manufacturer can guarantee the security of its code. Code
protection does not mean that we are guaranteeing the product is “unbreakable”. Code protection is constantly evolv-
ing. Microchip is committed to continuously improving the code protection features of our products.
Legal Notice
This publication and the information herein may be used only with Microchip products, including to design, test, and inte-
grate Microchip products with your application. Use of this information in any other manner violates these terms. Infor-
mation regarding device applications is provided only for your convenience and may be superseded by updates. It is your
responsibility to ensure that your application meets with your specifications. Contact your local Microchip sales office for
additional support or, obtain additional support at www.microchip.com/en-us/support/design-help/client-support-services.


Similar Part No. - ICP0349P

ManufacturerPart #DatasheetDescription
logo
Rohm
ICP ROHM-ICP Datasheet
95Kb / 1P
ICP
logo
TDK Electronics
ICP-10111 TDK-ICP-10111 Datasheet
995Kb / 31P
High Accuracy, Low Power, Barometric Pressure and Temperature Sensor IC
Revision: 1.3
logo
Rohm
ICP-F10 ROHM-ICP-F10 Datasheet
95Kb / 1P
ICP
ICP-F10WH ROHM-ICP-F10WH Datasheet
95Kb / 1P
ICP
ICP-F15 ROHM-ICP-F15 Datasheet
95Kb / 1P
ICP
More results

Similar Description - ICP0349P

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA2735075D CREE-CMPA2735075D Datasheet
394Kb / 7P
75 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
logo
Microchip Technology
GMICP2731-10 MICROCHIP-GMICP2731-10 Datasheet
788Kb / 22P
27.5 ??31 GHz 9W GaN PA MMIC
2021
logo
WOLFSPEED, INC.
CMPA2735030D WOLFSPEED-CMPA2735030D Datasheet
468Kb / 9P
30 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 0.0 June 2 019
CMPA2735030S WOLFSPEED-CMPA2735030S Datasheet
1Mb / 17P
30 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 0.3 January 2022
CMPA2735075D WOLFSPEED-CMPA2735075D Datasheet
386Kb / 9P
75 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 3.2 April 2020
CMPA2738060F WOLFSPEED-CMPA2738060F Datasheet
2Mb / 22P
60 W, 2.7 - 3.8 GHz, GaN MMIC, Power Amplifier
Rev. 1.0, 2022-9-30
logo
Microchip Technology
ICP1040P MICROCHIP-ICP1040P Datasheet
6Mb / 23P
7.9-11GHz 12W GaN PA MMIC
Rev E
ICP1240 MICROCHIP-ICP1240 Datasheet
937Kb / 17P
6-18GHz 10W GaN PA MMIC
Rev F
ICP1543 MICROCHIP-ICP1543 Datasheet
1,020Kb / 20P
12-18GHz 20W GaN PA MMIC
Rev E
ICP2840 MICROCHIP-ICP2840 Datasheet
787Kb / 21P
27.5 – 31 GHz 9W GaN PA MMIC
12/2021 Revision B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com