Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICP0349P Datasheet(PDF) 12 Page - Microchip Technology

Part # ICP0349P
Description  2.7-3.5GHz 70W GaN PA MMIC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ICP0349P Datasheet(HTML) 12 Page - Microchip Technology

Back Button ICP0349P Datasheet HTML 8Page - Microchip Technology ICP0349P Datasheet HTML 9Page - Microchip Technology ICP0349P Datasheet HTML 10Page - Microchip Technology ICP0349P Datasheet HTML 11Page - Microchip Technology ICP0349P Datasheet HTML 12Page - Microchip Technology ICP0349P Datasheet HTML 13Page - Microchip Technology ICP0349P Datasheet HTML 14Page - Microchip Technology ICP0349P Datasheet HTML 15Page - Microchip Technology ICP0349P Datasheet HTML 16Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
2.7-3.5GHz 70W GaN PA MMIC
ICP0349P
Datasheet Rev B
© 2023 Microchip Technology Inc.
and its subsidiaries
Page 12
Mechanical Drawing
Units: mm


Similar Part No. - ICP0349P

ManufacturerPart #DatasheetDescription
logo
Rohm
ICP ROHM-ICP Datasheet
95Kb / 1P
ICP
logo
TDK Electronics
ICP-10111 TDK-ICP-10111 Datasheet
995Kb / 31P
High Accuracy, Low Power, Barometric Pressure and Temperature Sensor IC
Revision: 1.3
logo
Rohm
ICP-F10 ROHM-ICP-F10 Datasheet
95Kb / 1P
ICP
ICP-F10WH ROHM-ICP-F10WH Datasheet
95Kb / 1P
ICP
ICP-F15 ROHM-ICP-F15 Datasheet
95Kb / 1P
ICP
More results

Similar Description - ICP0349P

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA2735075D CREE-CMPA2735075D Datasheet
394Kb / 7P
75 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
logo
Microchip Technology
GMICP2731-10 MICROCHIP-GMICP2731-10 Datasheet
788Kb / 22P
27.5 ??31 GHz 9W GaN PA MMIC
2021
logo
WOLFSPEED, INC.
CMPA2735030D WOLFSPEED-CMPA2735030D Datasheet
468Kb / 9P
30 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 0.0 June 2 019
CMPA2735030S WOLFSPEED-CMPA2735030S Datasheet
1Mb / 17P
30 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 0.3 January 2022
CMPA2735075D WOLFSPEED-CMPA2735075D Datasheet
386Kb / 9P
75 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 3.2 April 2020
CMPA2738060F WOLFSPEED-CMPA2738060F Datasheet
2Mb / 22P
60 W, 2.7 - 3.8 GHz, GaN MMIC, Power Amplifier
Rev. 1.0, 2022-9-30
logo
Microchip Technology
ICP1040P MICROCHIP-ICP1040P Datasheet
6Mb / 23P
7.9-11GHz 12W GaN PA MMIC
Rev E
ICP1240 MICROCHIP-ICP1240 Datasheet
937Kb / 17P
6-18GHz 10W GaN PA MMIC
Rev F
ICP1543 MICROCHIP-ICP1543 Datasheet
1,020Kb / 20P
12-18GHz 20W GaN PA MMIC
Rev E
ICP2840 MICROCHIP-ICP2840 Datasheet
787Kb / 21P
27.5 – 31 GHz 9W GaN PA MMIC
12/2021 Revision B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com