Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICP0349P Datasheet(PDF) 11 Page - Microchip Technology

Part # ICP0349P
Description  2.7-3.5GHz 70W GaN PA MMIC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ICP0349P Datasheet(HTML) 11 Page - Microchip Technology

Back Button ICP0349P Datasheet HTML 7Page - Microchip Technology ICP0349P Datasheet HTML 8Page - Microchip Technology ICP0349P Datasheet HTML 9Page - Microchip Technology ICP0349P Datasheet HTML 10Page - Microchip Technology ICP0349P Datasheet HTML 11Page - Microchip Technology ICP0349P Datasheet HTML 12Page - Microchip Technology ICP0349P Datasheet HTML 13Page - Microchip Technology ICP0349P Datasheet HTML 14Page - Microchip Technology ICP0349P Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
2.7-3.5GHz 70W GaN PA MMIC
ICP0349P
Datasheet Rev B
© 2023 Microchip Technology Inc.
and its subsidiaries
Page 11
Application Circuit
Value
Details
Qty
Manufacturer Part No.
C1, C2
10uF
10uF Capacitor 1206
2
Various
C31 - C34
10uF
10uF Capacitor 0603
4
Various
C3, C6, C11, C15, C19, C23, C27,
C30
1uF
1uF Capacitor 0402, X8R, 50V
10
Various
C4, C7, C10, C14,C18, C22, C26,
C29
1nF
1nF Capacitor 0402, C0G, 50V
8
Various
C35 - C38
100pF
100pF Capacitor 0402, C0G, 50V
4
Various
C5, C8, C9, C13, C17, C21, C25,
C28
4.7pF
4.7pF Capacitor 0402, C0G, 50V
8
Various
L1 - L4
5.6nH
5.6nH Inductor 0402
4
Various
R7 - R10
10ohm
10ohm Resistor 0402
4
Various
R20, R22, R24, R26
0ohm
0ohm Resistor 0402 (link)
6
Various
R1, R2, R3, R4, R5, R6
0ohm
0ohm Resistor 2010 (link)
6
Various


Similar Part No. - ICP0349P

ManufacturerPart #DatasheetDescription
logo
Rohm
ICP ROHM-ICP Datasheet
95Kb / 1P
   ICP
logo
TDK Electronics
ICP-10111 TDK-ICP-10111 Datasheet
995Kb / 31P
   High Accuracy, Low Power, Barometric Pressure and Temperature Sensor IC
Revision: 1.3
logo
Rohm
ICP-F10 ROHM-ICP-F10 Datasheet
95Kb / 1P
   ICP
ICP-F10WH ROHM-ICP-F10WH Datasheet
95Kb / 1P
   ICP
ICP-F15 ROHM-ICP-F15 Datasheet
95Kb / 1P
   ICP
More results

Similar Description - ICP0349P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ICP1240 MICROCHIP-ICP1240 Datasheet
937Kb / 17P
   6-18GHz 10W GaN PA MMIC
Rev F
ICP1040P MICROCHIP-ICP1040P Datasheet
6Mb / 23P
   7.9-11GHz 12W GaN PA MMIC
Rev E
ICP1543 MICROCHIP-ICP1543 Datasheet
1,020Kb / 20P
   12-18GHz 20W GaN PA MMIC
Rev E
GMICP2731-10 MICROCHIP-GMICP2731-10 Datasheet
788Kb / 22P
   27.5 ??31 GHz 9W GaN PA MMIC
2021
ICP2840 MICROCHIP-ICP2840 Datasheet
787Kb / 21P
   27.5 – 31 GHz 9W GaN PA MMIC
12/2021 Revision B
logo
Cree, Inc
CMPA2735075D CREE-CMPA2735075D Datasheet
394Kb / 7P
   75 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA2735030S WOLFSPEED-CMPA2735030S Datasheet
1Mb / 17P
   30 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 0.3 January 2022
CMPA2738060F WOLFSPEED-CMPA2738060F Datasheet
2Mb / 22P
   60 W, 2.7 - 3.8 GHz, GaN MMIC, Power Amplifier
Rev. 1.0, 2022-9-30
CMPA2735075D WOLFSPEED-CMPA2735075D Datasheet
386Kb / 9P
   75 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 3.2 April 2020
CMPA2735030D WOLFSPEED-CMPA2735030D Datasheet
468Kb / 9P
   30 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 0.0 June 2 019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com