Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICP0349P Datasheet(PDF) 10 Page - Microchip Technology

Part # ICP0349P
Description  2.7-3.5GHz 70W GaN PA MMIC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ICP0349P Datasheet(HTML) 10 Page - Microchip Technology

Back Button ICP0349P Datasheet HTML 6Page - Microchip Technology ICP0349P Datasheet HTML 7Page - Microchip Technology ICP0349P Datasheet HTML 8Page - Microchip Technology ICP0349P Datasheet HTML 9Page - Microchip Technology ICP0349P Datasheet HTML 10Page - Microchip Technology ICP0349P Datasheet HTML 11Page - Microchip Technology ICP0349P Datasheet HTML 12Page - Microchip Technology ICP0349P Datasheet HTML 13Page - Microchip Technology ICP0349P Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
2.7-3.5GHz 70W GaN PA MMIC
ICP0349P
Datasheet Rev B
© 2023 Microchip Technology Inc.
and its subsidiaries
Page 10
Pinout
Function
Description
1-5, 8-12, 14, 16, 18-22, 24-
29, 32-37, 39-43, 45, 47
NC
Not connected. Can be grounded
49
GND
Ground Connection
6, 7
RFIN
RF input, 50 ohm, DC blocked
13, 48
VG1
1st stage gate bias, decoupling and bypass caps required, must be
biased from both pins (VG1 and VG2 can be tied together in applica-
tion)
15, 46
VD1
1st stage drain voltage, decoupling and bypass caps required, must
be biased from both pins (VD1 and VD2 can be tied together in appli-
cation)
17, 44
VG2
2nd stage gate bias, decoupling and bypass caps required, must be
biased from both pins (VG1 and VG2 can be tied together in applica-
tion)
23, 38
VD2
2nd stage drain voltage, decoupling and bypass caps required,
must be biased from both pins (VD1 and VD2 can be tied together in
application)
30, 31
RFOUT
RF output, 50 ohm, DC blocked, pin is DC grounded


Similar Part No. - ICP0349P

ManufacturerPart #DatasheetDescription
logo
Rohm
ICP ROHM-ICP Datasheet
95Kb / 1P
   ICP
logo
TDK Electronics
ICP-10111 TDK-ICP-10111 Datasheet
995Kb / 31P
   High Accuracy, Low Power, Barometric Pressure and Temperature Sensor IC
Revision: 1.3
logo
Rohm
ICP-F10 ROHM-ICP-F10 Datasheet
95Kb / 1P
   ICP
ICP-F10WH ROHM-ICP-F10WH Datasheet
95Kb / 1P
   ICP
ICP-F15 ROHM-ICP-F15 Datasheet
95Kb / 1P
   ICP
More results

Similar Description - ICP0349P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ICP1240 MICROCHIP-ICP1240 Datasheet
937Kb / 17P
   6-18GHz 10W GaN PA MMIC
Rev F
ICP1040P MICROCHIP-ICP1040P Datasheet
6Mb / 23P
   7.9-11GHz 12W GaN PA MMIC
Rev E
ICP1543 MICROCHIP-ICP1543 Datasheet
1,020Kb / 20P
   12-18GHz 20W GaN PA MMIC
Rev E
GMICP2731-10 MICROCHIP-GMICP2731-10 Datasheet
788Kb / 22P
   27.5 ??31 GHz 9W GaN PA MMIC
2021
ICP2840 MICROCHIP-ICP2840 Datasheet
787Kb / 21P
   27.5 – 31 GHz 9W GaN PA MMIC
12/2021 Revision B
logo
Cree, Inc
CMPA2735075D CREE-CMPA2735075D Datasheet
394Kb / 7P
   75 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
logo
WOLFSPEED, INC.
CMPA2735030S WOLFSPEED-CMPA2735030S Datasheet
1Mb / 17P
   30 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 0.3 January 2022
CMPA2738060F WOLFSPEED-CMPA2738060F Datasheet
2Mb / 22P
   60 W, 2.7 - 3.8 GHz, GaN MMIC, Power Amplifier
Rev. 1.0, 2022-9-30
CMPA2735075D WOLFSPEED-CMPA2735075D Datasheet
386Kb / 9P
   75 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 3.2 April 2020
CMPA2735030D WOLFSPEED-CMPA2735030D Datasheet
468Kb / 9P
   30 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 0.0 June 2 019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com