Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU2527DF Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BU2527DF
Description  Silicon Diffused Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU2527DF Datasheet(HTML) 5 Page - NXP Semiconductors

  BU2527DF Datasheet HTML 1Page - NXP Semiconductors BU2527DF Datasheet HTML 2Page - NXP Semiconductors BU2527DF Datasheet HTML 3Page - NXP Semiconductors BU2527DF Datasheet HTML 4Page - NXP Semiconductors BU2527DF Datasheet HTML 5Page - NXP Semiconductors BU2527DF Datasheet HTML 6Page - NXP Semiconductors BU2527DF Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2527DF
Fig.13. Normalised power dissipation.
PD% = 100
⋅P
D/PD 25˚C = f (Ths)
Fig.14. Transient thermal impedance.
Z
th j-hs = f(t); parameter D = tp/T
Fig.15. Reverse bias safe operating area. T
j ≤ Tjmax
Fig.16. Forward bias safe operating area. T
hs = 25 ˚C
I
CDC & ICM = f(VCE); ICM single pulse; parameter tp
Second-breakdown limits independant of temperature.
Mounted with heatsink compound.
0
20
40
60
80
100
120
140
Ths / C
PD%
Normalised Power Derating
120
110
100
90
80
70
60
50
40
30
20
10
0
with heatsink compound
0
30
20
10
0
500
1000
1500
VCE / V
IC / A
BU2527AF
1E-06
1E-04
1E-02
1E+00
t / s
Zth / (K/W)
BU2525AF
10
1
0.1
0.01
0.001
D =
tp
tp
T
T
P
t
D
D = 0
0.02
0.05
0.1
0.2
0.5
BU2525AF
IC / A
100
10
1
0.1
0.01
1
10
100
1000 VCE / V
100 us
1 ms
10 ms
DC
40 us
tp =
Ptot
ICM
ICDC
= 0.01
September 1997
5
Rev 1.200


Similar Part No. - BU2527DF

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
BU2527DF SAVANTIC-BU2527DF Datasheet
119Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
BU2527DF JMNIC-BU2527DF Datasheet
87Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BU2527DF ISC-BU2527DF Datasheet
136Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
BU2527DF SAVANTIC-BU2527DF Datasheet
120Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
BU2527DF_2015 JMNIC-BU2527DF_2015 Datasheet
87Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - BU2527DF

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SD1577 WINGS-2SD1577 Datasheet
138Kb / 1P
   Silicon Diffused Power Transistor
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
July 1998-Rev 1.600
logo
Wing Shing Computer Com...
S2005A WINGS-S2005A Datasheet
95Kb / 1P
   SILICON DIFFUSED POWER TRANSISTOR
logo
NXP Semiconductors
BU2522DX PHILIPS-BU2522DX Datasheet
80Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2523DX PHILIPS-BU2523DX Datasheet
69Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2525AW PHILIPS-BU2525AW Datasheet
74Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.100
BU2525DF PHILIPS-BU2525DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527AF PHILIPS-BU2527AF Datasheet
70Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DX PHILIPS-BU2527DX Datasheet
83Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2530AL PHILIPS-BU2530AL Datasheet
65Kb / 6P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com