Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC8172TB Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPC8172TB
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC8172TB Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPC8172TB Datasheet HTML 17Page - Renesas Technology Corp UPC8172TB Datasheet HTML 18Page - Renesas Technology Corp UPC8172TB Datasheet HTML 19Page - Renesas Technology Corp UPC8172TB Datasheet HTML 20Page - Renesas Technology Corp UPC8172TB Datasheet HTML 21Page - Renesas Technology Corp UPC8172TB Datasheet HTML 22Page - Renesas Technology Corp UPC8172TB Datasheet HTML 23Page - Renesas Technology Corp UPC8172TB Datasheet HTML 24Page - Renesas Technology Corp UPC8172TB Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Data Sheet P14729EJ2V0DS00
19
µµµµPC8172TB
10
0
–10
–20
–30
–40
–50
–60
–70
–80
IM3, RF OUTPUT LEVEL vs. IF INPUT LEVEL
10
0
–10
–20
–30
–40
–50
–60
–70
–80
IM3, RF OUTPUT LEVEL vs. IF INPUT LEVEL
–30
–25
–20
–15
–10
–5
0
5
–30
–25
–20
–15
–10
–5
0
5
10
0
–10
–20
–30
–40
–50
–60
–70
–80
IM3, RF OUTPUT LEVEL vs. IF INPUT LEVEL
10
0
–10
–20
–30
–40
–50
–60
–70
–80
IM3, RF OUTPUT LEVEL vs. IF INPUT LEVEL
10
0
–10
–20
–30
–40
–50
–60
–70
–80
IM3, RF OUTPUT LEVEL vs. IF INPUT LEVEL
10
0
–10
–20
–30
–40
–50
–60
–70
–80
IM3, RF OUTPUT LEVEL vs. IF INPUT LEVEL
IF Input Level PIFin (dBm)
IF Input Level PIFin (dBm)
IF Input Level PIFin (dBm)
IF Input Level PIFin (dBm)
IF Input Level PIFin (dBm)
IF Input Level PIFin (dBm)
–30
–25
–20
–15
–10
–5
0
5
–30
–25
–20
–15
–10
–5
0
5
–30
–25
–20
–15
–10
–5
0
5
–30
–25
–20
–15
–10
–5
0
5
TA = +25
°C
VCC = VPS = 2.7 V
fRFout = 900 MHz
fIFin1 = 240 MHz
fIFin2 = 241 MHz
fLOin = 1 140 MHz
PLOin = –5 dBm
TA = –40
°C
VCC = VPS = 3.0 V
fRFout = 900 MHz
fIFin1 = 240 MHz
fIFin2 = 241 MHz
fLOin = 1 140 MHz
PLOin = –5 dBm
TA = +25
°C
VCC = VPS = 3.0 V
fRFout = 900 MHz
fIFin1 = 240 MHz
fIFin2 = 241 MHz
fLOin = 1 140 MHz
PLOin = –5 dBm
TA = +25
°C
VCC = VPS = 3.0 V
fRFout = 900 MHz
fIFin1 = 240 MHz
fIFin2 = 241 MHz
fLOin = 1 140 MHz
PLOin = –5 dBm
TA = +25
°C
VCC = VPS = 3.3 V
fRFout = 900 MHz
fIFin1 = 240 MHz
fIFin2 = 241 MHz
fLOin = 1 140 MHz
PLOin = –5 dBm
TA = +85
°C
VCC = VPS = 3.0 V
fRFout = 900 MHz
fIFin1 = 240 MHz
fIFin2 = 241 MHz
fLOin = 1 140 MHz
PLOin = –5 dBm


Similar Part No. - UPC8172TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8172TB NEC-UPC8172TB Datasheet
79Kb / 7P
   SILICON MMIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
June 2000
UPC8172TB NEC-UPC8172TB Datasheet
121Kb / 8P
   SILICON RFIC HI-IP3 FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
logo
California Eastern Labs
UPC8172TB CEL-UPC8172TB Datasheet
239Kb / 12P
   SILICON RFIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
logo
Renesas Technology Corp
UPC8172TB RENESAS-UPC8172TB Datasheet
419Kb / 34P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
logo
NEC
UPC8172TB-E3 NEC-UPC8172TB-E3 Datasheet
79Kb / 7P
   SILICON MMIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
June 2000
More results

Similar Description - UPC8172TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC37M31 NEC-UPC37M31 Datasheet
86Kb / 11P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1225H NEC-UPC1225H Datasheet
391Kb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1270H NEC-UPC1270H Datasheet
729Kb / 16P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1883 NEC-UPC1883 Datasheet
229Kb / 4P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
California Eastern Labs
UPC3226TB CEL-UPC3226TB Datasheet
416Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC1227V NEC-UPC1227V Datasheet
599Kb / 6P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
PC1470 RENESAS-PC1470_15 Datasheet
183Kb / 8P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC2753GR RENESAS-UPC2753GR Datasheet
243Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
UPC2756TB RENESAS-UPC2756TB Datasheet
252Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
UPC3223TB RENESAS-UPC3223TB Datasheet
225Kb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2004
UPC1830 RENESAS-UPC1830 Datasheet
525Kb / 46P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com