Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC8172TB Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # UPC8172TB
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC8172TB Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button UPC8172TB Datasheet HTML 10Page - Renesas Technology Corp UPC8172TB Datasheet HTML 11Page - Renesas Technology Corp UPC8172TB Datasheet HTML 12Page - Renesas Technology Corp UPC8172TB Datasheet HTML 13Page - Renesas Technology Corp UPC8172TB Datasheet HTML 14Page - Renesas Technology Corp UPC8172TB Datasheet HTML 15Page - Renesas Technology Corp UPC8172TB Datasheet HTML 16Page - Renesas Technology Corp UPC8172TB Datasheet HTML 17Page - Renesas Technology Corp UPC8172TB Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
Data Sheet P14729EJ2V0DS00
12
µµµµPC8172TB
7. TYPICAL CHARACTERISTICS (Unless otherwise specified, TA = +25
°°°°C, VCC = VRFout)
12
10
8
6
4
2
0
CIRCUIT CURRENT vs.
OPERATING AMBIENT TEMPERATURE
–40
–20
0
20
40
60
80
12
10
8
6
4
2
0
CIRCUIT CURRENT vs. SUPPLY VOLTAGE
01
2
3
4
12
10
8
6
4
2
0
CIRCUIT CURRENT vs. PS PIN INPUT VOLTAGE
01
23
4
PS PIN CONTROL RESPONSE TIME
Supply Voltage VCC (V)
Operating Ambient Temperature TA (
°C)
PS Pin Input Voltage VPS (V)
REF LVL = 0 dBm
ATT = 10 dB
10 dB/DIV (Vertical axis)
CENTER = 0.9 GHz
SPAN = 0 Hz
RBW = 3 MHz
VBW = 3 MHz
SWP = 50 sec
5 sec/DIV (Horizontal axis)
no signal
VCC = VPS
VCC = 3.0 V
no signal
VCC = VPS
TA = +85
°C
VCC = 2.7 V
VCC = 3.3 V
VCC = 3.0 V
TA = +25
°C
TA = –40
°C
µ
µ


Similar Part No. - UPC8172TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8172TB NEC-UPC8172TB Datasheet
79Kb / 7P
SILICON MMIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
June 2000
UPC8172TB NEC-UPC8172TB Datasheet
121Kb / 8P
SILICON RFIC HI-IP3 FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
logo
California Eastern Labs
UPC8172TB CEL-UPC8172TB Datasheet
239Kb / 12P
SILICON RFIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
logo
Renesas Technology Corp
UPC8172TB RENESAS-UPC8172TB Datasheet
419Kb / 34P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
logo
NEC
UPC8172TB-E3 NEC-UPC8172TB-E3 Datasheet
79Kb / 7P
SILICON MMIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
June 2000
More results

Similar Description - UPC8172TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC37M31 NEC-UPC37M31 Datasheet
86Kb / 11P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1225H NEC-UPC1225H Datasheet
391Kb / 17P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1270H NEC-UPC1270H Datasheet
729Kb / 16P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1883 NEC-UPC1883 Datasheet
229Kb / 4P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
California Eastern Labs
UPC3226TB CEL-UPC3226TB Datasheet
416Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC1227V NEC-UPC1227V Datasheet
599Kb / 6P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
PC1470 RENESAS-PC1470_15 Datasheet
183Kb / 8P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC2753GR RENESAS-UPC2753GR Datasheet
243Kb / 18P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
UPC2756TB RENESAS-UPC2756TB Datasheet
252Kb / 18P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
UPC3223TB RENESAS-UPC3223TB Datasheet
225Kb / 17P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2004
UPC1830 RENESAS-UPC1830 Datasheet
525Kb / 46P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com