Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC8172TB Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # UPC8172TB
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC8172TB Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button UPC8172TB Datasheet HTML 4Page - Renesas Technology Corp UPC8172TB Datasheet HTML 5Page - Renesas Technology Corp UPC8172TB Datasheet HTML 6Page - Renesas Technology Corp UPC8172TB Datasheet HTML 7Page - Renesas Technology Corp UPC8172TB Datasheet HTML 8Page - Renesas Technology Corp UPC8172TB Datasheet HTML 9Page - Renesas Technology Corp UPC8172TB Datasheet HTML 10Page - Renesas Technology Corp UPC8172TB Datasheet HTML 11Page - Renesas Technology Corp UPC8172TB Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Data Sheet P14729EJ2V0DS00
6
µµµµPC8172TB
2. ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Test Conditions
Rating
Unit
Supply Voltage
VCC
TA = +25°C
3.6
V
PS pin Input Voltage
VPS
TA = +25°C
3.6
V
Power Dissipation of Package
PD
Mounted on double-side copperclad 50
× 50 × 1.6
mm epoxy glass PWB
(TA = +85°C)
270
mW
Operating Ambient Temperature
TA
−40 to +85
°C
Storage Temperature
Tstg
−55 to +150
°C
Input Power
Pin
+10
dBm
3. RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Supply Voltage
VCC
The same voltage should be applied
to pin 5 and 6
2.7
3.0
3.3
V
Operating Ambient Temperature
TA
−40
+25
+85
°C
Local Input Level
PLOin
ZS = 50
Ω (without matching)
−10
−50
dBm
RF Output Frequency
fRFout
With external matching circuit
0.8
2.5
GHz
IF Input Frequency
fIFin
50
400
MHz
4. ELECTRICAL CHARACTERISTICS
(TA = +25°C, VCC = VRFout = 3.0 V, fIFin = 240 MHz, PLOin =
−−−−5 dBm, and VPS ≥≥≥≥ 2.7 V unless otherwise specified)
Parameter
Symbol
Test Conditions
Note
MIN.
TYP.
MAX.
Unit
Circuit Current
ICC
No Signal
5.5
9.0
13
mA
Circuit Current In Power Save
Mode
ICC(PS)
VPS = 0 V
−−
2
µA
CG1
fRFout = 0.9 GHz, PIFin =
−30 dBm
6.5
9.5
12.5
dB
CG2
fRFout = 1.9 GHz, PIFin =
−30 dBm
5.5
8.5
11.5
dB
Conversion Gain
CG3
fRFout = 2.4 GHz, PIFin =
−30 dBm
5
8.0
11.0
dB
PO(sat)1fRFout = 0.9 GHz, PIFin = 0 dBm
−2.5
+0.5
dBm
PO(sat)2fRFout = 1.9 GHz, PIFin = 0 dBm
−3.5
0
dBm
Saturated RF Output Power
PO(sat)3fRFout = 2.4 GHz, PIFin = 0 dBm
−4
−0.5
dBm
Note fRFout < fLoin @ fRFout = 0.9 GHz
fLoin < fRFout @ fRFout = 1.9 GHz/2.4 GHz


Similar Part No. - UPC8172TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8172TB NEC-UPC8172TB Datasheet
79Kb / 7P
SILICON MMIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
June 2000
UPC8172TB NEC-UPC8172TB Datasheet
121Kb / 8P
SILICON RFIC HI-IP3 FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
logo
California Eastern Labs
UPC8172TB CEL-UPC8172TB Datasheet
239Kb / 12P
SILICON RFIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
logo
Renesas Technology Corp
UPC8172TB RENESAS-UPC8172TB Datasheet
419Kb / 34P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
logo
NEC
UPC8172TB-E3 NEC-UPC8172TB-E3 Datasheet
79Kb / 7P
SILICON MMIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
June 2000
More results

Similar Description - UPC8172TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC37M31 NEC-UPC37M31 Datasheet
86Kb / 11P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1225H NEC-UPC1225H Datasheet
391Kb / 17P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1270H NEC-UPC1270H Datasheet
729Kb / 16P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1883 NEC-UPC1883 Datasheet
229Kb / 4P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
California Eastern Labs
UPC3226TB CEL-UPC3226TB Datasheet
416Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC1227V NEC-UPC1227V Datasheet
599Kb / 6P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
PC1470 RENESAS-PC1470_15 Datasheet
183Kb / 8P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC2753GR RENESAS-UPC2753GR Datasheet
243Kb / 18P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
UPC2756TB RENESAS-UPC2756TB Datasheet
252Kb / 18P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
UPC3223TB RENESAS-UPC3223TB Datasheet
225Kb / 17P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2004
UPC1830 RENESAS-UPC1830 Datasheet
525Kb / 46P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com