Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC8172TB Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # UPC8172TB
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC8172TB Datasheet(HTML) 4 Page - Renesas Technology Corp

  UPC8172TB Datasheet HTML 1Page - Renesas Technology Corp UPC8172TB Datasheet HTML 2Page - Renesas Technology Corp UPC8172TB Datasheet HTML 3Page - Renesas Technology Corp UPC8172TB Datasheet HTML 4Page - Renesas Technology Corp UPC8172TB Datasheet HTML 5Page - Renesas Technology Corp UPC8172TB Datasheet HTML 6Page - Renesas Technology Corp UPC8172TB Datasheet HTML 7Page - Renesas Technology Corp UPC8172TB Datasheet HTML 8Page - Renesas Technology Corp UPC8172TB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Data Sheet P14729EJ2V0DS00
2
µµµµPC8172TB
PIN CONNECTIONS
SERIES PRODUCTS (TA = +25°C, VCC = VRFout = 3.0 V, ZS = ZL = 50
Ω)
CG (dB)
Part Number
ICC
(mA)
fRFout
(GHz)
@RF 0.9 GHz
Note
@RF 1.9 GHz
@RF 2.4 GHz
µPC8172TB
9
0.8 to 2.5
9.5
8.5
8.0
µPC8106TB
9
0.4 to 2.0
9
7
µPC8109TB
5
0.4 to.2.0
6
4
µPC8163TB
16.5
0.8 to 2.0
9
5.5
PO(sat) (dBm)
OIP3 (dBm)
Part Number
@RF 0.9 GHz
Note
@RF 1.9 GHz
@RF 2.4 GHz
@RF 0.9 GHz
Note
@RF 1.9 GHz
@RF 2.4 GHz
µPC8172TB
+0.5
0
−0.5
+7.5
+6.0
+4.0
µPC8106TB
−2
−4
+5.5
+2.0
µPC8109TB
−5.5
−7.5
+1.5
−1.0
µPC8163TB
+0.5
−2
+9.5
+6.0
Note fRFout = 0.83 GHz @
µPC8163TB
Remark Typical performance. Please refer to ELECTRICAL CHARACTERISTICS in detail.
To know the associated product, please refer to each latest data sheet.
BLOCK DIAGRAM (FOR THE
µµµµPC8172TB)
LOinput
GND
IFinput
PS
VCC
RFoutput
(Top View)
3
2
1
4
5
6
(Top View)
4
5
6
3
2
1
(Bottom View)
Pin No.
Pin Name
1
IFinput
2GND
3
LOinput
4PS
5VCC
6
RFoutput


Similar Part No. - UPC8172TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8172TB NEC-UPC8172TB Datasheet
79Kb / 7P
   SILICON MMIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
June 2000
UPC8172TB NEC-UPC8172TB Datasheet
121Kb / 8P
   SILICON RFIC HI-IP3 FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
logo
California Eastern Labs
UPC8172TB CEL-UPC8172TB Datasheet
239Kb / 12P
   SILICON RFIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
logo
Renesas Technology Corp
UPC8172TB RENESAS-UPC8172TB Datasheet
419Kb / 34P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
logo
NEC
UPC8172TB-E3 NEC-UPC8172TB-E3 Datasheet
79Kb / 7P
   SILICON MMIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
June 2000
More results

Similar Description - UPC8172TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC37M31 NEC-UPC37M31 Datasheet
86Kb / 11P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1225H NEC-UPC1225H Datasheet
391Kb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1270H NEC-UPC1270H Datasheet
729Kb / 16P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1883 NEC-UPC1883 Datasheet
229Kb / 4P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
California Eastern Labs
UPC3226TB CEL-UPC3226TB Datasheet
416Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC1227V NEC-UPC1227V Datasheet
599Kb / 6P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
PC1470 RENESAS-PC1470_15 Datasheet
183Kb / 8P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC2753GR RENESAS-UPC2753GR Datasheet
243Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
UPC2756TB RENESAS-UPC2756TB Datasheet
252Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
UPC3223TB RENESAS-UPC3223TB Datasheet
225Kb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2004
UPC1830 RENESAS-UPC1830 Datasheet
525Kb / 46P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com