Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5535-UDC Datasheet(PDF) 94 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
Download  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 94 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 90Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 91Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 92Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 93Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 94Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 95Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 96Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 97Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 98Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 555 page
background image
www.national.com
94
Revision 0.8
4.5
UNIVERSAL SERIAL BUS CONTROLLER
The two Universal Serial Bus Controllers (USBC) each
contain a GeodeLink Adapter, PCI Adapter, and USB Core
blocks. The functional descriptions of the blocks are
described in the following sub-sections.
4.5.1
GeodeLink Adapter
The GeodeLink Adapter (GLA) translates GeodeLink trans-
actions to/from Local bus transactions. The GLA interfaces
to a 64-bit GLIU (GeodeLink Interface Unit) and a 32-bit
Local bus. The GLA supports in-bound memory and I/O
requests which are converted by the PCI Adapter (PA) into
PCI memory and I/O requests that target the USBC. It also
supports in-bound MSR transactions to the MSRs. These
are located “between” the GLA and PA. Lastly, there is a
special MSR used to pass PCI configuration requests to
the PA. The GLA supports out-bound memory requests
only. I/O and MSR transactions from the USBC never
occur. USBC PCI master requests are converted by the PA
into Local bus master requests. These requests may con-
sist of a simple 4-byte read or write. Alternatively, a PCI
burst transaction of any length may be converted to an
appropriate series of GLIU transactions by the GLA. Lastly,
the GLA synchronizes GLIU transactions at the GLIU clock
to the slower Local bus transaction at Local bus clock.
4.5.2
PCI Adapter
The PCI Adapter translates PCI signals to a specific Local
bus transaction that is attached to the GLA, while the PCI
signals are connected directly to a compatible PCI device.
It also translates the Local bus transactions to PCI transac-
tions.
4.5.3
USB Core
The USB Core is a PCI-based implementation of the Uni-
versal Serial Bus (USB) v1.1 Specification utilizing the
Open Host Controller Interface (OHCI) standard developed
by Compaq, Microsoft, and National Semiconductor. The
USB Core consists of the following three blocks:
• Host Controller
• USB Interface
• PCI Interface
The USB Core block diagram is shown in Figure 4-8.
Figure 4-8. USB Core Block Diagram
USB Port 1
Port 1
Port 2
Root
Hub
Control
SIE
USB Port 2
Data Buffer
Clock
Generator
Bus
Master
List
Processor
Interrupts
Frame Mgmnt
PCI I/O
PCI Slave
PCI Config
PCI Master
PCI
Host Controller
USB
Interface
Interface
Embedded PCI Bus


Similar Part No. - CS5535-UDC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CS5530 NSC-CS5530 Datasheet
3Mb / 241P
Geode??CS5530 I/O Companion Multi-Function South Bridge
logo
Cirrus Logic
CS5530 CIRRUS-CS5530 Datasheet
286Kb / 36P
24-bit ADC with Ultra-low-noise Amplifier
CS5530 CIRRUS-CS5530 Datasheet
277Kb / 36P
24-bit ADC with Ultra-low-noise Amplifier
CS5530-IS CIRRUS-CS5530-IS Datasheet
286Kb / 36P
24-bit ADC with Ultra-low-noise Amplifier
CS5530-IS CIRRUS-CS5530-IS Datasheet
277Kb / 36P
24-bit ADC with Ultra-low-noise Amplifier
More results

Similar Description - CS5535-UDC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CS5530 NSC-CS5530 Datasheet
3Mb / 241P
Geode??CS5530 I/O Companion Multi-Function South Bridge
CS5530A NSC-CS5530A Datasheet
4Mb / 259P
Geode CS5530A I/O Companion Multi-Function South Bridge
logo
Integrated Silicon Solu...
IS31IO7325 ISSI-IS31IO7325 Datasheet
368Kb / 15P
MULTI-FUNCTION I/O DRIVER
IS31IO7328 ISSI-IS31IO7328 Datasheet
380Kb / 15P
MULTI-FUNCTION I/O DRIVER
logo
Advanced Micro Devices
CS5530A AMD-CS5530A Datasheet
2Mb / 259P
AMD Geode CS5530A Companion Device
logo
Microchip Technology
ECE1117 MICROCHIP-ECE1117 Datasheet
1Mb / 83P
Multi-Function BC-Link/SMBus Companion Device
07/14/15
logo
Intel Corporation
GW80314GSSL7NK INTEL-GW80314GSSL7NK Datasheet
1Mb / 88P
Intel짰 GW80314 I/O Companion Chip
logo
National Semiconductor ...
CS9210 NSC-CS9210 Datasheet
776Kb / 39P
Geode??CS9210 Graphics Companion DSTN Controller
logo
Contec Co., Ltd
AIO-160802L-LPE CONTEC-AIO-160802L-LPE Datasheet
503Kb / 5P
PCI Express-compliant Multi-function Analog I/O
logo
List of Unclassifed Man...
VT8231 ETC-VT8231 Datasheet
1Mb / 132P
SOUTH BRIDGE PC99 COMPLIANT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com