Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5535-UDC Datasheet(PDF) 58 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
Download  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 58 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 54Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 55Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 56Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 57Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 58Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 59Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 60Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 61Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 62Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 555 page
background image
www.national.com
58
Revision 0.8
Global Concepts and Features (Continued)
3.5.2
Clock Controls and Setup
Each of the clock domains listed in Table 3-3 is subject to
various GLCP controls and status registers except those
with “Note 3”. These registers and a brief description of
each is provided:
• GLCP Clock Active (GLCP_CLKACTIVE), MSR
51700011h: A 1 indicates the corresponding clock is
active. This is a read only register.
• GLCP Clock Control (GLCP_CLKOFF), MSR
51700010h: A 1 indicates the corresponding clock is to
be disabled immediately and unconditionally. Not
normally used operationally. Debug only.
• GLCP Clock Mask for Debug Clock Stop Action
(GLCP_CLKDISABLE), MSR 51700012h: A 1 indicates
the corresponding clock is to be disabled by debug logic
via a debug event or trigger. Not normally used opera-
tionally. Debug only.
• GLCP Clock Active Mask for Suspend Acknowledge
(GLCP_CLK4ACK), MSR 51700013h: A 1 indicates the
corresponding clock is to be monitored during a power
management Sleep operation. When all the clocks with
associated 1s go inactive, the GLCP sends a Sleep
Acknowledge to the Power Management Controller. This
register is used during Sleep sequences and requires
the CLK_DLY_EN bit in GLCP_GLB_PM (MSR
5170000Bh[1]) to be 0.
• GLCP Clock Mask for Sleep Request
(GLCP_PMCLKDISABLE), MSR 51700009h: A 1 indi-
cates the corresponding clock is to be disabled uncondi-
tionally during a power management Sleep operation.
Clocks are disabled when the GLCP completes all of its
Sleep Request operations and sends a Sleep Acknowl-
edge to the Power Management Controller.
All of the registers above have the same layout, where
each bit is associated with a clock domain. The layout and
recommended operating values for the registers is pro-
vided in Table 5-73 "Clock Mapping / Operational Settings"
on page 518.
3.5.2.1
Additional Setup Operations
• GLCP Debug Clock Control (GLCP_DBGCLKCTL),
MSR 51700016h: Set all bits to 0. This turns off all
clocks to debug features; not needed during normal
operation.
• GLCP Global Power Management Control
(GLCP_GLB_PM), MSR 5170000Bh: Set all bits to 0.
This disables the use of the fixed delay in
GLCP_CLK_DIS_DELAY and enables the use of
GLCP_CLK4ACK.
• GLCP Clock Disable Delay Value
(GLCP_CLK_DIS_DELAY), MSR 51700008h: Set all
bits to 0. Since use of this register is disabled by setting
all GLCP_DBGCLKCTL bits to 0, the actual value of this
register is a “don’t care”; it is set here for completeness.
If use of GLCP_CLK_DIS_DELAY is desired, set the
CLK_DLY_EN bit in GLCP_GLB_PM (MSR
5170000Bh[1] = 1). This will disable the use of
GLCP_CLK4ACK and shut off the clocks in
GLCP_PMCLKDISABLE after the
GLCP_CLK_DIS_DELAY expires. This delay is
measured in PCI clock edges.
3.6
RESET CONSIDERATIONS
The elements that effect “reset” within the CS5535 are
illustrated in Figure 3-6 on page 59. The following points
are significant:
• Signals denoted in upper case (i.e., all capitals) are
external pins. Signals denoted in lower case are internal
signals.
• There are separate resets for the Working power domain
(RESET_WORK#) and the Standby power domain
(RESET_STAND#).
• All elements in the figure are within the Standby power
domain and operate off the KHZ32_CLK.
• The TAP Controller is in the Working power domain, but
it may be reset separately from the other Working
domain logic.
• Any time the CS5535 is in the Standby state, the
Working power domain is unconditionally and immedi-
ately driven into reset.
• Any faulted event or external reset input forces the
CS5535 into the Standby state.
• External reset (RESET_OUT#) is always asserted
immediately with internal working domain reset but is
de-asserted subject to a programmable delay.
RESET_OUT# asserts without any clocks but requires
the KHZ32_CLK for the delay and the PCI_CLK to de-
assert.
• IDE_RESET# is always asserted immediately with
internal working domain reset and de-asserts when the
ATAC comes out of reset, that is, within a few
MHZ66_CLK edges of internal reset de-assert.
• LVD monitors VCORE and only asserts
power_good_working when VCORE is within normal
operating range.
• LVD monitors VCORE_VSB and VIO_VSB along with
RESET_STAND#. The assertion of power_good_standy
only occurs when the voltages are within normal oper-
ating range and RESET_STAND# is high, that is, de-
asserted.
When power is applied to the CS5535 from a completely
cold start, that is, no Standby or Working power, both
RESET_STAND# and RESET_WORK# are applied. Alter-
natively, one or both of the reset inputs may be tied to
Standby I/O power (VIO_VSB), and the LVD circuit will gen-
erate internal Power Good Working and internal Power
Good Standby. Assuming the LVD circuit is enabled
(LVD_EN# pin tied low), Power Good Standby will assert
until proper Standby voltages have been achieved and
RESET_STAND# has been de-asserted.


Similar Part No. - CS5535-UDC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CS5530 NSC-CS5530 Datasheet
3Mb / 241P
Geode??CS5530 I/O Companion Multi-Function South Bridge
logo
Cirrus Logic
CS5530 CIRRUS-CS5530 Datasheet
286Kb / 36P
24-bit ADC with Ultra-low-noise Amplifier
CS5530 CIRRUS-CS5530 Datasheet
277Kb / 36P
24-bit ADC with Ultra-low-noise Amplifier
CS5530-IS CIRRUS-CS5530-IS Datasheet
286Kb / 36P
24-bit ADC with Ultra-low-noise Amplifier
CS5530-IS CIRRUS-CS5530-IS Datasheet
277Kb / 36P
24-bit ADC with Ultra-low-noise Amplifier
More results

Similar Description - CS5535-UDC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CS5530 NSC-CS5530 Datasheet
3Mb / 241P
Geode??CS5530 I/O Companion Multi-Function South Bridge
CS5530A NSC-CS5530A Datasheet
4Mb / 259P
Geode CS5530A I/O Companion Multi-Function South Bridge
logo
Integrated Silicon Solu...
IS31IO7325 ISSI-IS31IO7325 Datasheet
368Kb / 15P
MULTI-FUNCTION I/O DRIVER
IS31IO7328 ISSI-IS31IO7328 Datasheet
380Kb / 15P
MULTI-FUNCTION I/O DRIVER
logo
Advanced Micro Devices
CS5530A AMD-CS5530A Datasheet
2Mb / 259P
AMD Geode CS5530A Companion Device
logo
Microchip Technology
ECE1117 MICROCHIP-ECE1117 Datasheet
1Mb / 83P
Multi-Function BC-Link/SMBus Companion Device
07/14/15
logo
Intel Corporation
GW80314GSSL7NK INTEL-GW80314GSSL7NK Datasheet
1Mb / 88P
Intel짰 GW80314 I/O Companion Chip
logo
National Semiconductor ...
CS9210 NSC-CS9210 Datasheet
776Kb / 39P
Geode??CS9210 Graphics Companion DSTN Controller
logo
Contec Co., Ltd
AIO-160802L-LPE CONTEC-AIO-160802L-LPE Datasheet
503Kb / 5P
PCI Express-compliant Multi-function Analog I/O
logo
List of Unclassifed Man...
VT8231 ETC-VT8231 Datasheet
1Mb / 132P
SOUTH BRIDGE PC99 COMPLIANT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com