Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5535-UDC Datasheet(PDF) 52 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
Download  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 52 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 48Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 49Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 50Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 51Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 52Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 53Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 54Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 55Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 56Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 555 page
background image
www.national.com
52
Revision 0.8
Global Concepts and Features (Continued)
3.1.5
Topology
The connection of the GLIU to the seven GLDs of the
CS5535 is illustrated in Figure 3-3. Note the circled number
next to each GLD. This is the port number of the GLD. By
design convention, the GLIU is always port zero. Part of the
physical to device (P2D) descriptor is a port number. When
there is a hit on the descriptor address, the port number
indicates which GLD to route the packet to. If there is no
hit, then the packet is routed to the default port. For the
CS5535, the default is always Port 4, that is, the Diverse
Device (DD).
3.1.6
Address Spaces and MSRs
The GLIU and GLDs support the traditional memory and
I/O spaces. The memory space supports a traditional 32-
bit byte address with associated byte enables. The I/O
space is a 20-bit byte address with byte enables. I/O regis-
ters can be 8, 16, or 32 bits. The GLIU has both memory
and I/O P2Ds for routing.
In addition to the above spaces, there is a Model Specific
Register (MSR) space that is tied to the GeodeLink topol-
ogy. As introduced in the previous section, the GLIU has
eight ports with Port 0 assigned to the GLIU. An MSR
“address” is relative to the device making a request to it
and the topology between the requestor and the MSR.
Thus, for the GX2 processor to address an MSR in the
CS5535, it specifies a series of ports that must be tra-
versed to get there. Once a specific device port is identi-
fied, additional address bits are available to select a
specific MSR within a given device.
MSR space is functionally similar to PCI configuration
space. At boot time system initialization, the Core BIOS
(see Section 3.1 "GeodeLink Architecture Overview" on
page 50) traverses the topology of the system to determine
what is present. By convention, the first MSR at each port
is an ID register that indicates a specific device. Once the
Core BIOS knows what is present, it assigns devices to
specific locations in the appropriate memory or I/O address
space using MSRs. Generally, MSRs are used to configure
and set up GLDs, but are not used for ongoing operations.
The “assignment” MSRs are located in the GLIUs as
“descriptors”. The “assignment descriptor” basically says:
“route a request packet containing address X to port Y”.
Port Y can be the final device or another GLIU. This second
GLIU must have assignments to route address X to port Z.
This process continues until the final device port is speci-
fied.
Figure 3-3. CS5535 GeodeLink Architecture Topology
Port 7
Port 3
USBC2
Req In
Data In
Req Out
Data Out
Diag
GLPCI_SB
ATAC
Req In
Data In
Req Out
Data Out
Diag
DD
Req In
Data In
Req Out
Data Out
Diag
GLCP
Req In
Data In
Req Out
Data Out
Diag
USBC1
Req In
Data In
Req Out
Data Out
Diag
ACC
Req In
Data In
Req Out
Data Out
Diag
GLIU
Port 4
Port 5
Port 6
Port 0
Port 2
Port 1


Similar Part No. - CS5535-UDC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CS5530 NSC-CS5530 Datasheet
3Mb / 241P
   Geode??CS5530 I/O Companion Multi-Function South Bridge
logo
Cirrus Logic
CS5530 CIRRUS-CS5530 Datasheet
286Kb / 36P
   24-bit ADC with Ultra-low-noise Amplifier
CS5530 CIRRUS-CS5530 Datasheet
277Kb / 36P
   24-bit ADC with Ultra-low-noise Amplifier
CS5530-IS CIRRUS-CS5530-IS Datasheet
286Kb / 36P
   24-bit ADC with Ultra-low-noise Amplifier
CS5530-IS CIRRUS-CS5530-IS Datasheet
277Kb / 36P
   24-bit ADC with Ultra-low-noise Amplifier
More results

Similar Description - CS5535-UDC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CS5530 NSC-CS5530 Datasheet
3Mb / 241P
   Geode??CS5530 I/O Companion Multi-Function South Bridge
CS5530A NSC-CS5530A Datasheet
4Mb / 259P
   Geode CS5530A I/O Companion Multi-Function South Bridge
logo
Integrated Silicon Solu...
IS31IO7325 ISSI-IS31IO7325 Datasheet
368Kb / 15P
   MULTI-FUNCTION I/O DRIVER
IS31IO7328 ISSI-IS31IO7328 Datasheet
380Kb / 15P
   MULTI-FUNCTION I/O DRIVER
logo
Advanced Micro Devices
CS5530A AMD-CS5530A Datasheet
2Mb / 259P
   AMD Geode CS5530A Companion Device
logo
Microchip Technology
ECE1117 MICROCHIP-ECE1117 Datasheet
1Mb / 83P
   Multi-Function BC-Link/SMBus Companion Device
07/14/15
logo
Intel Corporation
GW80314GSSL7NK INTEL-GW80314GSSL7NK Datasheet
1Mb / 88P
   Intel짰 GW80314 I/O Companion Chip
logo
National Semiconductor ...
CS9210 NSC-CS9210 Datasheet
776Kb / 39P
   Geode??CS9210 Graphics Companion DSTN Controller
logo
Contec Co., Ltd
AIO-160802L-LPE CONTEC-AIO-160802L-LPE Datasheet
503Kb / 5P
   PCI Express-compliant Multi-function Analog I/O
logo
List of Unclassifed Man...
VT8231 ETC-VT8231 Datasheet
1Mb / 132P
   SOUTH BRIDGE PC99 COMPLIANT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com