Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5535-UDC Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
Download  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 21Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 22Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 23Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 24Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 25Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 26Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 27Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 28Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 555 page
background image
Revision 0.8
25
www.national.com
Signal Definitions (Continued)
Table 2-3. Ball Assignments: Sorted Alphabetically by Signal Name
Signal Name
Muxed with
Ball
No.
32KHZ
GPIO27,
MFGPT7_C1
C8
AC_BEEP
GPIO1,
MFGPT0_C2
K3
AC_CLK
M1
AC_S_IN
L1
AC_S_IN2
GPIO12,
SLEEP_Y
J3
AC_S_OUT
BOS1
L2
AC_S_SYNC
BOS0
L3
AD0
R17
AD1
T17
AD2
R16
AD3
T16
AD4
P16
AD5
T15
AD6
R15
AD7
P15
AD8
T14
AD9
R14
AD10
U13
AD11
T13
AD12
R13
AD13
U12
AD14
T12
AD15
R12
AD16
U8
AD17
T8
AD18
R8
AD19
U7
AD20
T7
AD21
R7
AD22
U6
AD23
T6
AD24
U5
AD25
T5
AD26
R5
AD27
T4
AD28
R4
AD29
U3
AD30
T3
AD31
U1
AVDD_USB
F17,
J17,
M17
AVSS_USB
F16,
J16,
M16
BOS0
AC_S_SYNC
L3
BOS1
AC_S_OUT
L2
C/BE0#
U14
C/BE1#
U11
C/BE2#
T9
C/BE3#
R6
CIS
SUSP#
P3
DEVSEL#
R11
FLASH_AD10/IO0
IDE_DATA0
B14
FLASH_AD11/IO1
IDE_DATA1
A15
FLASH_AD12/IO2
IDE_DATA2
C15
FLASH_AD13/IO3
IDE_DATA3
C16
FLASH_AD14/IO4
IDE_DATA4
B17
FLASH_AD15/IO5
IDE_DATA5
D15
FLASH_AD16/IO6
IDE_DATA6
E15
FLASH_AD17/IO7
IDE_DATA7
E16
FLASH_AD18/AD3
IDE_DATA8
E17
FLASH_AD19/AD4
IDE_DATA9
D17
FLASH_AD20/AD5
IDE_DATA10
D16
FLASH_AD21/AD6
IDE_DATA11
C17
FLASH_AD22/AD7
IDE_DATA12
A17
FLASH_AD23/AD8
IDE_DATA13
B16
FLASH_AD24/AD9
IDE_DATA14
B15
FLASH_AD25/AD0
IDE_AD0
A11
FLASH_AD26/AD1
IDE_AD1
A12
FLASH_AD27/AD2
IDE_AD2
B11
FLASH_ALE
IDE_DATA15
C14
FLASH_CE0#
IDE_CS0#
B10
FLASH_CE1#
IDE_CS1#
C10
FLASH_CE2#
IDE_DREQ0#
A14
FLASH_CE3#
IDE_DACK0#
C12
FLASH_CLE
IDE_AD0
A11
FLASH_CS0#
IDE_CS0#
B10
FLASH_CS1#
IDE_CS1#
C10
FLASH_CS2#
IDE_DREQ0#
A14
FLASH_CS3#
IDE_DACK0#
C12
FLASH_IOCHRDY
IDE_RDY0
A13
FLASH_RDY/BUSY# IDE_RDY0
A13
FLASH_RE#
IDE_IOR0#
B13
FLASH_WE#
IDE_IOW0#
C13
FRAME#
U9
FUNC_TEST
F3
GNT#
R1
GPIO0
R2
GPIO1
AC_BEEP,
MFGPT0_C2
K3
GPIO2
IDE_IRQ0
B12
GPIO3
UART2_RX
E1
GPIO4
UART2_TX
E2
GPIO5
MFGPT1_RS,
MFGPT0_C1
D3
GPIO6
MFGPT0_RS,
MFGPT1_C1,
MFGPT2_C2
D2
Signal Name
Muxed with
Ball
No.
GPIO7
MFGPT2_C1,
SLEEP_X
C2
GPIO8
UART1_TX,
UART1_IR_TX
E3
GPIO9
UART1_RX,
UART1_IR_RX
D1
GPIO10
THRM_ALRM#
C3
GPIO11
SLP_CLK_EN#,
MFGPT1_C2
A1
GPIO12
AC_S_IN2,
SLEEP_Y
J3
GPIO13
SLEEP_BUT
F2
GPIO14
SMB_CLK
G3
GPIO15
SMB_DATA
F1
GPIO16
LPC_AD0
H2
GPIO17
LPC_AD1
J2
GPIO18
LPC_AD2
J1
GPIO19
LPC_AD3
K1
GPIO20
LPC_DRQ
G1
GPIO21
LPC_SERIRQ,
MFGPT2_RS
G2
GPIO22
LPC_FRAME#
H3
GPIO24
WORK_AUX
C9
GPIO25
LOW_BAT#,
MFGPT7_C2
A9
GPIO26
MFGPT7_RS
B7
GPIO27
MFGPT7_C1,
32KHZ
C8
GPIO28
PWR_BUT#
A8
IDE_AD0
FLASH_AD25/AD0,
FLASH_CLE
A11
IDE_AD1
FLASH_AD26/AD1
A12
IDE_AD2
FLASH_AD27/AD2
B11
IDE_CS0#
FLASH_CS0#,
FLASH_CE0#
B10
IDE_CS1#
FLASH_CS1#,
FLASH_CE1#
C10
IDE_DACK0#
FLASH_CS3#,
FLASH_CE3#
C12
IDE_DATA0
FLASH_AD10/IO0
B14
IDE_DATA1
FLASH_AD11/IO1
A15
IDE_DATA2
FLASH_AD12/IO2
C15
IDE_DATA3
FLASH_AD13/IO3
C16
IDE_DATA4
FLASH_AD14/IO4
B17
IDE_DATA5
FLASH_AD15/IO5
D15
IDE_DATA6
FLASH_AD16/IO6
E15
IDE_DATA7
FLASH_AD17/IO7
E16
IDE_DATA8
FLASH_AD18/AD3
E17
IDE_DATA9
FLASH_AD19/AD4
D17
IDE_DATA10
FLASH_AD20/AD5
D16
Signal Name
Muxed with
Ball
No.


Similar Part No. - CS5535-UDC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CS5530 NSC-CS5530 Datasheet
3Mb / 241P
Geode??CS5530 I/O Companion Multi-Function South Bridge
logo
Cirrus Logic
CS5530 CIRRUS-CS5530 Datasheet
286Kb / 36P
24-bit ADC with Ultra-low-noise Amplifier
CS5530 CIRRUS-CS5530 Datasheet
277Kb / 36P
24-bit ADC with Ultra-low-noise Amplifier
CS5530-IS CIRRUS-CS5530-IS Datasheet
286Kb / 36P
24-bit ADC with Ultra-low-noise Amplifier
CS5530-IS CIRRUS-CS5530-IS Datasheet
277Kb / 36P
24-bit ADC with Ultra-low-noise Amplifier
More results

Similar Description - CS5535-UDC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CS5530 NSC-CS5530 Datasheet
3Mb / 241P
Geode??CS5530 I/O Companion Multi-Function South Bridge
CS5530A NSC-CS5530A Datasheet
4Mb / 259P
Geode CS5530A I/O Companion Multi-Function South Bridge
logo
Integrated Silicon Solu...
IS31IO7325 ISSI-IS31IO7325 Datasheet
368Kb / 15P
MULTI-FUNCTION I/O DRIVER
IS31IO7328 ISSI-IS31IO7328 Datasheet
380Kb / 15P
MULTI-FUNCTION I/O DRIVER
logo
Advanced Micro Devices
CS5530A AMD-CS5530A Datasheet
2Mb / 259P
AMD Geode CS5530A Companion Device
logo
Microchip Technology
ECE1117 MICROCHIP-ECE1117 Datasheet
1Mb / 83P
Multi-Function BC-Link/SMBus Companion Device
07/14/15
logo
Intel Corporation
GW80314GSSL7NK INTEL-GW80314GSSL7NK Datasheet
1Mb / 88P
Intel짰 GW80314 I/O Companion Chip
logo
National Semiconductor ...
CS9210 NSC-CS9210 Datasheet
776Kb / 39P
Geode??CS9210 Graphics Companion DSTN Controller
logo
Contec Co., Ltd
AIO-160802L-LPE CONTEC-AIO-160802L-LPE Datasheet
503Kb / 5P
PCI Express-compliant Multi-function Analog I/O
logo
List of Unclassifed Man...
VT8231 ETC-VT8231 Datasheet
1Mb / 132P
SOUTH BRIDGE PC99 COMPLIANT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com