Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU2522DX Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BU2522DX
Description  Silicon Diffused Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU2522DX Datasheet(HTML) 1 Page - NXP Semiconductors

  BU2522DX Datasheet HTML 1Page - NXP Semiconductors BU2522DX Datasheet HTML 2Page - NXP Semiconductors BU2522DX Datasheet HTML 3Page - NXP Semiconductors BU2522DX Datasheet HTML 4Page - NXP Semiconductors BU2522DX Datasheet HTML 5Page - NXP Semiconductors BU2522DX Datasheet HTML 6Page - NXP Semiconductors BU2522DX Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2522DX
GENERAL DESCRIPTION
New generation, high-voltage, high-speed switching npn transistor with integrated damper diode in a plastic
full-pack envelope intended for use in horizontal deflection circuits of high resolution monitors. Features improved
RBSOA performance and is suitable for use in horizontal deflection circuits of pc monitors.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
V
CESM
Collector-emitter voltage peak value
V
BE = 0 V
-
1500
V
V
CEO
Collector-emitter voltage (open base)
-
800
V
I
C
Collector current (DC)
-
10
A
I
CM
Collector current peak value
-
25
A
P
tot
Total power dissipation
T
hs ≤ 25 ˚C
-
45
W
V
CEsat
Collector-emitter saturation voltage
I
C = 6.0 A; IB = 1.2 A
-
5.0
V
I
Csat
Collector saturation current
f = 64 kHz
6
-
A
V
F
Diode forward voltage
I
F = 6.0 A
-
2.2
V
t
f
Fall time
I
Csat = 6.0 A; f = 64 kHz
0.12
0.25
µs
PINNING - SOT399
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
base
2
collector
3
emitter
case isolated
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum Rating System (IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
CESM
Collector-emitter voltage peak value
V
BE = 0 V
-
1500
V
V
CEO
Collector-emitter voltage (open base)
-
800
V
I
C
Collector current (DC)
-
10
A
I
CM
Collector current peak value
-
25
A
I
B
Base current (DC)
-
6
A
I
BM
Base current peak value
-
9
A
-I
B(AV)
Reverse base current
average over any 20 ms period
-
150
mA
-I
BM
Reverse base current peak value
1
-6
A
P
tot
Total power dissipation
T
hs
25 ˚C
-
45
W
T
stg
Storage temperature
-65
150
˚C
T
j
Junction temperature
-
150
˚C
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
R
th j-hs
Junction to heatsink
with heatsink compound
-
2.8
K/W
R
th j-a
Junction to ambient
in free air
35
-
K/W
case
12 3
b
c
e
Rbe
1 Turn-off current.
September 1997
1
Rev 1.200


Similar Part No. - BU2522DX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BU2522DF PHILIPS-BU2522DF Datasheet
78Kb / 7P
Silicon Diffused Power Transistor
September 1997 Rev 1.200
logo
Inchange Semiconductor ...
BU2522DF ISC-BU2522DF Datasheet
105Kb / 2P
isc Silicon NPN Power Transistor
logo
List of Unclassifed Man...
BU2522DF ETC2-BU2522DF Datasheet
2Mb / 31P
SEMICONDUCTORS
More results

Similar Description - BU2522DX

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SD1577 WINGS-2SD1577 Datasheet
138Kb / 1P
Silicon Diffused Power Transistor
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
Silicon Diffused Power Transistor
July 1998-Rev 1.600
logo
Wing Shing Computer Com...
S2005A WINGS-S2005A Datasheet
95Kb / 1P
SILICON DIFFUSED POWER TRANSISTOR
logo
NXP Semiconductors
BU2523DX PHILIPS-BU2523DX Datasheet
69Kb / 7P
Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2525AW PHILIPS-BU2525AW Datasheet
74Kb / 7P
Silicon Diffused Power Transistor
September 1997 Rev 1.100
BU2525DF PHILIPS-BU2525DF Datasheet
71Kb / 7P
Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527AF PHILIPS-BU2527AF Datasheet
70Kb / 7P
Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DF PHILIPS-BU2527DF Datasheet
81Kb / 7P
Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DX PHILIPS-BU2527DX Datasheet
83Kb / 7P
Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2530AL PHILIPS-BU2530AL Datasheet
65Kb / 6P
Silicon Diffused Power Transistor
September 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com