Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK14583VTL-G Datasheet(PDF) 1 Page - TOKO, Inc

Part # TK14583VTL-G
Description  Wide band FM IF IC for remote keyless entry / tire pressure monitoring system
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK14583VTL-G Datasheet(HTML) 1 Page - TOKO, Inc

  TK14583VTL-G Datasheet HTML 1Page - TOKO, Inc TK14583VTL-G Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWER&RF
2005 SPRING
Wide band FM IF IC for remote keyless entry / tire pressure monitoring system
リモートキーレスエントリ
/タイヤ空気圧監視システム用広帯域FM IF IC
TK14583V-G
DESCRIPTION
The TK14583V-G is a FM IF IC developed for high speed
communication, including mixer (up to 500MHz) and IF ( up to
12MHz).
Its RSSI output is trimmed individually and very accurate and
its temperature characteristic is stable.
Its Mixer has high gain and wide dynamic range.
TK14583V-Gは500MHzまで使用可能なミキサ、12MHzまで
使用可能な
IF回路を含んだ高速通信用として開発されたFM
IF ICです。RSSI出力は個別にトリミングされ、高精度であ
ると共に優れた温度特性を持っています。ミキサは高利得
でありながら広ダイナミックレンジと両立させておりま
す。
FEATURES
Input Frequency
Mixer: up to500MHz IF: up to 12MHz
入力周波数
Mixer: up to500MHz IF: up to 12MHz
Low Voltage Operation: V
OP=2.5V to 5.5V
低電圧動作
High Speed Data Comparator: to 2Mbps
高速データコンパレータ
Wide Band Amplifier: to 1MHz
広帯域オペアンプ
Active High On/off Control(Battery Save Function)
アクティブハイ
On/offコントロール(バッテリーセーブ機能)
Wide Band Demodulator: to 100kHz
広帯域検波
Small Package: TSSOP-24
小型パッケージ
: TSSOP-24
APPLICATIONS
Keyless Entry System
キーレスエントリーシステム
Digital Cellular Phone
デジタルセルラ
Digital Cordless Phone
デジタルコードレスフォン
Digital European Cordless Telecommunication
DECT
Wireless Local Area Network
ワイヤレス
LAN
PACKAGE OUTLINE
ORDERING INFORMATION
Part name
Package
Marking Pin configuration
Ordering information
TK14583V-G
TSSOP-24
14583
See next
page
1
T K
8
5
3
T L
Storage direction
TL: Left type
G
-
Environment code
G: Lead free
Package code
V: TSSOP-24
V
4
ABSOLUTE MAXIMUM RATINGS
Parameter
項目
Symbol 記号 Rating
定格
Unit 単位 Remarks
備考
Operating Voltage Range
動作電圧範囲
V
OP
2.5 to 5.5
V
Operating Temperature Range
動作温度範囲
T
OP
-30 to +75
°C
Power Dissipation
許容消費電力
P
D
230
mW
Operating Frequency Range
動作周波数範囲
f
OP
6 to 500
MHz


Similar Part No. - TK14583VTL-G

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK14584 TOKO-TK14584 Datasheet
196Kb / 20P
   FM IF IC
TK14584M TOKO-TK14584M Datasheet
196Kb / 20P
   FM IF IC
TK14584M/584 TOKO-TK14584M/584 Datasheet
196Kb / 20P
   FM IF IC
TK14584MTL TOKO-TK14584MTL Datasheet
196Kb / 20P
   FM IF IC
TK14588 TOKO-TK14588 Datasheet
233Kb / 20P
   FM IF IC
More results

Similar Description - TK14583VTL-G

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2295A NJRC-NJM2295A Datasheet
297Kb / 7P
   FM IF IC FOR REMOTE KEYLESS ENTRY SYSTEM
NJM2295AV-TE1 NJRC-NJM2295AV-TE1 Datasheet
148Kb / 6P
   FM IF IC FOR REMOTE KEYLESS ENTRY SYSTEM
NJM2295A NJRC-NJM2295A_1 Datasheet
148Kb / 6P
   FM IF IC FOR REMOTE KEYLESS ENTRY SYSTEM
logo
Microchip Technology
AN238 MICROCHIP-AN238 Datasheet
459Kb / 12P
   Tire Pressure Monitoring (TPM) System
2004
logo
Texas Instruments
TPIC82000 TI1-TPIC82000 Datasheet
832Kb / 92P
[Old version datasheet]   Tire Pressure Monitoring System TX Module
logo
Motorola, Inc
MPXY8021A MOTOROLA-MPXY8021A Datasheet
261Kb / 16P
   Tire Pressure Monitoring Sensor
logo
Infineon Technologies A...
SP30 INFINEON-SP30 Datasheet
376Kb / 14P
   Tire Pressure Monitoring Sensor SP30
Rev.5 2009-06-30
logo
New Japan Radio
NJM2549 NJRC-NJM2549 Datasheet
246Kb / 18P
   WIDE BAND FM IF DEMODULATOR
logo
RF Micro Devices
DK1000R RFMD-DK1000R Datasheet
171Kb / 6P
   315MHZ REMOTE KEYLESS ENTRY RECEIVER
logo
List of Unclassifed Man...
SYN470R ETC2-SYN470R Datasheet
1Mb / 21P
   Automotive Remote Keyless Entry (RKE)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com