Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8802 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8802
Description  Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8802 Datasheet(HTML) 14 Page - Texas Instruments

Back Button DAC8802 Datasheet HTML 10Page - Texas Instruments DAC8802 Datasheet HTML 11Page - Texas Instruments DAC8802 Datasheet HTML 12Page - Texas Instruments DAC8802 Datasheet HTML 13Page - Texas Instruments DAC8802 Datasheet HTML 14Page - Texas Instruments DAC8802 Datasheet HTML 15Page - Texas Instruments DAC8802 Datasheet HTML 16Page - Texas Instruments DAC8802 Datasheet HTML 17Page - Texas Instruments DAC8802 Datasheet HTML 18Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
www.ti.com
A
B
Address
Decoder
Shift Register
EN
To Input Register
CS
CLK
SDI
POWER ON RESET
ESD Protection Circuits
VDD
250 W
DGND
DIGITAL
INPUTS
PCB LAYOUT
DAC8802
SBAS351A – AUGUST 2005 – REVISED DECEMBER 2005
Figure 33 shows the equivalent logic interface for the key digital control pins for the DAC8802.
Figure 33. DAC8802 Equivalent Logic Interface
Two additional pins RS and MSB provide hardware control over the preset function and DAC register loading. If
these functions are not needed, the RS pin can be tied to logic high. The asynchronous input RS pin forces all
input and DAC registers to either the zero-code state (MSB = 0), or the half-scale state (MSB = 1).
When the VDD power supply is turned on, an internal reset strobe forces all the Input and DAC registers to the
zero-code state or half-scale, depending on the MSB pin voltage. The VDD power supply should have a smooth
positive ramp without drooping, in order to have consistent results, especially in the region of VDD = 1.5 V to
2.3 V. The DAC register data stays at the zero or half-scale setting until a valid serial register data load takes
place.
All logic-input pins contain back-biased ESD protection zener diodes connected to ground (DGND) and VDD, as
shown in Figure 34.
Figure 34. Equivalent ESD Protection Circuits
The DAC8802 is a high-accuracy DAC that can have its performance compromised by grounding and printed
circuit board (PCB) lead trace resistance. The 14-bit DAC8802 with a 10-V full-scale range has an LSB value of
610 µV. The ladder and associated reference and analog ground currents for a given channel can be as high as
2 mA. With this 2 mA current level, a series wiring and connector resistance of only 305 m
Ω will cause 1 LSB of
voltage drop. The preferred PCB layout for the DAC8802 is to have all AGNDX pins connected directly to an
analog ground plane at the unit. The noninverting input of each channel I/V converter should also either connect
directly to the analog ground plane or have an individual sense trace back to the AGNDX pin connection. The
feedback resistor trace to the I/V converter should also be kept short and low resistance to prevent IR drops from
contributing to gain error. This attention to wiring ensures the optimal performance of the DAC8802.
14


Similar Part No. - DAC8802

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8802 TI-DAC8802_15 Datasheet
777Kb / 22P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
More results

Similar Description - DAC8802

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8802 TI-DAC8802_15 Datasheet
777Kb / 22P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8801 TI1-DAC8801_16 Datasheet
991Kb / 22P
[Old version datasheet]   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC8801 BURR-BROWN-DAC8801 Datasheet
384Kb / 16P
   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8803 TI-DAC8803_15 Datasheet
2Mb / 26P
[Old version datasheet]   Quad, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8805 TI1-DAC8805_14 Datasheet
797Kb / 25P
[Old version datasheet]   14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC8805 BURR-BROWN-DAC8805 Datasheet
526Kb / 25P
   14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI1-DAC8812 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8803 TI-DAC8803 Datasheet
261Kb / 30P
[Old version datasheet]   Quad, Current Output, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8806 TI-DAC8806 Datasheet
1Mb / 20P
[Old version datasheet]   14-Bit, Parallel Input Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com