Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8802 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8802
Description  Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8802 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC8802 Datasheet HTML 7Page - Texas Instruments DAC8802 Datasheet HTML 8Page - Texas Instruments DAC8802 Datasheet HTML 9Page - Texas Instruments DAC8802 Datasheet HTML 10Page - Texas Instruments DAC8802 Datasheet HTML 11Page - Texas Instruments DAC8802 Datasheet HTML 12Page - Texas Instruments DAC8802 Datasheet HTML 13Page - Texas Instruments DAC8802 Datasheet HTML 14Page - Texas Instruments DAC8802 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
www.ti.com
THEORY OF OPERATION
CIRCUIT OPERATION
Digital-to-Analog Converters
R
R
R
2R
2R
2R
R
5 kΩ
S2
S1
DGND
VREFX
VDD
RFBX
IOUTX
AGNDX
Digital interface onnections are omitted for clarity.
Switches S1 and S2 are closed; V
must be powered.
DD
c
V
OUT
+ *VREF
D
16384
(1)
DAC8802
SBAS351A – AUGUST 2005 – REVISED DECEMBER 2005
The DAC8802 contains two 14-bit, current-output, digital-to-analog converters (DACs). Each DAC has its own
independent multiplying reference input. The DAC8802 uses a 3-wire, SPI-compatible serial data interface, with a
configurable asynchronous RS pin for half-scale (MSB = 1) or zero-scale (MSB = 0) preset. In addition, an LDAC
strobe enables two-channel simultaneous updates for hardware-synchronized output voltage changes.
The DAC8802 contains two current-steering R-2R ladder DACs. Figure 30 shows a typical equivalent DAC. Each
DAC contains a matching feedback resistor for use with an external I-to-V converter amplifier. The RFBX pin is
connected to the output of the external amplifier. The IOUTX terminal is connected to the inverting input of the
external amplifier. The AGNDX pin should be Kelvin-connected to the load point in the circuit requiring the full
14-bit accuracy.
Figure 30. Typical Equivalent DAC Channel
The DAC is designed to operate with both negative or positive reference voltages. The VDD power pin is only
used by the logic to drive the DAC switches on and off. Note that a matching switch is used in series with the
internal 5 k
Ω feedback resistor. If users are attempting to measure the value of R
FB, power must be applied to
VDD in order to achieve continuity. The DAC output voltage is determined by VREF and the digital data (D)
according to Equation 1:
Note that the output polarity is opposite of the VREF polarity for dc reference voltages.
The DAC is also designed to accommodate ac reference input signals. The DAC8802 accommodates input
reference voltages in the range of -15 V to +15 V. The reference voltage inputs exhibit a constant nominal input
resistance of 5 k
Ω, ±20%. On the other hand, DAC outputs I
OUTA and B are code-dependent and produce
various output resistances and capacitances.
The choice of external amplifier should take into account the variation in impedance generated by the DAC8802
on the amplifiers' inverting input node. The feedback resistance, in parallel with the DAC ladder resistance,
dominates output voltage noise. For multiplying mode applications, an external feedback compensation capacitor
(CFB) may be needed to provide a critically damped output response for step changes in reference input
voltages.
11


Similar Part No. - DAC8802

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8802 TI-DAC8802_15 Datasheet
777Kb / 22P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
More results

Similar Description - DAC8802

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8802 TI-DAC8802_15 Datasheet
777Kb / 22P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8801 TI1-DAC8801_16 Datasheet
991Kb / 22P
[Old version datasheet]   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC8801 BURR-BROWN-DAC8801 Datasheet
384Kb / 16P
   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8803 TI-DAC8803_15 Datasheet
2Mb / 26P
[Old version datasheet]   Quad, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8805 TI1-DAC8805_14 Datasheet
797Kb / 25P
[Old version datasheet]   14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC8805 BURR-BROWN-DAC8805 Datasheet
526Kb / 25P
   14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI1-DAC8812 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8803 TI-DAC8803 Datasheet
261Kb / 30P
[Old version datasheet]   Quad, Current Output, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8806 TI-DAC8806 Datasheet
1Mb / 20P
[Old version datasheet]   14-Bit, Parallel Input Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com