Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8802 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8802
Description  Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8802 Datasheet(HTML) 1 Page - Texas Instruments

  DAC8802 Datasheet HTML 1Page - Texas Instruments DAC8802 Datasheet HTML 2Page - Texas Instruments DAC8802 Datasheet HTML 3Page - Texas Instruments DAC8802 Datasheet HTML 4Page - Texas Instruments DAC8802 Datasheet HTML 5Page - Texas Instruments DAC8802 Datasheet HTML 6Page - Texas Instruments DAC8802 Datasheet HTML 7Page - Texas Instruments DAC8802 Datasheet HTML 8Page - Texas Instruments DAC8802 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
DAC8802
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
14
DAC
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
A0
A1
EN
A
B
Decode
SDI
CS
CLK
DGND
RS
MSB
LDAC
R A
FB
V
A B
REF
R B
FB
I
A
OUT
A
A
GND
A
B
GND
I
B
OUT
Input
Register
Input
Register
DAC A
Register
DAC B
Register
R
R
Power-On
Reset
R
R
DAC A
DAC B
DAC8802
SBAS351A – AUGUST 2005 – REVISED DECEMBER 2005
Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
Relative Accuracy: 1 LSB Max
The DAC8802 is a dual, 14-bit, current-output
Differential Nonlinearity: 1 LSB Max
digital-to-analog converter (DAC) designed to operate
from a single +2.7 V to 5.5 V supply.
2-mA Full-Scale Current
±20%,
with VREF = ±10 V
The applied external reference input voltage VREF
0.5
µs Settling Time
determines the full-scale output current. An internal
feedback resistor (RFB) provides temperature tracking
Midscale or Zero-Scale Reset
for the full-scale output when combined with an
Separate 4Q Multiplying Reference Inputs
external I-to-V precision amplifier.
Reference Bandwidth: 10 MHz
A
doubled-buffered,
serial
data
interface
offers
Reference Dynamics: –105 dB THD
high-speed,
3-wire,
SPI
and
microcontroller
SPI™-Compatible 3-Wire Interface:
compatible inputs using serial data in (SDI), clock
50 MHz
(CLK),
and
a
chip-select
(CS).
A
common
Double Buffered Registers Enable
level-sensitive load DAC strobe (LDAC) input allows
simultaneous
update
of
all
DAC
outputs
from
Simultaneous Multichannel Change
previously loaded input registers. Additionally, an
Internal Power-On Reset
internal power-on reset forces the output voltage to
Industry-Standard Pin Configuration
zero at system turn-on. An MSB pin allows system
reset assertion (RS) to force all registers to zero code
when MSB = 0, or to half-scale code when MSB = 1.
Automatic Test Equipment
The DAC8802 is available in an TSSOP-16 package.
Instrumentation
Digitally Controlled Calibration
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SPI is a trademark of Motorola, Inc.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC8802

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8802 TI-DAC8802_15 Datasheet
777Kb / 22P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
More results

Similar Description - DAC8802

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8802 TI-DAC8802_15 Datasheet
777Kb / 22P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8801 TI1-DAC8801_16 Datasheet
991Kb / 22P
[Old version datasheet]   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC8801 BURR-BROWN-DAC8801 Datasheet
384Kb / 16P
   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8803 TI-DAC8803_15 Datasheet
2Mb / 26P
[Old version datasheet]   Quad, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8805 TI1-DAC8805_14 Datasheet
797Kb / 25P
[Old version datasheet]   14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC8805 BURR-BROWN-DAC8805 Datasheet
526Kb / 25P
   14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI1-DAC8812 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8803 TI-DAC8803 Datasheet
261Kb / 30P
[Old version datasheet]   Quad, Current Output, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8806 TI-DAC8806 Datasheet
1Mb / 20P
[Old version datasheet]   14-Bit, Parallel Input Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com