Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TG-N909 Datasheet(PDF) 1 Page - T-Global Technology

Part # TG-N909
Description  Non-silicone Thermal Grease
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGLOBAL [T-Global Technology]
Direct Link  https://www.tglobaltechnology.com/
Logo TGLOBAL - T-Global Technology

TG-N909 Datasheet(HTML) 1 Page - T-Global Technology

  TG-N909 Datasheet HTML 1Page - T-Global Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
More Innovation, Less Heat.
Version19
20230721
Units 1-2 Cosford Business Park, Central Park, Lutterworth, Leicestershire, LE17 4QU, United Kingdom
T +44 (0)1455 553 510
E sales@tglobaltechnology.com
W www.tglobaltechnology.com
T-Global Technology (Europe & North America) Ltd.
NOTICE: The information contained herein is to the best of our knowledge true and accurate. Values stated in this technical data sheet represent typical values as not all tests are run on each lot of material
produced. All specifications are subject to change without notice. The protective film and release paper does not affect the function of the product. If there is no special requirement, the default depends on
T-Global. Since the varied conditions of potential use are beyond our control, all recommendations or suggestions are presented without guarantee or responsibility on our part and users should make their
own test to determine the suitability of our products in any specific situation. This product is sold without warranty either expressed or implied, of fitness for a particular purpose or otherwise, except that this
product shall be of standard quality, and except to the extent otherwise stated in T-Global Technology’s invoice, quotation, or order acknowledgment.
We disclaim any and all liabilities incurred in connection with the use of information contained herein, or otherwise. All risks of such are assumed by the user. Furthermore, nothing contained herein shall be
construed as a recommendation to use any process or to manufacture or to use any product in conflict with existing or future patents covering any product or material or its use.
Features
Storage:
Application:
2
Properties
Electronic Components - 5G, Aerospace, AI, AIoT, AR/VR/MR/XR, Automotive,
Consumer Devices, Datacom, Electric Vehicle, Electronic Products, Energy
Storage, Industrial, Lighting Equipment, Medical, Military, Netcom, Panel, Power
Electronics, Robot, Servers, Smart Home, Telecom, etc.
Non-silicone Thermal Grease
0 0.8 1.2 1.4 1.6 1.7 1.8 2.2 3.2 3.6 4.0 4.5 5.0
15
20
Thermal Conductivity : 9 W/mK
Thermal grease has a shelf-life of 12 months from the date of manufacture,
as indicated by the lot number, when stored in the original, unopened
container at, or below 25°C.
•Highthermalconductivity
•Siliconeoilfree
•Nooverflow
•Lowthermalimpedance/thermalresistance
•Nonsiliconebasedandenvironmentalfriendly
RoHS Compliant
TG-N909
Properties
Unit
TG-N909
Tolerance
Test Method
Thermal Conductivity
W/m•K
9
±10%
ASTM D5470 Modified
Color
-
Gray
-
-
Oil Dispersible
wt%
<0.1
-
24hr @150
°C
Weight Loss
wt%
<0.1
-
ASTM E595 Modified
Viscosity
Pa·s
300
±100
Brookfield
Density
g/cm³
2.85
±5%
ASTM D792
Operating Temperature
°C
-40~+200
-
-
Volume Resistivity
Ohm-m
>10¹³
-
ASTM D257
Standard Package
-
Pot
-
-
▶Ifanoillayeroccursontopofthethermalgrease,itbelongstoanormalphenomenon.Wesuggesttostiritevenlybeforeusage.
Please avoid any dust or impurity adhering to the thermal grease. This will increase the thermal resistance and reduce the effectiveness of heat
dissipation.
Condition of storage once opened: Constant temperature or cold storage, temperature between +5℃~+15℃. Please consume it within six months.


Similar Part No. - TG-N909

ManufacturerPart #DatasheetDescription
logo
T-Global Technology
TG-NSP35-2 TGLOBAL-TG-NSP35-2 Datasheet
683Kb / 2P
   Non-Silicone Thermal Putty
TG-NSP36K-1-1 TGLOBAL-TG-NSP36K-1-1 Datasheet
586Kb / 1P
   Non-Silicone Thermal Putty
TG-NSP80 TGLOBAL-TG-NSP80 Datasheet
582Kb / 1P
   Non-Silicone Thermal Putty
More results

Similar Description - TG-N909

ManufacturerPart #DatasheetDescription
logo
T-Global Technology
TG-S606A-ULR TGLOBAL-TG-S606A-ULR Datasheet
597Kb / 1P
   Non-Silicone Thermal Grease
TG-937 TGLOBAL-TG-937 Datasheet
569Kb / 1P
   TG 937 Silicone Thermal Grease
TG-AS808 TGLOBAL-TG-AS808 Datasheet
396Kb / 1P
   Thermal Grease
20230721
logo
NTE Electronics
NTE303 NTE-NTE303 Datasheet
93Kb / 3P
   Thermal Grease
logo
Laird Tech Smart Techno...
TGREASE2500 LSTD-TGREASE2500 Datasheet
721Kb / 2P
   Thermal Grease
logo
T-Global Technology
TG-AS606 TGLOBAL-TG-AS606 Datasheet
330Kb / 1P
   Thermal Grease
20230721
TG-NSP35-2 TGLOBAL-TG-NSP35-2 Datasheet
683Kb / 2P
   Non-Silicone Thermal Putty
TG-NSP80 TGLOBAL-TG-NSP80 Datasheet
582Kb / 1P
   Non-Silicone Thermal Putty
TG-APC94 TGLOBAL-TG-APC94 Datasheet
531Kb / 1P
   Non-silicone Thermal Pad
20230721
TG-NSP36K-1-1 TGLOBAL-TG-NSP36K-1-1 Datasheet
586Kb / 1P
   Non-Silicone Thermal Putty
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com