Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TG-A486G Datasheet(PDF) 1 Page - T-Global Technology

Part # TG-A486G
Description  Thermal Pad
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGLOBAL [T-Global Technology]
Direct Link  https://www.tglobaltechnology.com/
Logo TGLOBAL - T-Global Technology

TG-A486G Datasheet(HTML) 1 Page - T-Global Technology

  TG-A486G Datasheet HTML 1Page - T-Global Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
More Innovation, Less Heat.
Version19
20230721
Units 1-2 Cosford Business Park, Central Park, Lutterworth, Leicestershire, LE17 4QU, United Kingdom
T +44 (0)1455 553 510
E sales@tglobaltechnology.com
W www.tglobaltechnology.com
T-Global Technology (Europe & North America) Ltd.
NOTICE: The information contained herein is to the best of our knowledge true and accurate. Values stated in this technical data sheet represent typical values as not all tests are run on each lot of material
produced. All specifications are subject to change without notice. The protective film and release paper does not affect the function of the product. If there is no special requirement, the default depends on
T-Global. Since the varied conditions of potential use are beyond our control, all recommendations or suggestions are presented without guarantee or responsibility on our part and users should make their
own test to determine the suitability of our products in any specific situation. This product is sold without warranty either expressed or implied, of fitness for a particular purpose or otherwise, except that this
product shall be of standard quality, and except to the extent otherwise stated in T-Global Technology’s invoice, quotation, or order acknowledgment.
We disclaim any and all liabilities incurred in connection with the use of information contained herein, or otherwise. All risks of such are assumed by the user. Furthermore, nothing contained herein shall be
construed as a recommendation to use any process or to manufacture or to use any product in conflict with existing or future patents covering any product or material or its use.
Thermal Conductivity : 6.3 W/mK
Thermal Pad
Contact
Pressure (psi)
Thermal
Impedance
(°C*in²/W)
Deflection (%)
10
0.76
1
30
0.73
3
50
0.69
7
REACH Compliant
RoHS Compliant
UL Compliant
Contact Pressure, Thermal Impedance, and Deflection
Properties
TG-A486G / H48-6G
Hardness : 30 (Shore A)
0
5
10
15
20
25
30
40
80
0 0.8 1.2 1.4 1.6 1.7 1.8 2.2 3.2 3.6 4.0 4.5 5.0
15
20
•Verygoodthermalconductivity
•Verygoodtoinsulator
•Naturaltack
•Easytoassemble
※Forthicknesseslessthan1.0mm,hardnesswillbeadjustedto50-75ShoreOOtofacilitateeffectiveremovaloflinerduringproduction
※Differenttolerancesaccordingtotheselectedthickness
※Die-cutfordifferentshapes
Properties
Unit
TG-A486G / H48-6G
Tolerance
Test Method
Thermal Conductivity
W/m•K
6.3
±10%
ASTM D5470 Modified
Thickness
mm
0.3~5.0
-
ASTM D374
inch
0.0118~0.1969
-
ASTM D374
Color
-
Gray
-
Colorimeter CIE 1976
Flame Rating
-
V-0
-
UL 94
Dielectric Breakdown Voltage
KV/mm
13.3
-
ASTM D149
Weight Loss
%
<1
-
ASTM E595 Modified
Density
g/cm³
3.09
±5%
ASTM D792
Operating Temperature
°C
-40~+200
-
-
Volume Resistivity
Ohm-m
>10¹1
-
ASTM D257
Elongation
%
60
-
ASTM D412
Tensile Strength
kgf/cm2
6
-
ASTM D412
Standard Format
-
Sheet
-
-
Hardness
Shore A
30
±10
ASTM D2240
Electronic Components - 5G, Aerospace, AI, AIoT, AR/VR/MR/XR,
Automotive, Consumer Devices, Datacom, Electric Vehicle, Electronic
Products, Energy Storage, Industrial, Lighting Equipment, Medical,
Military, Netcom, Panel, Power Electronics, Robot, Servers, Smart
Home, Telecom, etc.
Application:
Features


Similar Part No. - TG-A486G

ManufacturerPart #DatasheetDescription
logo
T-Global Technology
TG-A4040 TGLOBAL-TG-A4040 Datasheet
385Kb / 1P
Ultra Soft Thermal Pad
20230721
TG-A404F TGLOBAL-TG-A404F Datasheet
393Kb / 1P
Ultra Soft Thermal Pad
20230721
TG-A4500 TGLOBAL-TG-A4500 Datasheet
503Kb / 1P
Ultra Soft Thermal Pad
20230721
TG-A4500F TGLOBAL-TG-A4500F Datasheet
475Kb / 1P
Fiberglass Mesh Series Thermal Pad
20230721
More results

Similar Description - TG-A486G

ManufacturerPart #DatasheetDescription
logo
CUI Devices
SF100 CUID-SF100 Datasheet
234Kb / 2P
THERMAL PAD
08/05/2022
logo
T-Global Technology
TG-A373F TGLOBAL-TG-A373F Datasheet
404Kb / 1P
Thermal Pad
20230721
TG-A373L TGLOBAL-TG-A373L Datasheet
379Kb / 1P
Thermal Pad
20230721
TG-A375S TGLOBAL-TG-A375S Datasheet
411Kb / 1P
Thermal Pad
20230721
GT10D TGLOBAL-GT10D Datasheet
233Kb / 1P
Thermal Pad
Version18 20220801
TG-A373S TGLOBAL-TG-A373S Datasheet
398Kb / 1P
Thermal Pad
20230712
TG-AL373 TGLOBAL-TG-AL373 Datasheet
367Kb / 1P
Thermal Pad
20230721
logo
CUI INC
SF100 CUI-SF100 Datasheet
241Kb / 2P
THERMAL PAD
logo
T-Global Technology
TG-AL375 TGLOBAL-TG-AL375 Datasheet
422Kb / 1P
Thermal Pad
20230721
logo
CUI Devices
SF400 CUID-SF400 Datasheet
236Kb / 2P
THERMAL PAD
08/05/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com