Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPB1502GR Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # UPB1502GR
Description  BIPOLAR DIGITAL INTEGRATED CIRCUITS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPB1502GR Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button UPB1502GR Datasheet HTML 6Page - Renesas Technology Corp UPB1502GR Datasheet HTML 7Page - Renesas Technology Corp UPB1502GR Datasheet HTML 8Page - Renesas Technology Corp UPB1502GR Datasheet HTML 9Page - Renesas Technology Corp UPB1502GR Datasheet HTML 10Page - Renesas Technology Corp UPB1502GR Datasheet HTML 11Page - Renesas Technology Corp UPB1502GR Datasheet HTML 12Page - Renesas Technology Corp UPB1502GR Datasheet HTML 13Page - Renesas Technology Corp UPB1502GR Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
8
µPB1502GR, 1502GR(1)
Data Sheet P10871EJ3V0DS00
TYPICAL CHARACTERISTICS (TA = +25
°C)
µPB1502GR, µPB1502GR(1) in common —
14
10
8
2
0
246
CIRCUIT CURRENT vs. SUPPLY VOLTAGE
Supply Voltage VCC (V)
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
2.6
2.8
3.0
3.2
3.4
3.6
2.4
OUTPUT VOLTAGE SWING
vs. SUPPLY VOLTAGE
Supply Voltage VCC (V)
PB1502GR
PB1502GR(1)
: TA = +85
°C
: TA = +25
°C
: TA = –40
°C
µ
µ
PB1502GR
PB1502GR(1)
: TA = +85
°C
: TA = +25
°C
: TA = –40
°C
µ
µ
2.0 GHz
1.0 GHz
VCC = 3.0 V, ICC = 6.7 mA, ZO = 50 W
S11 vs. f
0.5 GHz
4
6
12


Similar Part No. - UPB1502GR

ManufacturerPart #DatasheetDescription
logo
NEC
UPB1502GR NEC-UPB1502GR Datasheet
165Kb / 4P
   1.7 GHz/ 2.0 GHz LOW-POWER TWO-MODULUS PRESCALER DIVIDED-BY-64/65, 128/129
UPB1502GR NEC-UPB1502GR Datasheet
75Kb / 4P
   DIVIDE- BY- 64/65/128/129 PRESCALER
UPB1502GR-E1 NEC-UPB1502GR-E1 Datasheet
165Kb / 4P
   1.7 GHz/ 2.0 GHz LOW-POWER TWO-MODULUS PRESCALER DIVIDED-BY-64/65, 128/129
UPB1502GR-E1 NEC-UPB1502GR-E1 Datasheet
75Kb / 4P
   DIVIDE- BY- 64/65/128/129 PRESCALER
UPB1502GR1 NEC-UPB1502GR1 Datasheet
165Kb / 4P
   1.7 GHz/ 2.0 GHz LOW-POWER TWO-MODULUS PRESCALER DIVIDED-BY-64/65, 128/129
More results

Similar Description - UPB1502GR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPB1506GV RENESAS-UPB1506GV Datasheet
573Kb / 22P
   BIPOLAR DIGITAL INTEGRATED CIRCUITS
1996
logo
List of Unclassifed Man...
UPB1507GV-E1-A ETC2-UPB1507GV-E1-A Datasheet
718Kb / 16P
   BIPOLAR DIGITAL INTEGRATED CIRCUITS PB1507GV
logo
Renesas Technology Corp
UPB1513TU RENESAS-UPB1513TU Datasheet
322Kb / 14P
   BIPOLAR DIGITAL INTEGRATED CIRCUIT
2005
UPB1514TU RENESAS-UPB1514TU Datasheet
327Kb / 14P
   BIPOLAR DIGITAL INTEGRATED CIRCUIT
2005
UPB1511TB RENESAS-UPB1511TB Datasheet
215Kb / 10P
   BIPOLAR DIGITAL INTEGRATED CIRCUIT
2000
UPB1508GV RENESAS-UPB1508GV Datasheet
205Kb / 14P
   BIPOLAR DIGITAL INTEGRATED CIRCUIT
1996
UPB1509GV RENESAS-UPB1509GV Datasheet
246Kb / 18P
   BIPOLAR DIGITAL INTEGRATED CIRCUIT
1996
UPB587G RENESAS-UPB587G Datasheet
201Kb / 10P
   BIPOLAR DIGITAL INTEGRATED CIRCUIT
1988
UPB1512TU RENESAS-UPB1512TU Datasheet
333Kb / 14P
   BIPOLAR DIGITAL INTEGRATED CIRCUIT
2005
UPB1510GV RENESAS-UPB1510GV Datasheet
308Kb / 15P
   BIPOLAR DIGITAL INTEGRATED CIRCUIT
2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com