Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7016410 Datasheet(PDF) 1 Page - FIBOX Enclosing innovations

Part # 7016410
Description  Hexagonal lock nut
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIBOX [FIBOX Enclosing innovations]
Direct Link  http://www.fibox.co.kr/
Logo FIBOX - FIBOX Enclosing innovations

7016410 Datasheet(HTML) 1 Page - FIBOX Enclosing innovations

  7016410 Datasheet HTML 1Page - FIBOX Enclosing innovations  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GPA M20-B
Sample image
Order symbol : GPA M20-B
Product nr : 7016410
Description : Hexagonal lock nut
Remarks : M20x1,5
EAN : 6418074054944
El. number :
• Finland : 1721193
• Denmark : 8213003430
Dimensions :
Height
Width
Depth
mm :
6
31
31
inch :
0.24
1.22
1.22
Materials :
Ratings :
electrical_insulation :
Not insulated
UV resistance :
-
© Fibox Oy, Data subject to change without notice (printed: 16.08.2023)


Similar Part No. - 7016410

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
7016411 FIBOX-7016411 Datasheet
47Kb / 1P
Hexagonal lock nut
16.08.2023
7016412 FIBOX-7016412 Datasheet
47Kb / 1P
Hexagonal lock nut
16.08.2023
7016413 FIBOX-7016413 Datasheet
46Kb / 1P
Hexagonal lock nut
16.08.2023
7016414 FIBOX-7016414 Datasheet
46Kb / 1P
Hexagonal lock nut
16.08.2023
7016415 FIBOX-7016415 Datasheet
47Kb / 1P
Hexagonal lock nut
16.08.2023
More results

Similar Description - 7016410

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
BHN-5 PHOENIX-BHN-5 Datasheet
42Kb / 2P
Nut, hexagonal, 5.5 mm
BHN-8 PHOENIX-BHN-8 Datasheet
41Kb / 2P
Nut, hexagonal, 8 mm
BHN-13 PHOENIX-BHN-13 Datasheet
41Kb / 2P
Nut, hexagonal, 13 mm
logo
FIBOX Enclosing innovat...
7016408 FIBOX-7016408 Datasheet
46Kb / 1P
Hexagonal lock nut
16.08.2023
7016409 FIBOX-7016409 Datasheet
46Kb / 1P
Hexagonal lock nut
16.08.2023
7016411 FIBOX-7016411 Datasheet
47Kb / 1P
Hexagonal lock nut
16.08.2023
7016412 FIBOX-7016412 Datasheet
47Kb / 1P
Hexagonal lock nut
16.08.2023
7016413 FIBOX-7016413 Datasheet
46Kb / 1P
Hexagonal lock nut
16.08.2023
7016414 FIBOX-7016414 Datasheet
46Kb / 1P
Hexagonal lock nut
16.08.2023
7016415 FIBOX-7016415 Datasheet
47Kb / 1P
Hexagonal lock nut
16.08.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com