Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDD-A5642RI Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LDD-A5642RI
Description  0.56 SEVEN SEGMENT, DUAL DIGIT DISPLAY, 585nm GREEN CHIPS, WITH MILKY WHITE DIFFUSED SEGMENTS, GRAY FACE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LDD-A5642RI Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LDD-A5642RI Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - LDD-A5642RI

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
LDD-A5642RI LUMEX-LDD-A5642RI Datasheet
59Kb / 1P
   0.56 SEVEN SEGMENT, DUAL DIGIT DISPLAY
More results

Similar Description - LDD-A5642RI

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
LDT-M2804RI LUMEX-LDT-M2804RI Datasheet
99Kb / 2P
   0.28 THREE DIGIT SEVEN SEGMENT DISPLAY, RED CHIPS, GRAY FACE, WHITE DIFFUSED SEGMENTS.
logo
List of Unclassifed Man...
LDS-SMC5602RD-TR ETC1-LDS-SMC5602RD-TR Datasheet
69Kb / 1P
   0.56 SINGLE DIGIT SEVEN SEGMENT DISPLAY SURFACE MOUNT, 565nm GREEN CHIPS, BLACK FACE, MILKY WHITE DIFFUSED
LDQ-M282RI ETC1-LDQ-M282RI Datasheet
82Kb / 1P
   0.28 inch FOUR DIGT, SEVEN SEGMENT DISPLAY, GREEN, GRAY FACE WITH MILKY WHITE DIFFUSED SEGMENTS
LDD-A813RI ETC1-LDD-A813RI Datasheet
46Kb / 1P
   0.80 SEVEN SEGMENT, DUAL DIGIT DISPLAY, 585nm YELLOW CHIPS, GRAY FACE WITH WHITE SEGMENTS, COMMON ANODE, RIGHT DECIMAL PLACES.
logo
LUMEX INC.
LDS-A6004RI LUMEX-LDS-A6004RI Datasheet
71Kb / 1P
   635nm RED CHIPS WITH GRAY FACE MILKY WHITE DIFFUSED SEGMENTS
LDS-A6006RI LUMEX-LDS-A6006RI Datasheet
71Kb / 1P
   660nm RED CHIPS WITH GRAY FACE, MILKY WHITE DIFFUSED SEGMENTS
LDQ-M282RI LUMEX-LDQ-M282RI Datasheet
81Kb / 1P
   GREEN, GRAY FACE WITH MILKY WHITE DIFFUSED SEGMENTS
LDQ-N282RI LUMEX-LDQ-N282RI Datasheet
138Kb / 1P
   GREEN, GRAY FACE WITH MILKY WHITE DIFFUSED SEGMENTS
LDS-AA404RI LUMEX-LDS-AA404RI Datasheet
75Kb / 1P
   635nm RED CHIPS, GRAY FACE, MILKY WHITE DIFFUSED SEGMENTS
LDS-AA402RI LUMEX-LDS-AA402RI Datasheet
74Kb / 1P
   565nm GREEB CHIPS, GRAY FACE, MILKY WHITE DIFFUSED SEGMENTS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com