Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SEL4014 Datasheet(PDF) 1 Page - Sanken electric

Part # SEL4014
Description  4phi Round Wide-directivity LED (Direct Mount)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SEL4014 Datasheet(HTML) 1 Page - Sanken electric

  SEL4014 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
18
Forward voltage
VF
Condition
(V)
IF
typ
max
(mA)
Part
Number
Lens color
Reverse current
IR
Condition
(
µA)
VR
max
(V)
Intensity
IV
Condition
(mcd)
IF
typ
(mA)
Peak wavelength
λP Condition
(nm)
IF
typ
(mA)
Spectrum half width
∆λ Condition
(nm)
IF
typ
(mA)
Chip
material
Emitting color
4
φ Round Wide-directivity LED (Direct Mount)
SEL4014 Series
Directivity (Typical)
External Dimensions
Symbol
Unit
Rating
Condition
IF
mA
30
∆IF
mA/
°C
−0.45
Above 25
°C
IFP
mA
100
f=1kHz, tw
≤100
µs
VR
V3
Top
°C
−30 to +85
Tstg
°C
−30 to 100
Absolute maximum ratings (Ta=25
°C)
SEL4014 Series
2.0
1.9
1.9
1.9
2.0
2.0
2.0
SEL4114S
SEL4114R
SEL4214S
SEL4214R
SEL4814A
SEL4814D
SEL4914A
SEL4914D
SEL4714K
SEL4714Y
SEL4414E
SEL4414G
SEL4514C
Transparent red
Diffused red
Transparent red
Diffused red
Transparent orange
Diffused orange
Transparent orange
Diffused orange
Transparent yellow
Diffused yellow
Transparent green
Diffused green
Clear
Electrical Optical characteristics (Ta=25
°C)
3.8
2.8
40
24
20
15
26
11
38
27
69
48
26
2.5
2.5
2.5
2.5
2.5
2.5
2.5
10
10
10
10
10
10
10
50
50
50
50
50
50
50
3
3
3
3
3
3
3
10
20
10
10
10
20
20
700
630
610
587
570
560
555
10
10
10
10
10
10
10
100
35
35
33
30
20
20
10
10
10
10
10
10
10
Diffuse lens
Transparent lens
90
°
60
°
30
°
0
°
90
°
60
°
30
°
0
50
100%
50
100%
90
°
60
°
30
°
0
°
90
°
60
°
30
°
0
50
100%
50
100%
2.2
Resin heap 0.8max
1.0min
24.5min
5.0±
0.2
(1.5)
0.4±
0.1
Cathode
Deep red
Red
Amber
Orange
Yellow
Green
Pure green
GaP
GaAsP
GaP
Tolerance:
±0.3
(Unit: mm)


Similar Part No. - SEL4014

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SEL4014 SANKEN-SEL4014 Datasheet
427Kb / 2P
4phi Round Wide Viewing Angle LEDs
SEL4014 SANKEN-SEL4014_08 Datasheet
427Kb / 2P
4phi Round Wide Viewing Angle LEDs
More results

Similar Description - SEL4014

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SEL1010XM SANKEN-SEL1010XM Datasheet
26Kb / 1P
5phi Round Wide-directivity LED
SEL1015 SANKEN-SEL1015 Datasheet
24Kb / 1P
5f Round Narrow-directivity LED
SEL1050M SANKEN-SEL1050M Datasheet
26Kb / 1P
5phi Round Narrow-directivity LED (Direct Mount)
SEL2015 SANKEN-SEL2015 Datasheet
26Kb / 1P
3phi Round Narrow-directivity LED
SEL4010 SANKEN-SEL4010 Datasheet
26Kb / 1P
4phi Round Standard LED
SEL6010 SANKEN-SEL6010 Datasheet
26Kb / 1P
3phi Round LED (Direct Mount)
SEL6014 SANKEN-SEL6014 Datasheet
25Kb / 1P
3phi Round Wide-directivity LED (Direct Mount)
SEL6015 SANKEN-SEL6015 Datasheet
25Kb / 1P
3phi Round Narrow-directivity LED (Direct Mount)
SEL6027 SANKEN-SEL6027 Datasheet
27Kb / 1P
4phi Bow-shaped LED (Direct Mount)
SEL4014 SANKEN-SEL4014_08 Datasheet
427Kb / 2P
4phi Round Wide Viewing Angle LEDs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com