Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SEL1015 Datasheet(PDF) 1 Page - Sanken electric

Part # SEL1015
Description  5f Round Narrow-directivity LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SEL1015 Datasheet(HTML) 1 Page - Sanken electric

  SEL1015 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
14
Forward voltage
VF
Condition
(V)
IF
typ
max
(mA)
Part
Number
Lens color
Reverse current
IR
Condition
(
µA)
VR
max
(V)
Intensity
IV
Condition
(mcd)
IF
typ
(mA)
Peak wavelength
λP Condition
(nm)
IF
typ
(mA)
Spectrum half width
∆λ Condition
(nm)
IF
typ
(mA)
Chip
material
Emitting color
1.75
SEL1615C
5
φ Round Narrow-directivity LED
SEL1015 Series
Clear
Electrical Optical characteristics (Ta=25
°C)
700
Directivity (Typical)
External Dimensions
SEL1015 Series
2.2
10
100
3
20
660
10
30
10
Symbol
Unit
Rating
Condition
IF
mA
30
∆IF
mA/
°C
−0.45
Above 25
°C
IFP
mA
100
f=1kHz, tw
≤100
µs
VR
V3
Top
°C
−30 to +85
Tstg
°C
−30 to +100
Absolute maximum ratings (Ta=25
°C)
90
°
60
°
30
°
0
°
90
°
60
°
30
°
0
50
100%
50
100%
ø
5.6±
0.2
20.0min 5.5±
0.5
8.2±
0.2
19.0min 0.8
(1.0)
Cathode
Resin heap 1.5max
0.5
GaAIAs
Tolerance:
±0.3
(Unit: mm)
High-
intensity red


Similar Part No. - SEL1015

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SEL1010 SANKEN-SEL1010 Datasheet
27Kb / 1P
5phi Round Standard LED (With Stopper)
SEL1010 SANKEN-SEL1010 Datasheet
426Kb / 2P
5phi Round Standard LED (With Stopper)
SEL1010M SANKEN-SEL1010M Datasheet
24Kb / 1P
5phi Round Standard LED
SEL1010M SANKEN-SEL1010M_08 Datasheet
435Kb / 2P
5phi Round Standard LEDs
SEL1010XM SANKEN-SEL1010XM Datasheet
26Kb / 1P
5phi Round Wide-directivity LED
More results

Similar Description - SEL1015

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SEL1010XM SANKEN-SEL1010XM Datasheet
26Kb / 1P
5phi Round Wide-directivity LED
SEL1050M SANKEN-SEL1050M Datasheet
26Kb / 1P
5phi Round Narrow-directivity LED (Direct Mount)
SEL2015 SANKEN-SEL2015 Datasheet
26Kb / 1P
3phi Round Narrow-directivity LED
SEL4014 SANKEN-SEL4014 Datasheet
26Kb / 1P
4phi Round Wide-directivity LED (Direct Mount)
SEL6014 SANKEN-SEL6014 Datasheet
25Kb / 1P
3phi Round Wide-directivity LED (Direct Mount)
SEL6015 SANKEN-SEL6015 Datasheet
25Kb / 1P
3phi Round Narrow-directivity LED (Direct Mount)
logo
OptoSupply Internationa...
OSOOJ25111A OPTOSUPPLY-OSOOJ25111A Datasheet
112Kb / 1P
5mm Round Orange &Orange LED 5mm Round Standard Directivity
OSV5YL8131A OPTOSUPPLY-OSV5YL8131A Datasheet
103Kb / 1P
8mm Round Violet LED 8mm Round Standard Directivity High Luminous LEDs
logo
Rohm
SML-S1 ROHM-SML-S1 Datasheet
1Mb / 9P
Narrow directivity and high brightness
logo
KODENSHI_AUK CORP.
BL15-1212H KODENSHI-BL15-1212H Datasheet
113Kb / 3P
narrow directivity
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com