Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H-102C Datasheet(PDF) 1 Page - Bivar, Inc.

Part # H-102C
Description  LED HOLDER, 90° MOUNT, INTERLOCKING VARIABLE DIAMETER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BIVAR [Bivar, Inc.]
Direct Link  https://www.bivar.com/
Logo BIVAR - Bivar, Inc.

H-102C Datasheet(HTML) 1 Page - Bivar, Inc.

  H-102C Datasheet HTML 1Page - Bivar, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Recommended Mounting Holes
0.100 [2.5mm]
Holder Faces
Ø.032
+.003
-.002
H-100C
H-101C
H-102C
H-103C
TYP.
0.185 [4.7mm]
Holder Pitch
LED Lead
0.172 [4.4mm]
.132 (3.4mm)
.150 (3.8mm)
.132 (3.4mm)
.150 (3.8mm)
.132 (3.4mm)
.150 (3.8mm)
.132 (3.4mm)
.150 (3.8mm)
DIA
PART NO.
H-103C
H-103C-1
H-102C-1
H-101C-1
H-102C
H-101C
H-100C
H-100C-1
1. GENERAL SPECIFICATIONS: BIVAR MOLDED COMPONENT SPECIFICATION BV00-E101.
STANDARD TOLERANCE
( UNLESS OTHERWISE SPECIFIED )
M. Chen
D. Green
CHECKED:
.XX
± .01
.XXX
± .005
.X
± .1
DECIMALS
DESIGNED:
H-10XC-X
J
01/21/03
CAD GENERATED DOCUMENT, DO NOT MEASURE DRAWING.
CAGE CODE : 32559
01/21/03
DATE:
1
1
SHEET #
OF
TEL: (949) 951-8808
FAX: (949) 951-3974
4 THOMAS, IRVINE, CA. 92618
T-1 (3mm) LED HOLDER, 90° MOUNT,
INTERLOCKING VARIABLE DIAMETER
PART NO:
TITLE:
± 1°
ANGULAR
DATE:
®
REVISION:
REV.
DESCRIPTION
DATE
APPROVED
2. MATERIAL 1: NYLON 6/6, 94V-0, BLACK.
0.28 [7.2mm]
0.25 [6.4mm]
0.20 [5.1mm]
0.025 [0.6mm]
0.080 [2.0mm]
REF.
0.050 [1.3mm]
REF.
0.145 [3.7mm]
0.125 [3.2mm]
0.010 [0.3mm]
0.045 [1.1mm]
0.17 [4.3mm]
R.005 [R0.1mm]
SECTION B-B
0.050 [1.3mm]
B
B
DIA
F
Added Note 4
06/19/09
T. Y.
G
Updated Note 4 with Table 3
07/27/10
T. Y.
0.078 [2.0mm]
H
Remove PPS and GF30 Material
11/02/11
T. Y.
J
Removed Material Code
05/28/16
J. C.


Similar Part No. - H-102C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H-102C ETC2-H-102C Datasheet
219Kb / 1P
T-1(3mm) LED HOLDER, 90 MOUNT, INTERLOCKING VARIABLE DIAMETER
logo
Bivar, Inc.
H-102C BIVAR-H-102C Datasheet
60Kb / 1P
LED HOLDER, 90° MOUNT, INTERLOCKING VARIABLE DIAMETER
01/21/03
H-102C BIVAR-H-102C Datasheet
60Kb / 1P
LED HOLDER, 90° MOUNT, INTERLOCKING VARIABLE DIAMETER
01/21/03
H-102C BIVAR-H-102C Datasheet
60Kb / 1P
LED HOLDER, 90° MOUNT, INTERLOCKING VARIABLE DIAMETER
01/21/03
H-102C BIVAR-H-102C Datasheet
60Kb / 1P
LED HOLDER, 90° MOUNT, INTERLOCKING VARIABLE DIAMETER
01/21/03
More results

Similar Description - H-102C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H-100C-1 ETC2-H-100C-1 Datasheet
219Kb / 1P
T-1(3mm) LED HOLDER, 90 MOUNT, INTERLOCKING VARIABLE DIAMETER
H-175C ETC2-H-175C Datasheet
84Kb / 1P
T-1 (5mm) LED HOLDER INTERLOCKING VARIABLE DIAMETER
logo
Bivar, Inc.
H-100C BIVAR-H-100C Datasheet
60Kb / 1P
LED HOLDER, 90° MOUNT, INTERLOCKING VARIABLE DIAMETER
01/21/03
H-101C-1 BIVAR-H-101C-1 Datasheet
60Kb / 1P
LED HOLDER, 90° MOUNT, INTERLOCKING VARIABLE DIAMETER
01/21/03
H-101C-EL BIVAR-H-101C-EL Datasheet
59Kb / 1P
LED HOLDER, 90° MOUNT, INTERLOCKING VARIABLE DIAMETER
04/16/03
H-101C BIVAR-H-101C Datasheet
60Kb / 1P
LED HOLDER, 90° MOUNT, INTERLOCKING VARIABLE DIAMETER
01/21/03
H-102C BIVAR-H-102C Datasheet
60Kb / 1P
LED HOLDER, 90° MOUNT, INTERLOCKING VARIABLE DIAMETER
01/21/03
H-103C BIVAR-H-103C Datasheet
60Kb / 1P
LED HOLDER, 90° MOUNT, INTERLOCKING VARIABLE DIAMETER
01/21/03
H-130C-1-120 BIVAR-H-130C-1-120 Datasheet
55Kb / 1P
LED HOLDER INTERLOCKING VARIABLE CENTERLINE
01/21/03
H-130C-1-140 BIVAR-H-130C-1-140 Datasheet
55Kb / 1P
LED HOLDER INTERLOCKING VARIABLE CENTERLINE
01/21/03
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com