Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BT152-600R Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BT152-600R
Description  Thyristors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BT152-600R Datasheet(HTML) 1 Page - NXP Semiconductors

  BT152-600R Datasheet HTML 1Page - NXP Semiconductors BT152-600R Datasheet HTML 2Page - NXP Semiconductors BT152-600R Datasheet HTML 3Page - NXP Semiconductors BT152-600R Datasheet HTML 4Page - NXP Semiconductors BT152-600R Datasheet HTML 5Page - NXP Semiconductors BT152-600R Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Philips Semiconductors
Product specification
Thyristors
BT152 series
GENERAL DESCRIPTION
QUICK REFERENCE DATA
Glass passivated thyristors in a plastic
SYMBOL
PARAMETER
MAX.
MAX.
MAX. UNIT
envelope,
intended
for
use
in
applications
requiring
high
BT152-
400R
600R
800R
bidirectional
blocking
voltage
V
DRM,
Repetitive peak off-state
450
650
800
V
capability and high thermal cycling
V
RRM
voltages
performance.
Typical
applications
I
T(AV)
Average on-state current
13
13
13
A
include motor control, industrial and
I
T(RMS)
RMS on-state current
20
20
20
A
domestic lighting, heating and static
I
TSM
Non-repetitive peak on-state
200
200
200
A
switching.
current
PINNING - TO220AB
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
cathode
2
anode
3
gate
tab
anode
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
-400R -600R -800R
V
DRM
Repetitive peak off-state
-
450
1
650
1
800
V
voltages
I
T(AV)
Average on-state current
half sine wave; T
mb ≤ 103 ˚C
-
13
A
I
T(RMS)
RMS on-state current
all conduction angles
-
20
A
I
TSM
Non-repetitive peak
half sine wave; T
j = 25 ˚C prior to
on-state current
surge
t = 10 ms
-
200
A
t = 8.3 ms
-
220
A
I
2tI2t for fusing
t = 10 ms
-
200
A
2s
dI
T/dt
Repetitive rate of rise of
I
TM = 50 A; IG = 0.2 A;
-
200
A/
µs
on-state current after
dI
G/dt = 0.2 A/µs
triggering
I
GM
Peak gate current
-
5
A
V
GM
Peak gate voltage
-
5
V
V
RGM
Peak reverse gate voltage
-
5
V
P
GM
Peak gate power
-
20
W
P
G(AV)
Average gate power
over any 20 ms period
-
0.5
W
T
stg
Storage temperature
-40
150
˚C
T
j
Operating junction
-
125
˚C
temperature
ak
g
12 3
tab
1 Although not recommended, off-state voltages up to 800V may be applied without damage, but the thyristor may
switch to the on-state. The rate of rise of current should not exceed 15 A/
µs.
March 1997
1
Rev 1.200


Similar Part No. - BT152-600R

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
BT152-600R COMSET-BT152-600R Datasheet
172Kb / 3P
THYRISTORS
logo
Continental Device Indi...
BT152-600R CDIL-BT152-600R Datasheet
340Kb / 3P
THYRISTOR
logo
Inchange Semiconductor ...
BT152-600R ISC-BT152-600R Datasheet
249Kb / 1P
isc Thyristors
logo
WeEn Semiconductors
BT152-600R WEEN-BT152-600R Datasheet
259Kb / 12P
SCR
More results

Similar Description - BT152-600R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT151X PHILIPS-BT151X Datasheet
46Kb / 11P
Thyristors
Rev. 04-9 June 2004
BT152B PHILIPS-BT152B Datasheet
48Kb / 6P
Thyristors
September 1997 Rev 1.100
BT300 PHILIPS-BT300 Datasheet
44Kb / 6P
Thyristors
September 1997 Rev 1.100
logo
List of Unclassifed Man...
HBT169M ETC-HBT169M Datasheet
49Kb / 4P
THYRISTORS
logo
NXP Semiconductors
BT151UC PHILIPS-BT151UC Datasheet
43Kb / 6P
Thyristors
April 2004-Rev 1.000
logo
STMicroelectronics
TYN054 STMICROELECTRONICS-TYN054 Datasheet
105Kb / 4P
THYRISTORS
logo
Inchange Semiconductor ...
MCR100-6 ISC-MCR100-6 Datasheet
42Kb / 1P
Thyristors
BT151-600 ISC-BT151-600 Datasheet
54Kb / 1P
Thyristors
logo
Comset Semiconductor
BT151 COMSET-BT151 Datasheet
172Kb / 3P
THYRISTORS
logo
Inchange Semiconductor ...
TYN610F ISC-TYN610F Datasheet
275Kb / 2P
Thyristors
logo
New Jersey Semi-Conduct...
BT169D NJSEMI-BT169D Datasheet
80Kb / 1P
Thyristors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com