Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BT151-800R Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BT151-800R
Description  Thyristors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BT151-800R Datasheet(HTML) 6 Page - NXP Semiconductors

  BT151-800R Datasheet HTML 1Page - NXP Semiconductors BT151-800R Datasheet HTML 2Page - NXP Semiconductors BT151-800R Datasheet HTML 3Page - NXP Semiconductors BT151-800R Datasheet HTML 4Page - NXP Semiconductors BT151-800R Datasheet HTML 5Page - NXP Semiconductors BT151-800R Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Philips Semiconductors
Product specification
Thyristors
BT151 series
DEFINITIONS
Data sheet status
Objective specification
This data sheet contains target or goal specifications for product development.
Preliminary specification This data sheet contains preliminary data; supplementary data may be published later.
Product specification
This data sheet contains final product specifications.
Limiting values
Limiting values are given in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one
or more of the limiting values may cause permanent damage to the device. These are stress ratings only and
operation of the device at these or at any other conditions above those given in the Characteristics sections of
this specification is not implied. Exposure to limiting values for extended periods may affect device reliability.
Application information
Where application information is given, it is advisory and does not form part of the specification.
© Philips Electronics N.V. 1997
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the
copyright owner.
The information presented in this document does not form part of any quotation or contract, it is believed to be
accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any
consequence of its use. Publication thereof does not convey nor imply any license under patent or other
industrial or intellectual property rights.
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices or systems where malfunction of these
products can be reasonably expected to result in personal injury. Philips customers using or selling these products
for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting
from such improper use or sale.
September 1997
6
Rev 1.200


Similar Part No. - BT151-800R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT151-800R NXP-BT151-800R Datasheet
161Kb / 11P
   SCR, 12 A, 15mA, 800 V, SOT78
Rev. 05-2 March 2009
logo
Comset Semiconductor
BT151-800R COMSET-BT151-800R Datasheet
172Kb / 3P
   THYRISTORS
logo
DIYI Electronic Technol...
BT151-800R DYELEC-BT151-800R Datasheet
2Mb / 5P
   Typical applications include motor control
logo
Inchange Semiconductor ...
BT151-800R ISC-BT151-800R Datasheet
207Kb / 1P
   isc Thyristors
logo
WeEn Semiconductors
BT151-800R WEEN-BT151-800R Datasheet
297Kb / 12P
   SCR
More results

Similar Description - BT151-800R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HBT169M ETC-HBT169M Datasheet
49Kb / 4P
   THYRISTORS
logo
NXP Semiconductors
BT151X PHILIPS-BT151X Datasheet
46Kb / 11P
   Thyristors
Rev. 04-9 June 2004
BT152B PHILIPS-BT152B Datasheet
48Kb / 6P
   Thyristors
September 1997 Rev 1.100
BT300 PHILIPS-BT300 Datasheet
44Kb / 6P
   Thyristors
September 1997 Rev 1.100
logo
Inchange Semiconductor ...
TYN610F ISC-TYN610F Datasheet
275Kb / 2P
   Thyristors
logo
NXP Semiconductors
BT151UC PHILIPS-BT151UC Datasheet
43Kb / 6P
   Thyristors
April 2004-Rev 1.000
logo
Inchange Semiconductor ...
BT151-600 ISC-BT151-600 Datasheet
54Kb / 1P
   Thyristors
MCR100-6 ISC-MCR100-6 Datasheet
42Kb / 1P
   Thyristors
logo
STMicroelectronics
TYN054 STMICROELECTRONICS-TYN054 Datasheet
105Kb / 4P
   THYRISTORS
logo
New Jersey Semi-Conduct...
BT169D NJSEMI-BT169D Datasheet
80Kb / 1P
   Thyristors
logo
Comset Semiconductor
BT151 COMSET-BT151 Datasheet
172Kb / 3P
   THYRISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com