Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES-020 Datasheet(PDF) 2 Page - Black Box Registered Trademark

Part # ES-020
Description  ES-020 ETHERNET TO SERIAL DEVICE SERVER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLACKBOX [Black Box Registered Trademark]
Direct Link  https://www.blackbox.com/en-us
Logo BLACKBOX - Black Box Registered Trademark

ES-020 Datasheet(HTML) 2 Page - Black Box Registered Trademark

  ES-020 Datasheet HTML 1Page - Black Box Registered Trademark ES-020 Datasheet HTML 2Page - Black Box Registered Trademark ES-020 Datasheet HTML 3Page - Black Box Registered Trademark ES-020 Datasheet HTML 4Page - Black Box Registered Trademark  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
+44(0) 151 220 2500 sales@brainboxes.com www.brainboxes.com
ES-020 Ethernet 1 Port RS232 10xScrew Terminals
Port
Ports
1 port RS232
Connector
Screw terminal block connector - 0.1 inch pitch
Power Input
5 - 30V DC input, reverse polarity protected
Power Consumption
0.76W Typical
29
97
77
101
ETHERNET
TO SERIAL
STATUS
NETWORK
PORT 1
RESET
ETHERNET
5-30V
V V
PORT 1
RS232
ES-020
1xRS232
LED Information
Status LED
Green
Device Ready
Flashing Yellow
Changing Settings
Flashing between Red & Green
Querying IP
Flashing Green/Red
User performing Hard Reset
Flashing between Green & Red/Yellow
IP address diagnostic
Flashing between Green & Yellow
Initialization diagnostic
Serial Port LEDs
Green light on
Port Open
Flashing Green
Data RX / TX
Network LED
Green light on
Link Established
Flashing Green
Data RX / TX


Similar Part No. - ES-020

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
ES-08-25 PF-ES-08-25 Datasheet
93Kb / 1P
   Accessories
ES-08-50 PF-ES-08-50 Datasheet
93Kb / 1P
   Accessories
More results

Similar Description - ES-020

ManufacturerPart #DatasheetDescription
logo
Black Box Registered Tr...
ES-246 BLACKBOX-ES-246 Datasheet
956Kb / 4P
   ES-246 ETHERNET TO SERIAL DEVICE SERVER Ethernet 1 Port RS232
ES-257 BLACKBOX-ES-257 Datasheet
1Mb / 4P
   ES-257 ETHERNET TO SERIAL DEVICE SERVER Ethernet 2 Port RS232
ES-279 BLACKBOX-ES-279 Datasheet
944Kb / 4P
   ES-279 ETHERNET TO SERIAL DEVICE SERVER Ethernet 8 Port RS232
ES-320 BLACKBOX-ES-320 Datasheet
527Kb / 4P
   ES-320 ETHERNET TO SERIAL DEVICE SERVER Ethernet 1 Port RS422/485
ES-313 BLACKBOX-ES-313 Datasheet
541Kb / 4P
   ES-313 ETHERNET TO SERIAL DEVICE SERVER Ethernet 2 Port RS422/485
ES-346 BLACKBOX-ES-346 Datasheet
636Kb / 4P
   ES-346 ETHERNET TO SERIAL DEVICE SERVER Ethernet 4 Port RS422/485
ES-357 BLACKBOX-ES-357 Datasheet
1Mb / 4P
   ES-357 ETHERNET TO SERIAL DEVICE SERVER Ethernet 1 Port RS232 1 Port RS422/485
logo
List of Unclassifed Man...
ES-413 ETC2-ES-413 Datasheet
1Mb / 4P
   ES-413 PoE ETHERNET TO SERIAL DEVICE SERVER Ethernet 2 Port RS422/485 Power Over Ethernet PoE
ES-420 ETC2-ES-420 Datasheet
1Mb / 4P
   ES-420 PoE ETHERNET TO SERIAL DEVICE SERVER Ethernet 1 Port RS422/485 Power Over Ethernet PoE
logo
ORing Industrial Networ...
IDS-312L ORING-IDS-312L Datasheet
277Kb / 4P
   Industrial secure serial port to Ethernet device server
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com