![]() |
Electronic Components Datasheet Search |
|
ES-020 Datasheet(PDF) 1 Page - Black Box Registered Trademark |
|
|
ES-020 Datasheet(HTML) 1 Page - Black Box Registered Trademark |
1 / 4 page ![]() Connect, Configure, Control GB AEOF 00031/11 ES-020 ETHERNET TO SERIAL DEVICE SERVER Ethernet 1 Port RS232 10xScrew Terminals CONNECT, CONFIGURE, CONTROL YOUR SERIAL DEVICES • 1 port RS232 • Max baud rate 1,000,000 1 MegaBaud • 10/100Base TX Ethernet port • User friendly interface, simple to use, powerful in operation • Web configuration and RFC2217 compliant interface for non-Windows users • IP-30 rated enclosure • LED status indication • Optional DIN rail mounting kit • Serial Port Tunneling (individually configurable) allows serial cable replace- ment over any distance, no software required • Simple operation for each and every operating system! Ethernet 1 Port RS232 10xScrew Terminals Blocks perfect for industrial applications. Data transfer rates up to 1,000,000 Baud, coupled with 1Mbit/s line drivers deliver uncompromising performance. Our ES range provides simple instant networked serial ports. A web in- terface allows secure configuration and control of the serial ports over a local network or the internet using any browser. For Windows our in-house designed 32 bit and 64 bit driver gives you local COM ports, retaining existing software applications and allowing you to connect across your network to remote devices just as if they were attached locally. You can access the device via TCP/IP sockets from any networked device like an Android tablet, PC or phone. Serial Port Tunneling individually configurable allows serial cable replace- ment over any distance, no software required. On Windows OS TCP/IP sockets are handled by the Winsock API, this will differ on other OSs. Suitable to be wired into existing power and network infrastructure or can be used with our PW-600 power supply . Windows Users - Our software drivers gives you local COM ports, allowing you to retain your existing software applications and connect to your devices over the network. COM Port can be assigned from COM1 to COM255 and the Brainboxes Ethernet to serial device remembers your COM Port assignment on reboots. Web Interface Users (Linux/Apple OS/Android) - Alternatively access the device via TCP/IP socket from any networked device. Configure options via web interface. Extend your reach! Remote serial devices with local control. With Brainboxes industry renowned Lifetime Warranty and Lifetime Support! |
Similar Part No. - ES-020 |
|
Similar Description - ES-020 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |