Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES-020 Datasheet(PDF) 3 Page - Black Box Registered Trademark

Part # ES-020
Description  ES-020 ETHERNET TO SERIAL DEVICE SERVER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BLACKBOX [Black Box Registered Trademark]
Direct Link  https://www.blackbox.com/en-us
Logo BLACKBOX - Black Box Registered Trademark

ES-020 Datasheet(HTML) 3 Page - Black Box Registered Trademark

  ES-020 Datasheet HTML 1Page - Black Box Registered Trademark ES-020 Datasheet HTML 2Page - Black Box Registered Trademark ES-020 Datasheet HTML 3Page - Black Box Registered Trademark ES-020 Datasheet HTML 4Page - Black Box Registered Trademark  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
+1 855 958 2502 sales@brainboxes.com www.brainboxes.com
Port Settings - Ethernet
Data Rate
10/100 Mega bits/second
Cabling
Normal / Crossover auto-sensing (Auto-MDIX)
Software
Network Protocols
Configuration Options
OS Compatibility
Connection to Network
ICMP, IP, TCP, DHCP, BOOTP, Telnet, HTTP, RFC2217
Windows Utility, Web Interface
Microsoft Windows 10 32 bit & 64 bit Editions / Microsoft Windows 8 32 bit & 64 bit Editions / Microsoft
Windows 7 32 bit & 64 bit Editions / Windows Server 2008 32 bit & 64 bit Editions / Windows Vista 32 bit
& 64 bit Editions / Windows XP 32 bit & 64 bit Editions / Microsoft Windows 2000 /Fully RFC2217
compliant / Interface for other OS’s & Linux
Ethernet 10BaseT / 100BaseTX
Port Settings - RS232
Baud Rate
From 110 - 1,000,000 1 MegaBaud
Data Bits
5,6,7 or 8
Parity
Odd, Even, None, Mark or Space
Stop Bits
1 or 2
Flow Control
RTS/CTS, DSR/DTR, XON/XOFF
Tx/Rx Modes
Point to Point
Standards Available with
Screw Terminals Versions
ES-020 : RS232
ES-357 : RS232 +
RS422/485
RS232 Standard: RS232 allows point to point communication between 2 devices.
RS422 Standard: RS422 allows one transmitter and up to 10 receivers with data transmitter rates up to 10
megabits per second for distances up to 40 feet and up to 100 Kilobits per second for distances up to 4,000
feet (1219 metres).
To achieve good long distance noise immunity, 2 wires are used to carry each signal, configured as a twisted
pair of cables. The TXD pair and RXD pair are used to carry the data whilst the RTS pair and CTS pair lines are
used for handshaking. Thus 2 twisted pairs are used without handshaking and 4 twisted pair cable is used with
handshaking both these schemes allow full duplex data communications.
RS485 Standard: RS485, based on the RS422 standard allows up to 32 driver/receivers pairs on a standard
load or 128 low load devices per port can be connected. Whilst only one of these should be transmitting data
at any time, the rest can all simultaneously listen to the data. Handshaking is performed by software protocol.
Two twisted pairs form a full duplex system.
Often only one twisted pair cable is used as the TXD and RXD lines are tied together; this is known as
half duplex mode. Brainboxes RS422/485 products implement a state of the art hardware autogating circuit
ensuring error free communications in half duplex configurations.
Environmental
Operating Temperature
Storage Temperature
Ambient Relative Humidity
Housing
-10
℃ to 60℃
-10 to 60
oc
5 to 95% (non-condensing)
IP-30 rated case
Approvals
Industry Approvals
Microsoft Approvals
Microsoft Signed Drivers
AEO C-TPAT Microsoft Certified Gold Partner WEEE RoHS EMC: CE TAA
Microsoft Certified Gold Partner
Windows 11 32 bit & 64 bit Editions
Windows 10 32 bit & 64 bit Editions
Windows 8 32 bit & 64 bit Editions
Windows 7 32 bit & 64 bit Editions
Windows Vista 32 bit & 64 bit Editions
Windows XP 32 bit & 64 bit Editions
Windows 2000
ES-020 Ethernet 1 Port RS232 10xScrew Terminals


Similar Part No. - ES-020

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
ES-08-25 PF-ES-08-25 Datasheet
93Kb / 1P
   Accessories
ES-08-50 PF-ES-08-50 Datasheet
93Kb / 1P
   Accessories
More results

Similar Description - ES-020

ManufacturerPart #DatasheetDescription
logo
Black Box Registered Tr...
ES-246 BLACKBOX-ES-246 Datasheet
956Kb / 4P
   ES-246 ETHERNET TO SERIAL DEVICE SERVER Ethernet 1 Port RS232
ES-257 BLACKBOX-ES-257 Datasheet
1Mb / 4P
   ES-257 ETHERNET TO SERIAL DEVICE SERVER Ethernet 2 Port RS232
ES-279 BLACKBOX-ES-279 Datasheet
944Kb / 4P
   ES-279 ETHERNET TO SERIAL DEVICE SERVER Ethernet 8 Port RS232
ES-320 BLACKBOX-ES-320 Datasheet
527Kb / 4P
   ES-320 ETHERNET TO SERIAL DEVICE SERVER Ethernet 1 Port RS422/485
ES-313 BLACKBOX-ES-313 Datasheet
541Kb / 4P
   ES-313 ETHERNET TO SERIAL DEVICE SERVER Ethernet 2 Port RS422/485
ES-346 BLACKBOX-ES-346 Datasheet
636Kb / 4P
   ES-346 ETHERNET TO SERIAL DEVICE SERVER Ethernet 4 Port RS422/485
ES-357 BLACKBOX-ES-357 Datasheet
1Mb / 4P
   ES-357 ETHERNET TO SERIAL DEVICE SERVER Ethernet 1 Port RS232 1 Port RS422/485
logo
List of Unclassifed Man...
ES-413 ETC2-ES-413 Datasheet
1Mb / 4P
   ES-413 PoE ETHERNET TO SERIAL DEVICE SERVER Ethernet 2 Port RS422/485 Power Over Ethernet PoE
ES-420 ETC2-ES-420 Datasheet
1Mb / 4P
   ES-420 PoE ETHERNET TO SERIAL DEVICE SERVER Ethernet 1 Port RS422/485 Power Over Ethernet PoE
logo
ORing Industrial Networ...
IDS-312L ORING-IDS-312L Datasheet
277Kb / 4P
   Industrial secure serial port to Ethernet device server
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com