Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7028036 Datasheet(PDF) 1 Page - FIBOX Enclosing innovations

Part # 7028036
Description  Mounting screw
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIBOX [FIBOX Enclosing innovations]
Direct Link  http://www.fibox.co.kr/
Logo FIBOX - FIBOX Enclosing innovations

7028036 Datasheet(HTML) 1 Page - FIBOX Enclosing innovations

  7028036 Datasheet HTML 1Page - FIBOX Enclosing innovations  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MR 28036EU
Sample image
Order symbol : MR 28036EU
Product nr : 7028036
Description : Mounting screw
EAN : 6418074036315
El. number :
• Finland : 3423913
• Denmark : 8212004485
• Sweden : 7028036
Dimensions :
Height
Width
Depth
Materials :
Ratings :
electrical_insulation :
Not insulated
UV resistance :
-
© Fibox Oy, Data subject to change without notice (printed: 11.08.2023)


Similar Part No. - 7028036

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
70280-0002 MOLEX1-70280-0002 Datasheet
432Kb / 4P
2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Dual Row, Vertical, High Temperature, 4 Circuits, Tin (Sn) Plating, 2.72mm (.107") PC Tail Length
70280-0002 MOLEX11-70280-0002 Datasheet
35Kb / 2P
2.54mm Pitch C-Grid짰 Breakaway Header, Dual Row, Vertical, High Temperature, 4
70280-0003 MOLEX1-70280-0003 Datasheet
432Kb / 4P
2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Dual Row, Vertical, High Temperature, 6 Circuits, Tin (Sn) Plating, 2.72mm (.107") PC Tail Length
70280-0003 MOLEX11-70280-0003 Datasheet
35Kb / 2P
2.54mm Pitch C-Grid짰 Breakaway Header, Dual Row, Vertical, High Temperature, 6
70280-0004 MOLEX1-70280-0004 Datasheet
432Kb / 4P
2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Dual Row, Vertical, High Temperature, 8 Circuits, Tin (Sn) Plating, 2.72mm (.107") PC Tail Length
More results

Similar Description - 7028036

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
3570678 FIBOX-3570678 Datasheet
36Kb / 1P
Mounting screw
31.07.2023
logo
List of Unclassifed Man...
SK-015A ETC2-SK-015A Datasheet
652Kb / 2P
SCREW MOUNTING
logo
Delta Electronics, Inc.
SK-015A DELTA-SK-015A Datasheet
652Kb / 2P
SCREW MOUNTING
logo
FIBOX Enclosing innovat...
4712049 FIBOX-4712049 Datasheet
36Kb / 1P
Mounting screw
26.07.2023
logo
Delta Electronics, Inc.
10C3 DELTA-10C3 Datasheet
102Kb / 2P
SCREW MOUNTING
logo
FIBOX Enclosing innovat...
5514042 FIBOX-5514042 Datasheet
38Kb / 1P
Mounting screw
11.08.2023
logo
Delta Electronics, Inc.
10C2 DELTA-10C2 Datasheet
102Kb / 2P
SCREW MOUNTING
logo
FIBOX Enclosing innovat...
7028549 FIBOX-7028549 Datasheet
52Kb / 1P
Mounting screw M6x8
02.08.2023
logo
Vishay Siliconix
VS-EBU15006HF4 VISHAY-VS-EBU15006HF4 Datasheet
143Kb / 7P
Screw mounting only
Revision: 16-Jun-15
logo
Semikron International
SK50GAL065DEC SEMIKRON-SK50GAL065DEC Datasheet
337Kb / 5P
One Screw Mounting
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com