Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS10N Datasheet(PDF) 3 Page - Highly Electric Co., Ltd

Part # VS10N
Description  SNAP ACTION SWITCH
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIGHLY [Highly Electric Co., Ltd]
Direct Link  https://www.highly-elec.com/
Logo HIGHLY - Highly Electric Co., Ltd

VS10N Datasheet(HTML) 3 Page - Highly Electric Co., Ltd

  VS10N Datasheet HTML 1Page - Highly Electric Co., Ltd VS10N Datasheet HTML 2Page - Highly Electric Co., Ltd VS10N Datasheet HTML 3Page - Highly Electric Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
B15
Design, specifications are subject to change without notice.
HIGHLY
SNAP ACTION SWITCH
Operating Characteristics
Unit: mm
VS10N04
VS10N05
VS10N06
OF
max
115g
RF
min
14 mm
PT
max..
3.7 mm
OT
min.
1.6 mm
MD
max.
1.2 mm
OP
18.7±1.2 mm
OF
max.
230g
RF
min.
45g
PT
max.
1.9 mm
OT
min.
0.6 mm
MD
max.
0.5 mm
OP
20.7±0.6 mm
OF
max.
115g
RF
min.
14g
PT
max.
3.7 mm
OT
min.
1.6 mm
MD
max.
1.2 mm
OP
20.7±1.2 mm
Item
Operating Characteristics
Dimensions


Similar Part No. - VS10N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VS1000 ETC2-VS1000 Datasheet
1Mb / 23P
Ogg Vorbis Player IC with USB and NAND FLASH Interface
logo
VLSI Solution Oy
VS1000 VLSI-VS1000 Datasheet
2Mb / 30P
VS1000 - Ogg Vorbis Player IC with USB and NAND FLASH Interface
Version: 1.52, 2022-01-11
VS1000 VLSI-VS1000 Datasheet
2Mb / 31P
VS1000 Audio Module
Version: 0.72, 2018-09-24
VS1000-MOD VLSI-VS1000-MOD Datasheet
2Mb / 31P
VS1000 Audio Module
Version: 0.72, 2018-09-24
logo
List of Unclassifed Man...
VS1001K ETC2-VS1001K Datasheet
448Kb / 40P
MPEG AUDIO CODEC
More results

Similar Description - VS10N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
Snap Action Switch
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
Snap Action Switch
V-15-1B5 OMRON-V-15-1B5 Datasheet
1Mb / 16P
Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
Snap Action Switch
A-20G OMRON-A-20G Datasheet
988Kb / 8P
Snap Action Switch
logo
Highly Electric Co., Lt...
SRO HIGHLY-SRO Datasheet
7Mb / 4P
SNAP ACTION SWITCH
Z15G HIGHLY-Z15G Datasheet
436Kb / 5P
SNAP ACTION SWITCH
logo
Omron Electronics LLC
VX-5-1A2 OMRON-VX-5-1A2 Datasheet
681Kb / 8P
Snap Action Switch
D2F OMRON-D2F Datasheet
703Kb / 8P
Snap Action Switch
V15G1C25T OMRON-V15G1C25T Datasheet
1Mb / 16P
Snap Action Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com