Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS10N Datasheet(PDF) 1 Page - Highly Electric Co., Ltd

Part # VS10N
Description  SNAP ACTION SWITCH
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIGHLY [Highly Electric Co., Ltd]
Direct Link  https://www.highly-elec.com/
Logo HIGHLY - Highly Electric Co., Ltd

VS10N Datasheet(HTML) 1 Page - Highly Electric Co., Ltd

  VS10N Datasheet HTML 1Page - Highly Electric Co., Ltd VS10N Datasheet HTML 2Page - Highly Electric Co., Ltd VS10N Datasheet HTML 3Page - Highly Electric Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
B13
Design, specifications are subject to change without notice.
HIGHLY
SNAP ACTION SWITCH
Applications
Joystick , TV game , Time recorder , Air conditioner , Food processor ,
Juice maker , Alarm , Mixer , Shredder machine , etc.
Specifications
Product Selection
VS10N □□□
1 2 3
Mounting Holes
Features
Reliability is excellent.
It’s has long life and more operating force can be
applied such as lightly force.
Good feeling and more levers are applied.
                   
Item
Standard
Rating
10A 125V AC or 250V AC
Conforming to standards UL 1054
00: Pin plunger
1. ACTUATOR TYPES
04: Simulated roller lever
01: Short hinge lever
05: Short hinge roller lever
02: Hinge lever
06: Hinge roller lever
03: Long hinge lever
2.CONTACT FORM & COMMON TERMINAL POSITION
Contact Resistance
Dielectric Strength
Between terminals of same polarity AC 1000V (50/60Hz for 1minute)
Between each terminal and non-current-carrying rind parts AC 2000V (
50/60Hz for 1 minute)
Electrically Life
100,000 cycle
Mechanically Life
1,000,000 cycles
15 mΩ max. (initial)
3.TERMINALS TYPE
E88392


Similar Part No. - VS10N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VS1000 ETC2-VS1000 Datasheet
1Mb / 23P
   Ogg Vorbis Player IC with USB and NAND FLASH Interface
logo
VLSI Solution Oy
VS1000 VLSI-VS1000 Datasheet
2Mb / 30P
   VS1000 - Ogg Vorbis Player IC with USB and NAND FLASH Interface
Version: 1.52, 2022-01-11
VS1000 VLSI-VS1000 Datasheet
2Mb / 31P
   VS1000 Audio Module
Version: 0.72, 2018-09-24
VS1000-MOD VLSI-VS1000-MOD Datasheet
2Mb / 31P
   VS1000 Audio Module
Version: 0.72, 2018-09-24
logo
List of Unclassifed Man...
VS1001K ETC2-VS1001K Datasheet
448Kb / 40P
   MPEG AUDIO CODEC
More results

Similar Description - VS10N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
   Snap Action Switch
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
   Snap Action Switch
V-15-1B5 OMRON-V-15-1B5 Datasheet
1Mb / 16P
   Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
   Snap Action Switch
A-20G OMRON-A-20G Datasheet
988Kb / 8P
   Snap Action Switch
logo
Highly Electric Co., Lt...
SRO HIGHLY-SRO Datasheet
7Mb / 4P
   SNAP ACTION SWITCH
Z15G HIGHLY-Z15G Datasheet
436Kb / 5P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
VX-5-1A2 OMRON-VX-5-1A2 Datasheet
681Kb / 8P
   Snap Action Switch
D2F OMRON-D2F Datasheet
703Kb / 8P
   Snap Action Switch
V15G1C25T OMRON-V15G1C25T Datasheet
1Mb / 16P
   Snap Action Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com